Part Number Hot Search : 
BD180 IXP425 FM93C06 IXP425 MFU1206 IRKU71 GWS100 004AF
Product Description
Full Text Search
 

To Download NX3225SC-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units - 19 - 13a_0612_nx3225sc_e nx3225sc for automotive a small surface-mount type crystal unit, ideal for the special requirements of automotive, such as tpms (tire pressure monitoring system). the crystal unit is ideally suited for the clock signal generating source of the transmission unit in a tire wheel that is subject to strong centrifugal force. compact and thin. (3.2 x 2.5 x 0.6 mm typ.) stable frequency characteristics even with a powerful centrifugal force of 2,000 g, as found in the transmission side of tpms applications. high resistance to solder cracking. excellent environmental characteristics, including heat, vibration and shock resistance. lead-free. meets the requirements for re-fow profling using lead-free solder . conforms to aec-q200. features item model nx3225sc nominal frequency 9.8433 to 50 mhz overtone order fundamental frequency tolerance (25 3 c) 15 10 ?6 frequency versus temperature characteristics (with reference to +25 c) 50 10 ?6 operating temperature range ?40 to +125 c storage temperature range ?40 to +125 c equivalent series resistance refer to *1 level of drive 10 w (max. 200 w) load capacitance 8 pf specifcations number std-crs-1 specifcations mm land pattern (t ypical) *#2 and #4 are connected with a cover . (please connect with a gnd. ) 2.2 1.6 1.2 1.4 3.20.1 0.60.1 #1 #2 #4 #3 c0.30 2.50.1 1.0 1.2 1.0 0.7 0.9 0.9 #4 #1 #3 #2 terminal land connections (top view ) dimensions *1 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 9.8433 to 12 300 12 to 20 120 20 to 50 100 please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.


▲Up To Search▲   

 
Price & Availability of NX3225SC-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X