crystal units - 15 - 1503b_NX3225HA_e NX3225HA for oa / av a small surface-mount type crystal unit. compact and thin. (3.2 2.5 0.80 mm) ideal for tablet, tv, game, and etc. meets the requirements for re-fow profling using lead-free solder . features item model NX3225HA nominal frequency 12 to 50 mhz overtone order fundamental frequency tolerance (25 3 c) 20 10 ?6 frequency versus temperature characteristics (with reference to +25 c) 30 10 ?6 operating temperature range ?20 to +70 c storage temperature range ?40 to +85 c equivalent series resistance refer to *1 level of drive 10 w (max. 200 w) load capacitance 8 pf specifcations number std-crt-1 specifcations *1 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 12 to 13 120 13 to 20 80 20 to 50 50 mm 3.20.1 2.50.1 0.75 0.75 1.0 1.0 #1 #2 #4 #3 0.8 max terminal #1, #3 : xtal #2, #4 : nc it is better to connect with a gnd. but nc is also possible. #4 #1 #3 #2 land pattern (typical) 2.2 1.6 1.2 1.4 terminal land connection s (top view ) dimensions please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.
|