Part Number Hot Search : 
LL101C NLAS324 PM6675S M100S 210R0G MSKW2022 1014A A1095
Product Description
Full Text Search
 

To Download NX3225GB-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units - 23 - 12a_0906_nx3225gb_e nx3225gb for automotive a small surface-mount type crystal unit, ideal for an engine control cpu clock; delivering the high reliability that is particularly demanded by automotive. compact and thin. (3.2 x 2.5 x 0.75 mm typ.) high resistance to solder cracking. stable start-up characteristics even under extremely severe environmental conditions. excellent environment-resistant performance, including heat, vibration and shock resistance. meets the requirements for re-fow profling using lead-free solder . conforms to aec-q200. features item model nx3225gb nominal frequency 12 to 50 mhz overtone order fundamental frequency tolerance (25 3 c) 50 10 ?6 frequency versus temperature characteristics (with reference to +25 c) 150 10 ?6 operating temperature range ?40 to +150 c storage temperature range ?40 to +150 c equivalent series resistance refer to *1 level of drive 10 w (max. 200 w) load capacitance 8 pf specifcations number std-cra-2 *if you required 7.98 to 12mhz, please refer to nx3225gd. specifcations mm land pattern (typical) 3.20.1 2.50.1 0.750.15 1.6 1.3 0.6 1.3 0.831 0.994 0.831 0.5 0.18 1.9 2.7 1.5 terminal land connection s (top view) dimensions *1 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 12 to 20 120 20 to 50 100 please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.


▲Up To Search▲   

 
Price & Availability of NX3225GB-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X