Part Number Hot Search : 
TDA84 TS3704I MV5E164 AMA2805D 48507 TOP242R BU4219G EMK12G
Product Description
Full Text Search
 

To Download NX3225GA-16-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units - 22 - 1503b_nx3225ga_e nx3225ga for automotive a surface-mount compact crystal unit suitable for automotive. compact and thin. (3.2 x 2.5 x 0.75 mm typ.) stable start-up characteristics even under extremely severe environmental conditions. excellent environment-resistant performance, including heat, vibration and shock resistance. meets the requirements for re-fow profling using lead-free solder . conforms to aec-q200. features item model nx3225ga nominal frequency 9.8 to 50 mhz overtone order fundamental frequency tolerance (25 3 c) 50 10 ?6 frequency versus temperature characteristics (with reference to +25 c) 150 10 ?6 operating temperature range ?40 to +150 c storage temperature range ?40 to +150 c equivalent series resistance refer to *1 level of drive 10 w (max. 200 w) load capacitance 8 pf specifcations number std-cra-1 specifcations mm land pattern (typical) *#2 and #4 are not connected. it is better to connect with a gnd. but nc is also possible. #4 #1 #3 #2 2.2 1.6 1.2 1.4 3.20.1 0.750.15 #1 #2 #4 #3 1.6 2.2 2.50.1 1.0 0.9 terminal land connection s (top view ) dimensions *1 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 9.8 to 12 300 12 to 20 120 20 to 50 100 please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.


▲Up To Search▲   

 
Price & Availability of NX3225GA-16-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X