Part Number Hot Search : 
BYV29 LA7015N C2471 NJU7305M 48801 TPM754A TG40E80 EM78862
Product Description
Full Text Search
 

To Download MMSZ5234BS-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 august 27,2013-rev.03 mmsz5221bs-au series maximum ratings and electrical characteristics note : a. mounted on 5.0mm 2 (.013mm thick) land areas. surface mount silicon zener diodes voltage 2.4 to 51 volts power 200 mwatts features ? planar die construction ? 200mw power dissipation ? ideally suited for automated assembly processes ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sod-323, molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? appox weight : 0.00014 ounces, 0.0041 grams r e t e m a r a pl o b m y s e u l a vs t i n u t @ n o i t a p i s s i d r e w o p a 5 2 = o ) a e t o n ( cp d 0 0 2w m e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j 0 5 1 + o t 5 5 - o c 1 2 cathode anod e 0.078(1.95) 0.068(1.75) 0.054(1.35) 0.045(1.15) 0.107(2.7) 0.090(2.3) 0.012(0.30)min. 0.006(0.15) 0.002(0.05) 0.014(0.35) 0.009(0.25) 0.036(0.90) 0.027(0.70)
page . 2 august 27,2013-rev.03 mmsz5221bs-au series part number nominal zener voltage max. zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ? ma ? ma ? a v 200 mwatts zener diodes mmsz5221bs-au 2.4 2.28 2.52 30 20.0 1200 0.25 100 1.0 c1 mmsz5222bs-au 2.5 2.38 2.63 30 20.0 1250 0.25 100 1.0 c2 mmsz5223bs-au 2.7 2.57 2.84 30 20.0 1300 0.25 75 1.0 c3 mmsz5225bs-au 3 2.85 3.15 30 20.0 1600 0.25 50 1.0 c5 mmsz5226bs-au 3.3 3.14 3.47 28 20.0 1600 0.25 25 1.0 d1 mmsz5227bs-au 3.6 3.42 3.78 24 20.0 1700 0.25 15 1.0 d2 mmsz5228bs-au 3.9 3.71 4.10 23 20.0 1900 0.25 10 1.0 d3 mmsz5229bs-au 4.3 4.09 4.52 22 20.0 2000 0.25 5.0 1.0 d4 mmsz5230bs-au 4.7 4.47 4.94 19 20.0 1900 0.25 5.0 2.0 d5 mmsz5231bs-au 5.1 4.85 5.36 17 20.0 1600 0.25 5.0 2.0 e1 mmsz5232bs-au 5.6 5.32 5.88 11 20.0 1600 0.25 5.0 3.0 e2 MMSZ5234BS-AU 6.2 5.89 6.51 7 20.0 1000 0.25 5.0 4.0 e4 mmsz5235bs-au 6.8 6.46 7.14 5 20.0 750 0.25 3.0 5.0 e5 mmsz5236bs-au 7.5 7.13 7.88 6 20.0 500 0.25 3.0 6.0 f1 mmsz5237bs-au 8.2 7.79 8.61 8 20.0 500 0.25 3.0 6.0 f2 mmsz5238bs-au 8.7 8.27 9.14 8 20.0 600 0.25 3.0 6.5 f3 mmsz5239bs-au 9.1 8.65 9.56 10 20.0 600 0.25 3.0 6.5 f4 mmsz5240bs-au 10 9.50 10.50 17 20.0 600 0.25 3.0 8.0 f5 mmsz5241bs-au 11 10.45 11.55 22 20.0 600 0.25 2.0 8.4 h1 mmsz5242bs-au 12 11.40 12.60 30 20.0 600 0.25 1.0 9.1 h2 mmsz5243bs-au 13 12.35 13.65 13 9.5 600 0.25 0.5 9.9 h3 mmsz5244bs-au 14 13.30 14.70 15 9.0 600 0.25 0.1 10.5 h4 mmsz5245bs-au 15 14.25 15.75 16 8.5 600 0.25 0.1 11.0 h5 mmsz5246bs-au 16 15.20 16.80 17 7.8 600 0.25 0.1 12.0 j1 mmsz5247bs-au 17 16.15 17.85 19 7.5 600 0.25 0.1 13.0 j2 mmsz5248bs-au 18 17.10 18.90 21 7.0 600 0.25 0.1 14.0 j3 mmsz5250bs-au 20 19.00 21.00 25 6.2 600 0.25 0.1 15.0 j5 mmsz5251bs-au 22 20.90 23.10 29 5.6 600 0.25 0.1 17.0 k1 mmsz5252bs-au 24 22.80 25.20 33 5.2 600 0.25 0.1 18.0 k2 mmsz5254bs-au 27 25.65 28.35 41 5.0 600 0.25 0.1 21.0 k4 mmsz5255bs-au 28 26.60 29.40 44 4.5 600 0.25 0.1 21.0 k5 mmsz5256bs-au 30 28.50 31.50 49 4.2 600 0.25 0.1 23.0 m1 mmsz5257bs-au 33 31.35 34.65 58 3.8 700 0.25 0.1 25.0 m2 mmsz5258bs-au 36 34.20 37.80 70 3.4 700 0.25 0.1 27.0 m3 mmsz5259bs-au 39 37.05 40.95 80 3.2 800 0.25 0.1 30.0 m4 mmsz5260bs-au 43 40.85 45.15 93 3.0 900 0.25 0.1 33.0 m5 mmsz5261bs-au 47 44.65 49.35 105 2.7 1000 0.25 0.1 36.0 n1 mmsz5262bs-au 51 48.45 53.55 125 2.5 1100 0.25 0.1 39.0 n2
page . 3 august 27,2013-rev.03 mmsz5221bs-au series 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 150 fig.2 temperature coefficents fig.4 typical forward voltage fig.1 steady state power derating nominal zener voltage,volts forward voltage, volts temperature ( c) o temperature coefficient,(ma/ c) o power dissipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80 70 60 50 40 30 20 10 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current,ua normal zener voltage, volts
page . 4 august 27,2013-rev.03 mmsz5221bs-au series mounting pad layout order information ? packing information t/r - 12k per 13" plastic reel t/r - 5k per 7" plastic reel 0.113 (2.86) 0.069 (1.74) 0.022 (0.56) 0.032 (0.82)
page . 5 august 27,2013-rev.03 mmsz5221bs-au series part no_packing code_version mmsz5221bs-au_r1_000a1 mmsz5221bs-au_r2_000a1 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 6 august 27,2013-rev.03 mmsz5221bs-au series disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of MMSZ5234BS-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X