Part Number Hot Search : 
PE3339EK D1425 D4812 A208024 SSF2783 MC35062 M2013TNA 8ETVRA
Product Description
Full Text Search
 

To Download MBRB10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revised:01/20/16 MBRB10100CT maximum ratings parameters symbol test conditions max unit peak inverse voltage v rwm - 100 v average forward i f(av) 50% duty cycle @t c = 105c, rectangular wave form 5 (per leg) a 10 (total device) peak one cycle non-repetitive surge current (per leg) i fsm 8.3ms,half sine pulse 120 a pin out rohs pb electrical characteristics parameters symbol test conditions max unit forward voltage drop (per leg) * v f1 @ 5a, pulse, t j = 25 c 0.85 v v f2 @ 5a, pulse, t j = 125 c 0.75 reverse current at dc condition (per leg) i r1 @v r = rated v r t j = 25 c 1.0 ma reverse current (per leg) * i r2 @v r = rated v r t j = 125 c 15 junction capacitance (per leg) c t @v r = 5v, t c = 25 c f sig = 1mhz 300 pf typical series inductance (per leg) l s measured lead to lead 5 mm from package body 8.0 nh voltage rate of change dv/dt 10,000 v/s * pulse width < 300s, duty cycle <2% description applications littelfuse mbr series schottky barrier rectifer is designed to meet the general requirements of commercial applications by providing high temperature, low leakage and low v f products. it is suitable for high frequency switching mode power supply, free-wheeling diodes and polarity protection diodes. ? s witching mode power supply ? f ree-wheeling diodes ? dc/dc con verters ? p olarity protection diodes features ? high junction temperature capability ? guard ring f or enhanced ruggedness and long term reliability ? low forward voltage drop ? high frequency operation ? common cathode confguration in surface mount to-263 package pi nout 1 d2- pak & d-pak common cathode pi nou t 2 to- 220 ab common cathode pi nou t 3 ito- 220 ab common cathode pi nout 4 ito- 220 ab common anode hea t sink common cathode 1 3 hea t sink 1 3 2 1 3 2 cathode cathode 1 3 2 common anode common cathode common cathode anode anode anode anode anode anode common cathode heat sink 1 2 pinout 5 to- 22 0ac cathode cathode anode schottky barrier rectifer ?2015 littelfuse, inc specifcations are subject to change without notice. MBRB10100CT 2x 5a, 100v, to-263 common cathode
revised:01/20/16 thermal-mechanical specifcations parameters symbol test conditions max unit junction temperature t j -55 to +150 c storage temperature t stg -55 to +150 c thermal resistance junction to case (per leg) r thjc dc operation 6.0 c/w approximate weight wt 1.85 g case style d 2 pak (to-263) figure 1: typical forward characteristics oc oc figure 2: t ypical reverse characteristics oc figure 3: t ypical junction capacitance oc oc schottky barrier rectifer ?2015 littelfuse, inc specifcations are subject to change without notice. MBRB10100CT 2x 5a, 100v, to-263 common cathode
revised:01/20/16 dimensions-d 2 pak(to-263) packing options part number marking packing mode m.o.q MBRB10100CT MBRB10100CT 800pcs / reel 800 part numbering and marking system lf MBRB10100CT yy ww l mb r = devi ce ty pe b = pa ck age ty pe 10 = forw ard curre nt (10a) 100 = rever se vo ltage (100v) ct = confi guration lf = littelfuse yy = year ww = we ek l = lot nu mb er carrier tape & reel speci f cation symbol millimeters min max a 10.70 10.90 b 16.03 16.23 c 5.11 5.31 d ?1.45 ?1.65 e 1.65 1.85 f 11.40 11.60 p0 3.90 4.10 p 15.90 16.10 p1 1.90 2.10 w 23.90 24.30 millimeters min max a 4.06 4.83 a1 0.00 0.25 b 0.51 0.99 b1 1. 14 1.78 c 0.31 * 0.74 c1 1. 14 1.65 d 8.38 9.65 d1 6.40 * - e 9.65 10.67 e1 6.22 - e2 9.65 10.67 e 2.54 bsc h 14.60 * 15.88 l 1.78 2.79 l1 - 1.68 l2 - 1.78 l3 0.254 bsc footnote * : the spec. does not comply with jedec spec. schottky barrier rectifer ?2015 littelfuse, inc specifcations are subject to change without notice. MBRB10100CT 2x 5a, 100v, to-263 common cathode


▲Up To Search▲   

 
Price & Availability of MBRB10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X