Part Number Hot Search : 
APR6016 TIP33C A105M 4AK19 3500S 3500S A105M 1N2248A
Product Description
Full Text Search
 

To Download MAOC-010334-001SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage controlled oscillator 8.4 - 9.25 ghz rev. v3 maoc - 010334 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 1 features ? low phase noise ? wide tuning range ? divide - by - two output ? integrated buffer amplifier ? excellent temperature stability ? +5v bias supply ? lead - free 5 mm 32 - lead pqfn package ? halogen - free green mold compound ? rohs* compliant and 260c reflow compatible description the maoc - 010334 is an ingap hbt - based voltage controlled oscillator for frequency generation. no external matching components are required. this vco is easily integrated into a phase lock loop using the divide - by - two output. the extremely low phase noise makes this part ideal for many radio applications including high capacity digital radios. the maoc - 010334 primary applications are point - to - point radio, point - to - multipoint radio, communications systems, and low phase noise applications. the 5 mm pqfn package has a lead - free finish that is rohs compliant and compatible with a 260oc reflow temperature. the package also features low lead inductance and an excellent thermal path. block diagram ordering information 1 part number package maoc - 010334 - tr0500 500 piece reel maoc - 010334 - tr1000 1000 piece reel maoc - 010334 - 001smb sample board pin function pin function 1 n/c 17 n/c 2 n/c 18 n/c 3 n/c 19 rf 4 n/c 20 n/c 5 n/c 21 v cc 6 n/c 22 n/c 7 v buffer 23 n/c 8 n/c 24 n/c 9 n/c 25 n/c 10 n/c 26 n/c 11 n/c 27 n/c 12 rf/2 28 n/c 13 n/c 29 v tune 14 n/c 30 n/c 15 n/c 31 n/c 16 n/c 32 n/c pin designations 2 * restrictions on hazardous substances, european union directive 2002/95/ec. 1. reference application note m513 for reel size information. ?? the exposed pad centered on the package bottom must be connected to rf and dc ground. connecting all n/c pins to rf/dc ground in the layout is also recommended. ( p i n 1 ) 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5
voltage controlled oscillator 8.4 - 9.25 ghz rev. v3 maoc - 010334 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 2 electrical specifications: t a =+25c, v cc = v buffer = 5.0 v 3 , z 0 = 50 ? parameter test conditions units min. typ. max. output power rf port, 8.4 - 9.25 ghz rf/2 port, 4.2 - 4.625 ghz dbm 6 0 10 3 ssb phase noise rf port, 10 khz offset rf port, 100 khz offset dbc/hz - 88 - 115 harmonics/subharmonics v cc =v buffer =v tune =5v rf port, 1 / 2 f o rf port, 2 f o dbc - 21 - 28 pulling (sensitivity to match) v cc =v buffer =v tune =5v rf port, vswr = 1.95:1 to 2.25:1 mhz pk - pk 7 pushing (sensitivity to supply voltage) rf port, v tune = 5 v rf/2 port, v tune = 5 v mhz/v 4 2 frequency drift rate (sensitivity to temperature) rf port, 8.4 - 9.25 ghz rf/2 port, 4.2 - 4.625 ghz mhz/oc 0.75 0.3 output return loss rf port, 8.4 - 9.25 ghz rf/2 port, 4.2 - 4.625 ghz db 6 9 tuning sensitivity @ rf port v tune = 5 v ghz/v 0.14 supply current i total (i cc + i buffer ) i cc i buffer ma 168 150 18 195 165 30 tune voltage v tune v 2 13 tuning current leakage v tune = 13 v a 7 10 absolute maximum ratings 4,5,6 parameter absolute maximum supply voltage (v cc & v buffer ) +5.5 vdc v tune 0 to +15 vdc storage temperature - 55oc to +150oc operating temperature - 40oc to +85oc case temperature (t c ) (measured @ exposed pad) +100oc junction temperature 7 +135oc esd rating: class 1b handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these class 1b devices. 3. vco can operate over the 4.75 v to 5.25 v supply voltage range. 4. exceeding any one or combination of these limits may cause permanent damage to this device. 5. macom does not recommend sustained operation near these survivability limits. 6. operating at nominal conditions with t j 135c will ensure mttf > 1 x 10 6 hours. 7. junction temperature (t j ) = t c + ? jc * (v * i) typical thermal resistance ( ? jc) = 35 c/w. a) for t c = 25c, t j = 54.4c @ 5 v, 168 ma b) for t c = 85c, t j = 115.3c @ 5 v, 173 ma
voltage controlled oscillator 8.4 - 9.25 ghz rev. v3 maoc - 010334 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 3 typical performance curves: v cc = v buffer = 5v, t a = +25 ? output frequency vs. tuning voltage - rf port output frequency vs. tuning voltage - rf/2 port output frequency vs. tuning / supply voltage - rf port output frequency vs. tuning / supply voltage - rf/2 port output power vs. tuning voltage - rf port output power vs. tuning voltage - rf/2 port 7.5 8.0 8.5 9.0 9.5 10.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +25c -40c +85c tuning voltage (v) 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +25c -40c +85c tuning voltage (v) 7.5 8.0 8.5 9.0 9.5 10.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 4.75 v 5.00 v 5.25 v tuning voltage (v) 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 4.75 v 5.00 v 5.25 v tuning voltage (v) 0 5 10 15 20 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +25c -40c +85c tuning voltage (v) 0 5 10 15 20 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +25c -40c +85c tuning voltage (v)
voltage controlled oscillator 8.4 - 9.25 ghz rev. v3 maoc - 010334 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 4 frequency sensitivity vs. tuning voltage - rf port frequency sensitivity vs. tuning voltage - rf/2 port single side band phase noise vs. tuning voltage rf port single side band phase noise vs. frequency offset rf port (v tune = 5v) typical performance curves: v cc = v buffer = 5v, t a = +25 ? 0.0 0.2 0.4 0.6 0.8 1.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +25c -40c +85c tuning voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 +25c -40c +85c tuning voltage (v) -180 -160 -140 -120 -100 -80 -60 -40 -20 0 10 2 10 3 10 4 10 5 10 6 10 7 +25c -40c +85c frequency offset (hz) -130 -120 -110 -100 -90 -80 -70 -60 -50 1 2 3 4 5 6 7 8 9 10 11 12 13 14 10/100 khz offset @ +25oc 10/100 khz offset @ -40oc 10/100 khz offset @ +85oc tuning voltage (v) 10 khz 100 khz
voltage controlled oscillator 8.4 - 9.25 ghz rev. v3 maoc - 010334 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 5 sample board component value case size c1 100 pf 0402 c2, c3, c4 0.1 f 0402 c5 10 f tantalum 1206 parts list ? reference application note s2083 for lead - free solder reflow recommendations. meets jedec moisture sensitivity level 3 requirements. plating is 100% matte tin over copper. lead - free 5 mm 32 - lead pqfn ? o c 0 3 3 4 y y w w l l l l l l n o t e s : 1 . r e f e r e n c e j e d e c m o - 2 2 0 - v h h d - 5 f o r a d d i t i o n a l d i m e n s i o n a l a n d t o l e r a n c e i n f o r m a t i o n . 2 . a l l d i m e n s i o n s s h o w n a s i n / m m . 3 . r e f e r e n c e s 2 0 8 3 a p p l i c a t i o n n o t e f o r p c b f o o t p r i n t i n f o r m a t i o n .


▲Up To Search▲   

 
Price & Availability of MAOC-010334-001SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X