Part Number Hot Search : 
15020 3266P102 2N495302 SST201 MDIN03K VRA24 P2016 IRF5806
Product Description
Full Text Search
 

To Download MAC97A8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 7 to-92 ????? triac in a to-92 plastic package.  ???????? sensitive gate triggering in four trigger modes fo r all possible combinations of trigger sources.. ????]ttl ????? used in solid state relays. mpu interface. ttl logic and any other industrial application. pin1 main terminal 2 pin 2 gate pin 3 main terminal 1 ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 1 2 3
MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 7 parameter symbol ? rating unit repetitive peak off-state voltages v drm 600 v rms on-state current i t(rms) 0.6 a non-repetitive peak on-state current i tsm(t=20ms) 8.0 a non-repetitive peak on-state current i tsm(t=16.7ms) 8.8 a i 2 t for fusing i 2 t (t=10ms) 0.32 a 2 s repetitive rate of rise of on- state current after triggering d it /dt i tm =1a, i g =0.2a d ig /dt= 0.2a/ s t2+g+ 50 a/ s repetitive rate of rise of on- state current after triggering t2+g- 50 repetitive rate of rise of on- state current after triggering t2-g- 50 repetitive rate of rise of on- state current after triggering t2-g+ 10 peak gate current i gm(t=2 smax) 1.0 a peak gate voltages v gm(t=2 smax) 5.0 v peak gate power p gm(t=2 smax) 5.0 w average gate power p g(av) (tcase=80 t=2 smax) 0.1 w peak gate current i gm 1.0 a junction temperature t j -40 125 storage temperature range t stg -40 150 parameter symbol test conditions ? min ? typ ? max unit gate trigger current i gt v d =12v, i t =0.1a t2+g+ 1.0 5.0 ma t2+g- 2.0 5.0 t2-g- 2.0 5.0 t2-g+ 4.0 7.0 latching current i l v d =12v; i gt =0.1a t2+g+ 1.0 10 ma t2+g- 5.0 10 t2-g- 1.0 10 t2-g+ 2.0 10 holding current i h v d =12v i gt =0.1a 1.0 10 ma on-state voltage v t i t =0.85a 1.4 1.9 v ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 7 parameter symbol test conditions ? min ? typ ? max unit gate trigger voltage v gt v d =12v i t =0.1a 0.9 2.0 v v d =v drm i t =0.1a t j =110 0.1 0.7 of f -state leakage current i d v d =v drm(max) t j =110 3.0 100 a gate controlled turn?on time tgt i tm =1.0a v d =v drm i g =25ma,d ig /dt=5a/ s 2.0 s critical rate?of?rise of commutation voltage d vd /dt v d =67% of v dm(max), t case =110 exponential waveform gate open circuit 30 45 v/ s critical rate?of?rise of off state voltage d vcom /d t v d =rated v drm t case =50 i tm =0.84a, commutating d i /dt=0.3a/ s 5.0 v/ s critical rate of rise of off-state current i drm v drm =600v 0.5 ma repetitive peak off-state current i rrm v rrm =600v 0.5 ma ? / absolute maximum ratings(ta=25 )
MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 7 ? / electrical characteristic curve
MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 7 ?? / package dimensions
MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 7 ?? / marking instructions ? br   ?? 97a8  ??? ****  ???? note: br: company code. 97a8: product type. ****: lot no. code, code change with lot no. 97a8 **** br
MAC97A8 rev.e mar.-2016 data sheet http://www.fsbrec.com 7 / 7 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of MAC97A8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X