Part Number Hot Search : 
RFZ48 067838 44H11 A30403M ACT4060B SMB30CA 2N700 PR100
Product Description
Full Text Search
 

To Download LTM4613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lt m8003 1 8003fc for more information www.linear.com/ltm8003 typical application features description 40v in , 3.5a step-down silent switcher module regulator the lt m ? 8003 is a 40v in , 6a peak, 3.5a continuous step- down silent switcher module ? (power module) regulator. included in the package are the switching controller, power switches, inductor, and all support components. operating over an input voltage range of 3.4v to 40v, the ltm8003 supports an output voltage range of 0.97v to 18v and a switching frequency range of 200khz to 3mhz, each set by a single resistor. only the input and output filter capacitors are needed to finish the design. the low profile package enables utilization of unused space on the bottom of pc boards for high density point of load regulation. the ltm8003 is packaged in a thermally enhanced, compact over-molded ball grid array (bga) pack - age suitable for automated assembly by standard surface mount equipment. the ltm8003 is rohs compliant. all registered trademarks and trademarks are the property of their respective owners. efficiency, v out = 5v 5v out from 7v in to 40v in step-down converter n complete step-down switch mode power supply n low noise silent switcher ? architecture n wide input voltage range: 3.4v to 40v n wide output voltage range: 0.97v to 18v n wide temperature range : ? 40 c to 150 c (h-grade) n 3.5a continuous output current, 6a peak n fmea compliant pinout (ltm8003-3.3) output stays at or below regulation voltage during adjacent pin short or if a pin is left floating n selectable switching frequency: 200khz to 3mhz n external synchronization n low quiescent current: 25a (5v out ) n tiny, low profile 6.25mm 9mm 3.32mm rohs compliant bga package applications n automotive battery regulation n power for portable products n distributed supply regulation n industrial supplies n wall transformer regulation 4.7f 47f 24.3k 41.2k 1mhz ltm8003 v out bias v out 5v 3.5a 6a peak v in v in 7v to 40v fb gnd run sync rt 8003 ta01a pins not used in this circuit: tr/ss, pg load current (a) 0 1 2 3 4 55 65 75 85 95 efficiency (%) 8003 ta01 12v in
lt m8003 2 8003fc for more information www.linear.com/ltm8003 pin configuration absolute maximum ratings v in , run, pg voltage .............................................. 42v v out , bias voltage ................................................. 19v fb, tr/ss voltage ..................................................... 4v sync voltage ............................................................ 6v (notes 1, 2) f g h e a b c d 21 43 5 6 bga package 48-lead (9mm 6.25mm 3.32mm) bga package top view adjustable version sync gnd gnd run nc gnd bank 1 bias fb v out bank2 v in bank 3 pg tr/ss rt t jmax = 150c, ja = 23.5c/w, jcbottom = 3.2c/w jctop = 17.9c/w, jb = 3.1c/w, weight = 0.5g values determined per jedec51-9, 51-12 f g h e a b c d 21 43 5 6 bga package 48-lead (9mm 6.25mm 3.32mm) bga package top view fixed output version sync gnd gnd run nc bias bank2 v in pg tr/ss rt gnd bank 1 v out bank 3 t jmax = 150c, ja = 23.5c/w, jcbottom = 3.2c/w jctop = 17.9c/w, jb = 3.1c/w, weight = 0.5g values determined per jedec51-9, 51-12 order information ( http://www.linear.com/product/ltm8003#orderinfo) part number terminal finish part marking* package type msl rating temperature range device finish code ltm8003iy#pbf sac305 (rohs) ltm8003 e1 bga 3 ?40c to 125c ltm8003hy#pbf sac305 (rohs) ltm8003 e1 bga 3 ?40c to 150c ltm8003iy snpb (63/37) ltm8003 e0 bga 3 ?40c to 125c ltm8003hy snpb (63/37) ltm8003 e0 bga 3 ?40c to 150c ltm8003-3.3iy#pbf sac305 (rohs) ltm8003-3.3 e1 bga 3 ?40c to 125c ltm8003-3.3hy#pbf sac305 (rohs) ltm8003-3.3 e1 bga 3 ?40c to 150c ? consult marketing for parts specified with wider operating temperature ranges. *device temperature grade is indicated by a label on the shipping container. pad or ball finish code is per ipc/jedec j-std-609. ? terminal finish part marking: www.linear.com/leadfree ? recommended bga pcb assembly and manufacturing procedures: www.linear.com/umodule/pcbassembly ? bga package and tray drawings: www.linear.com/packaging maximum internal temperature (i-grade) ........... 125 c maximum internal temperature (h-grade) ......... 150 c storage temperature (i-grade) ........................... 125 c storage temperature (h-grade) ........... ? 50 c to 150 c peak reflow solder body temperature ............... 250 c
lt m8003 3 8003fc for more information www.linear.com/ltm8003 electrical characteristics note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: unless otherwise noted, the absolute minimum voltage is zero. note 3: the ltm8003 i is guaranteed to meet specifications over the full ? 40 c to 125 c internal operating temperature range. the ltm8003h is guaranteed to meet specifications over the full ? 40 c to 150 c internal operating temperature range. note that the maximum internal temperature is determined by specific operating conditions in conjunction with board layout, the rated package thermal resistance and other environmental factors. high junction temperatures degrade operating lifetimes. operating lifetime is derated at junction temperatures greater than 125 c. parameter conditions min typ max units minimum input voltage v in rising l 3.4 v output dc voltage ltm8003, r fb open ltm8003, r fb = 5.62k, v in = 40v ltm8003-3.3 0.97 18 3.3 v peak output dc current v out = 3.3v, f sw =1mhz 6 a quiescent current into v in run = 0v bias = 0v, no load, sync = 0v, not switching 3 8 a a quiescent current into bias bias = 5v, run = 0v bias = 5v, no load, sync = 0v, not switching bias = 5v, v out = 3.3v, i out = 3.5a, f sw =1mhz 1 5 12 a a ma line regulation 5.5v < v in < 36v, i out = 1a 0.5 % load regulation 0.1a < i out < 3.5a 0.5 % output voltage ripple i out = 3.5a 10 mv switching frequency r t = 232k r t = 41.2k r t = 10.7k 200 0.95 3 khz mhz mhz voltage at fb ltm8003 l 950 970 980 mv minimum bias voltage (note 5) 3.2 v run threshold voltage 0.9 1.06 v run current 1 a tr/ss current tr/ss = 0v 2 a tr/ss pull down tr/ss = 0.1v 200  pg threshold voltage at fb (upper) fb falling (note 6, ltm8003) 1.05 v pg threshold voltage at fb (lower) fb rising (note 6, ltm8003) 0.89 v pg threshold voltage at v out (upper) v out falling (note 6, ltm8003-3.3) 3.57 v pg threshold voltage at v out (lower) v out rising (note 6, ltm8003-3.3) 3.03 v pg leakage current pg = 42v 1 a pg sink current pg = 0.1v 150 a sync threshold voltage synchronization 0.4 1.5 v sync voltage to enable spread spectrum 2.9 4.2 v sync current sync = 0v 35 a the l denotes the specifications which apply over the specified operating temperature range, otherwise specifications are at t j = 25c. v in =12v, run = 2v, unless otherwise noted. note 4: the ltm8003 contains overtemperature protection that is intended to protect the device during momentary overload conditions. the internal temperature exceeds the maximum operating junction temperature when the overtemperature protection is active. continuous operation above the specified maximum operating junction temperature may impair device reliability. note 5: below this specified voltage, internal circuitry will draw power from v in . note 6: pg transitions from low to high.
lt m8003 4 8003fc for more information www.linear.com/ltm8003 typical performance characteristics efficiency vs load current, v out =0.97v, bias=5v efficiency vs load current, v out =1.2v, bias=5v efficiency vs load current, v out =1.5v, bias=5v t a = 25c, unless otherwise noted. efficiency vs load current, v out =1.8v, bias=5v efficiency vs load current, v out =2v, bias=5v efficiency vs load current, v out =2.5v, bias=5v efficiency vs load current, v out =3.3v, bias=5v efficiency vs load current, v out =5v, bias=5v efficiency vs load current, v out =8v, bias=5v 12v in 24v in 36v in load current (a) 0 1 2 3 4 45 55 65 75 85 efficiency (%) 8003 g01 12v in 24v in 36v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g02 12v in 24v in 36v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g03 12v in 24v in 36v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g04 12v in 24v in 36v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g05 12v in 24v in 36v in load current (a) 0 1 2 3 4 55 60 70 80 90 efficiency (%) 8003 g06 12v in 24v in 36v in load current (a) 0 1 2 3 4 55 65 75 85 95 efficiency (%) 8003 g07 12v in 24v in 36v in load current (a) 0 1 2 3 4 55 65 75 85 95 efficiency (%) 8003 g08 12v in 24v in 36v in load current (a) 0 1 2 3 4 55 65 75 85 95 efficiency (%) 8003 g09
lt m8003 5 8003fc for more information www.linear.com/ltm8003 typical performance characteristics t a = 25c, unless otherwise noted. efficiency vs load current, v out =12v, bias=5v efficiency vs load current, v out =15v, bias=5v efficiency vs load current, v out =18v, bias=5v efficiency vs load current, v out =?3.3v, biastied to ltm8003 gnd efficiency vs load current, v out =?5v, biastied to ltm8003 gnd efficiency vs load current, v out =?8v, biastied to ltm8003 gnd efficiency vs load current, v out =?12v, biastied to ltm8003 gnd efficiency vs load current, v out =?15v, biastied to ltm8003 gnd efficiency vs load current, v out =?18v, biastied to ltm8003 gnd 24v in 36v in load current (a) 0 1 2 3 4 55 65 75 85 95 efficiency (%) 8003 g10 24v in 36v in load current (a) 0 1 2 3 4 60 70 80 90 100 efficiency (%) 8003 g11 24v in 36v in load current (a) 0 1 2 3 4 60 70 80 90 100 efficiency (%) 8003 g12 5v in 12v in 24v in 36v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g13 5v in 12v in 24v in 36v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g14 5v in 12v in 24v in load current (a) 0 1 2 3 4 50 60 70 80 90 efficiency (%) 8003 g15 5v in 12v in 24v in load current (a) 0 1 2 3 50 60 70 80 90 efficiency (%) 8003 g16 12v in 24v in load current (a) 0 0.5 1 1.5 2 2.5 50 60 70 80 90 efficiency (%) 8003 g17 12v in 24v in load current (a) 0 0.5 1 1.5 2 50 60 70 80 90 efficiency (%) 8003 g18
lt m8003 6 8003fc for more information www.linear.com/ltm8003 typical performance characteristics input vs load current v out =0.97v, bias = 5v input vs load current v out =1.2v, bias = 5v input vs load current v out =1.5v, bias = 5v input vs load current v out =1.8v, bias = 5v input vs load current v out =2v, bias = 5v input vs load current v out =2.5v, bias = 5v input vs load current v out =3.3v, bias = 5v input vs load current v out =5v, bias = 5v input vs load current v out =8v, bias = 5v t a = 25c, unless otherwise noted. 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.2 0.4 0.6 0.8 input current (a) 8003 g19 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.25 0.50 0.75 1.00 input current (a) 8003 g20 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.3 0.6 0.9 1.2 input current (a) 8003 g21 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.25 0.50 0.75 1.00 1.25 input current (a) 8003 g22 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.3 0.6 0.9 1.2 1.5 input current (a) 8003 g23 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.4 0.8 1.2 1.6 input current (a) 8003 g24 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.5 1.0 1.5 2.0 2.5 input current (a) 8003 g25 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.75 1.50 2.25 3.00 input current (a) 8003 g26 12v in 24v in 36v in load current (a) 0 2 4 6 0 1.0 2.0 3.0 4.0 5.0 input current (a) 8003 g27
lt m8003 7 8003fc for more information www.linear.com/ltm8003 typical performance characteristics t a = 25c, unless otherwise noted. input vs load current v out =12v, bias = 5v input vs load current v out =15v, bias = 5v input vs load current v out =18v, bias = 5v input vs load current v out =?3.3v, bias tied to ltm8003 gnd input vs load current v out =?5v, bias tied to ltm8003 gnd input vs load current v out =?8v, bias tied to ltm8003 gnd input vs load current v out =?12v, bias tied to ltm8003 gnd input vs load current v out =?15v, bias tied to ltm8003 gnd input vs load current v out =?18v, bias tied to ltm8003 gnd 24v in 36v in load current (a) 0 2 4 6 0 1 2 3 4 input current (a) 8003 g28 24v in 36v in load current (a) 0 2 4 6 0 1 2 3 4 input current (a) 8003 g29 24v in 36v in load current (a) 0.0 1.0 2.0 3.0 4.0 5.0 6 0 1 2 3 4 5 input current (a) 8003 g30 12v in 24v in 36v in load current (a) 0 2 4 6 0 0.5 1.0 1.5 2.0 2.5 input current (a) 8003 g31 12v in 24v in 36v in load current (a) 0 2 4 6 0 1 2 3 input current (a) 8003 g32 12v in 24v in load current (a) 0 1 2 3 4 5 0 1 2 3 4 input current (a) 8003 g33 12v in 24v in load current (a) 0 1 2 3 0 1 2 3 4 input current (a) 8003 g34 12v in 24v in load current (a) 0 0.5 1 1.5 2 2.5 0 1 2 3 4 input current (a) 8003 g35 12v in 24v in load current (a) 0 0.5 1 1.5 2 0 1 2 3 4 input current (a) 8003 g36
lt m8003 8 8003fc for more information www.linear.com/ltm8003 typical performance characteristics bias current vs load current v out =0.97v, bias=5v bias current vs load current v out =1.2v, bias=5v bias current vs load current v out =1.5v, bias=5v bias current vs load current v out =1.8v, bias=5v bias current vs load current v out =2v, bias=5v bias current vs load current v out =2.5v, bias=5v bias current vs load current v out =3.3v, bias=5v bias current vs load current v out =5v, bias=5v bias current vs load current v out =8v, bias=5v t a = 25c, unless otherwise noted. 12v in 24v in 36v in load current (a) 0 2 4 6 2.0 2.5 3.0 3.5 4.0 4.5 bias current (ma) 8003 g37 12v in 24v in 36v in load current (a) 0 2 4 6 3.0 3.5 4.0 4.5 5.0 bias current (ma) 8003 g38 12v in 24v in 36v in load current (a) 0 2 4 6 3.0 3.5 4.0 4.5 5.0 5.5 bias current (ma) 8003 g39 12v in 24v in 36v in load current (a) 0 2 4 6 3.0 3.5 4.0 4.5 5.0 5.5 bias current (ma) 8003 g40 12v in 24v in 36v in load current (a) 0 2 4 6 3.5 4.0 4.5 5.0 5.5 6.0 bias current (ma) 8003 g41 12v in 24v in 36v in load current (a) 0 2 4 6 4.0 4.5 5.0 5.5 6.0 6.5 bias current (ma) 8003 g42 12v in 24v in 36v in load current (a) 0 2 4 6 4.5 5.0 5.5 6.0 6.5 7.0 bias current (ma) 8003 g43 12v in 24v in 36v in load current (a) 0 2 4 6 5 6 7 8 9 bias current (ma) 8003 g44 12v in 24v in 36v in load current (a) 0 2 4 6 6 7 8 9 10 bias current (ma) 8003 g45
lt m8003 9 8003fc for more information www.linear.com/ltm8003 typical performance characteristics t a = 25c, unless otherwise noted. bias current vs load current v out =12v, bias=5v bias current vs load current v out =15v, bias=5v bias current vs load current v out =18v, bias=5v dropout voltage vs load current, v out =5v, bias=5v input current vs v in v out short circuited maximum load current vs v in bias open maximum load current vs v in bias open derating, h-grade, v out =0.97v, bias=5v, dc2416a demo board derating, h-grade, v out =1.2v, bias=5v, dc2416a demo board 24v in 36v in load current (a) 0 2 4 6 7 8 9 10 11 12 bias current (ma) 8003 g46 24v in 36v in load current (a) 0 2 4 6 6 7 8 9 10 11 12 bias current (ma) 8003 g47 24v in 36v in load current (a) 0 2 4 6 7 8 9 10 11 12 bias current (ma) 8003 g48 load current (a) 0 2 4 6 0 300 600 900 dropout voltage (mv) 8003 g49 sync grounded sync floating v in (v) 3 16 28 40 0 750 1500 2250 input current (ma) 8003 g50 input voltage (v) 0 10 20 30 40 0 1 2 3 4 5 6 maximum load current (a) 8003 g51 ?3.3v out ?5v out ?8v out input voltage (v) 0 10 20 30 0.5 1.0 1.5 2.0 2.5 3.0 3.5 maximum load current (a) 8003 g52 ?12v out ?15v out ?18v out ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g53 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g54 12v in 24v in 36v in 0 lfm
lt m8003 10 8003fc for more information www.linear.com/ltm8003 typical performance characteristics derating, h-grade, v out =1.5v, bias=5v, dc2416a demo board derating, h-grade, v out =1.8v, bias=5v, dc2416a demo board derating, h-grade, v out =2v, bias=5v, dc2416a demo board derating, h-grade, v out =2.5v, bias=5v, dc2416a demo board derating, h-grade, v out =3.3v, bias=5v, dc2416a demo board derating, h-grade, v out =5v, bias=5v, dc2416a demo board derating, h-grade, v out =8v, bias=5v, dc2416a demo board derating, h-grade, v out =12v, bias=5v, dc2416a demo board derating, h-grade, v out =15v, bias=5v, dc2416a demo board t a = 25c, unless otherwise noted. ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g55 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g56 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g57 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g58 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g59 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g60 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g61 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 maximum load current (a) 8003 g62 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 maximum load current (a) 8003 g63 24v in 36v in 0 lfm
lt m8003 11 8003fc for more information www.linear.com/ltm8003 typical performance characteristics t a = 25c, unless otherwise noted. derating, h-grade, v out =18v, bias=5v, dc2416a demo board derating, h-grade, v out =?3.3v, bias tied to ltm8003 gnd, dc2416a demo board derating, h-grade, v out =?5v, bias tied to ltm8003 gnd, dc2416a demo board derating, h-grade, v out =?8v, bias tied to ltm8003 gnd, dc2416a demo board derating, h-grade, v out =?12v, bias tied to ltm8003 gnd, dc2416a demo board derating, h-grade, v out =?15v, bias tied to ltm8003 gnd, dc2416a demo board derating, h-grade, v out =?18v, bias tied to ltm8003 gnd, dc2416a demo board derating, i-grade, v out =0.97v, bias=5v, dc2416a demo board derating, i-grade, v out =1.2v, bias=5v, dc2416a demo board ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 maximum load current (a) 8003 g64 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 6 maximum load current (a) 8003 g65 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 5 maximum load current (a) 8003 g66 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 maximum load current (a) 8003 g67 12v in 24v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 1 2 3 4 maximum load current (a) 8003 g68 12v in 24v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 0.5 1.0 1.5 2.0 2.5 maximum load current (a) 8003 g69 12v in 24v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 150 0 0.5 1.0 1.5 2.0 maximum load current (a) 8003 g70 0 lfm 12v in ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g71 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g72 12v in 24v in 36v in 0 lfm
lt m8003 12 8003fc for more information www.linear.com/ltm8003 typical performance characteristics derating, i-grade, v out =1.5v, bias=5v, dc2416a demo board derating, i-grade, v out =1.8v, bias=5v, dc2416a demo board derating, i-grade, v out =2v, bias=5v, dc2416a demo board derating, i-grade, v out =2.5v, bias=5v, dc2416a demo board derating, i-grade, v out =3.3v, bias=5v, dc2416a demo board derating, i-grade, v out =5v, bias=5v, dc2416a demo board derating, i-grade, v out =8v, bias=5v, dc2416a demo board derating, i-grade, v out =12v, bias=5v, dc2416a demo board derating, i-grade, v out =15v, bias=5v, dc2416a demo board t a = 25c, unless otherwise noted. ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g73 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g74 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g75 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g76 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 7 maximum load current (a) 8003 g77 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 maximum load current (a) 8003 g78 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 maximum load current (a) 8003 g79 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 maximum load current (a) 8003 g80 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 maximum load current (a) 8003 g81 24v in 36v in 0 lfm
lt m8003 13 8003fc for more information www.linear.com/ltm8003 typical performance characteristics t a = 25c, unless otherwise noted. derating, i-grade, v out =18v, bias=5v, dc2416a demo board derating, i-grade, v out =?3.3v, biastied to ltm8003 gnd, dc2416a demo board derating, i-grade, v out =?5v, biastied to ltm8003 gnd, dc2416a demo board derating, i-grade, v out =?8v, biastied to ltm8003 gnd, dc2416a demo board derating, i-grade, v out =?12v, biastied to ltm8003 gnd, dc2416a demo board derating, i-grade, v out =?15v, biastied to ltm8003 gnd, dc2416a demo board derating, i-grade, v out =?18v, biastied to ltm8003 gnd, dc2416a demo board cispr25 class 5 peak radiated dc2416a demo board, v out = 5v spread spectrum enabled cispr25 class 5 average radiated dc2416a demo board, v out = 5v spread spectrum enabled ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 maximum load current (a) 8003 g82 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 6 maximum load current (a) 8003 g83 12v in 24v in 36v in 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 4 5 maximum load current (a) 8003 g84 12v in 24v in 36v in 0 lfm 12v in 24v in 0 25 50 75 100 125 0 1 2 3 4 5 maximum load current (a) 8003 g85 ambient temperature (c) 0 lfm 0 lfm ambient temperature (c) 0 25 50 75 100 125 0 1 2 3 maximum load current (a) 8003 g86 12v in 24v in ambient temperature (c) 0 25 50 75 100 125 0 0.5 1.0 1.5 2.0 maximum load current (a) 8003 g87 0 lfm 12v in 24v in ambient temperature (c) 0 25 50 75 100 125 0 0.5 1.0 1.5 2.0 maximum load current (a) 8003 g88 12v in 0 lfm frequency (mhz) 0 10 20 30 ?10 0 10 20 30 40 50 amplitude (dbuv/m) 8053 g89 vertical polarization f sw = 2mhz i out = 3.5a vertical polarization f sw = 2mhz i out = 3.5a frequency (mhz) 0 10 20 30 ?10 0 10 20 30 40 50 amplitude (dbuv/m) 8053 g90
lt m8003 14 8003fc for more information www.linear.com/ltm8003 pin functions gnd (bank 1, a1, a6 ): tie these gnd pins to a local ground plane below the ltm8003 and the circuit components. in most applications, the bulk of the heat flow out of the ltm8003 is through these pads, so the printed circuit design has a large impact on the thermal performance of the part. see the pcb layout and thermal considerations sections for more details. v in (bank 2): v in supplies current to the ltm8003?s in- ternal regulator and to the internal power switch. these pins must be locally bypassed with an external, low esr capacitor; see table 1 for recommended values. v out (bank 3): power output pins. apply the output filter capacitor and the output load between these pins and gnd pins. bias (pins g1, g2): the bias pin connects to the internal power bus. connect to a power source greater than 3.2v and less than 18v. if v out is greater than 3.2v, connect this pin there. if the output voltage is less, connect this to a voltage source above 3.2v. decouple this pin with at least 1f if the voltage source for bias is remote. if unused or generating a negative output, tie bias to ltm8003 gnd. run (pins b5, b6): pull the run pin below 0.9v to shut down the ltm8003 . tie to 1.06v or more for normal operation. if the shutdown feature is not used, tie this pin to the v in pin. rt (pins a4, a5): the rt pin is used to program the switching frequency of the ltm8003 by connecting a resis - tor from this pin to ground. the applications information section of the data sheet includes a table to determine the resistance value based on the desired switching frequency. minimize capacitance at this pin. do not drive this pin. sync (pins a2, b2): external clock synchronization input and operational mode. this pin programs four different operating modes: 1. burst mode ? . tie this pin to ground for burst mode operation at low output loads? this will result in ultralow quiescent current. 2. pulse-skipping mode. float this pin for pulse-skipping mode. this mode offers full frequency operation down to low output loads before pulse skipping occurs. 3. spread spectrum mode. tie this pin high (between 2.9v and 4.2v) for pulse-skipping mode with spread spectrum modulation. 4. synchronization mode. drive this pin with a clock source to synchronize to an external frequency. during synchro - nization the part will operate in pulse-skipping mode. pg (pin b1, c1): the pg pin is the open-collector output of an internal comparator. pg remains low until the fb pin voltage is within about 10% of the final regulation cispr25 class 5 peak radiated dc2416a demo board, v out = 5v spread spectrum enabled cispr25 class 5 average radiated dc2416a demo board, v out = 5v spread spectrum enabled f sw = 2mhz i out = 3.5a frequency (mhz) 0 200 400 600 800 1000 ?10 0 10 20 30 40 50 amplitude (dbuv/m) 8053 g91 vertical polarization f sw = 2mhz i out = 3.5a frequency (mhz) 0 200 400 600 800 1000 ?10 0 10 20 30 40 50 amplitude (dbuv/m) 8053 g92 typical performance characteristics t a = 25c, unless otherwise noted.
lt m8003 15 8003fc for more information www.linear.com/ltm8003 block diagram pin functions bias v out v in fb gnd run tr/ss sync rt pg 8003 bd01 current mode controller 0.2f 10pf 0.01f 1.3h 100k bias v out v in gnd run tr/ss sync rt pg 8003 bd02 current mode controller 0.2f 10pf 0.01f 1.3h internal 0.97v feedback ltm8003 block diagram ltm8003-3.3 block diagram voltage. the pg signal is valid when v in is above 3.4v. if v in is above 3.4v and run is low, pg will drive low. if this function is not used, leave this pin floating. fb (pin f1, f2 ): the ltm8003 regulates its fb pin to 0.97v. connect the adjust resistor from this pin to ground. the value of r fb is given by the equation r fb = 97/(v out ? 0.97), where r fb is in k. tr/ss (pin a3, b3): the tr/ss pin is used to provide a soft-start or tracking function. the internal 2a pull-up current in combination with an external capacitor tied to this pin creates a voltage ramp. if tr/ss is less than 0.97v, the output voltage tracks to this value. for tracking, tie a resistor divider to this pin from the tracked output. this pin is pulled to ground with an internal mosfet during shutdown and fault conditions; use a series resistor if driving from a low impedance output. this pin may be left floating if the tracking function is not needed. nc (pins c5, d5, e5, e6): these pins are not connected, either to any other net or each other.
lt m8003 16 8003fc for more information www.linear.com/ltm8003 operation the ltm8003 is a stand-alone non-isolated step-down switching dc/dc power supply that can deliver up to 6a. the continuous current is determined by the internal operating temperature. it provides a precisely regulated output voltage programmable via one external resistor from 0.97v to 18v. the input voltage range is 3.4v to 40v. given that the ltm8003 is a step-down converter, make sure that the input voltage is high enough to support the desired output voltage and load current. simplified block diagrams are given on the previous page. the ltm8003 contains a current mode controller, power switching elements, power inductor and a modest amount of input and output capacitance. the ltm8003 is a fixed frequency pwm regulator. the switching frequency is set by simply connecting the appropriate resistor value from the rt pin to gnd. an internal regulator provides power to the control cir - cuitry. this bias regulator normally draws power from the v in pin, but if the bias pin is connected to an external voltage higher than 3.2v, bias power is drawn from the external source (typically the regulated output voltage). this improves efficiency. the run pin is used to place the ltm8003 in shutdown, disconnecting the output and reducing the input current to a few a. to enhance efficiency, the ltm8003 automatically switches to burst mode operation in light or no load situations. between bursts, all circuitry associated with controlling the output switch is shut down reducing the input supply current to just a few a. the oscillator reduces the ltm8003 ? s operating frequency when the voltage at the fb pin is low. this frequency fold - back helps to control the output current during start-up and overload. the tr/ss node acts as an auxiliary input to the error amplifier. the voltage at fb servos to the tr/ss voltage until tr/ss goes above about 0.97v. soft-start is imple - mented by generating a voltage ramp at the tr/ss pin using an external capacitor which is charged by an internal constant current. alternatively, driving the tr/ss pin with a signal source or resistive network provides a tracking function. do not drive the tr/ss pin with a low impedance voltage source. see the applications information section for more details. the ltm8003 contains a power good comparator which trips when the fb pin is at about 90% to 110% of its regulated value. the pg output is an open-drain transistor that is off when the output is in regulation, allowing an external resistor to pull the pg pin high. the pg signal is valid when v in is above 3.4v. if v in is above 3.4v and run is low, pg will drive low. the ltm8003 is equipped with a thermal shutdown that inhibits power switching at high junction temperatures. the activation threshold of this function is above the maxi - mum temperature rating to avoid interfering with normal operation, so prolonged or repetitive operation under a condition in which the thermal shutdown activates may damage or impair the reliability of the device.
lt m8003 17 8003fc for more information www.linear.com/ltm8003 for most applications, the design process is straight- forward, summarized as follows: 1. look at table 1 and find the row that has the desired input range and output voltage. 2. apply the recommended c ff , c in , c out , r fb and r t values. 3. apply the c ff (from v out to f b ) as required. 4. connect bias as indicated. while these component combinations have been tested for proper operation, it is incumbent upon the user to verify proper operation over the intended system?s line, applications information load and environmental conditions. bear in mind that the maximum output current is limited by junction tempera - ture, the relationship between the input and output voltage magnitude and polarity and other factors. please refer to the graphs in the typical performance characteristics section for guidance. the maximum frequency (and attendant r t value) at which the ltm8003 should be allowed to switch is given in table 1 in the maximum f sw column, while the recom - mended frequency (and r t value) for optimal efficiency over the given input condition is given in the f sw column. there are additional conditions that must be satisfied if the synchronization function is used. please refer to the synchronization section for details. table 1. recommended component values and configuration (t a = 25c) v in v out (v) r fb (k) c in 2 c out c ff (pf) bias (v) f sw r t (k) maximum f sw minimum r t (k) 3.4v to 40v 0.97 open 4.7f 50v 1206 x5r 2x 100f 6.3v 1210 x5r 47 5 450khz 97.6 675khz 63.4 3.4v to 40v 1.2 402 4.7f 50v 1206 x5r 2x 100f 6.3v 1210 x5r 47 5 550khz 78.7 850khz 49.9 3.4v to 40v 1.5 174 4.7f 50v 1206 x5r 100f 6.3v 1210 x5r 27 5 600khz 71.5 1.1mhz 36.5 3.4v to 40v 1.8 115 4.7f 50v 1206 x5r 100f 6.3v 1210 x5r 10 5 600khz 71.5 1.3mhz 30.9 3.4v to 40v 2.0 90.9 4.7f 50v 1206 x5r 100f 0805 4v x5r 5 650khz 64.9 1.4mhz 28.0 4v to 40v 1 2.5 63.4 4.7f 50v 1206 x5r 100f 0805 4v x5r 5 750khz 56.2 1.8mhz 20.5 5v to 40v 1 3.3 41.2 4.7f 50v 1206 x5r 100f 0805 4v x5r 5 850khz 48.7 2.3mhz 14.7 7v to 40v 1 5 24.3 4.7f 50v 1206 x5r 47f 6.3v 0805 x5r 5 1mhz 40.2 3mhz 10.7 11v to 40v 1 8 13.7 4.7f 50v 1206 x5r 22f 1206 10v x7r 5 1.2mhz 33.2 3mhz 10.7 16v to 40v 1 12 8.66 4.7f 50v 1206 x5r 10f 0805 16v x7s 5 1.5mhz 25.5 3mhz 10.7 19.5 to 40v 1 15 6.81 4.7f 50v 1206 x5r 10f 0805 16v x7s 5 1.5mhz 25.5 3mhz 10.7 23.5v to 40v 1 18 5.62 4.7f 50v 1206 x5r 10f 1206 25v x5r 5 1.5mhz 25.5 3mhz 10.7 5v to 22v 1 ?18 5.62 4.7f 50v 1206 x5r 10f 1206 25v x5r ltm8003 gnd 1.5mhz 25.5 3mhz 10.7 4.5v to 25v 1 ?15 6.81 4.7f 50v 1206 x5r 10f 0805 16v x7s ltm8003 gnd 1.5mhz 25.5 3mhz 10.7 3.4v to 28v 1 ?12 8.66 4.7f 50v 1206 x5r 10f 0805 16v x7s ltm8003 gnd 1.5mhz 25.5 3mhz 10.7 3.4v to 32v 1 ?8 13.7 4.7f 50v 1206 x5r 22f 1206 10v x7r ltm8003 gnd 1.2mhz 33.2 3mhz 10.7 3.4v to 35 1 ?5 24.3 4.7f 50v 1206 x5r 47f 6.3v 0805 x5r ltm8003 gnd 1mhz 40.2 3mhz 10.7 3.4v to 36v 1 ?3.3 41.2 4.7f 50v 1206 x5r 100f 0805 4v x5r ltm8003 gnd 850khz 48.7 2.3mhz 14.7 1. the ltm8003 may be capable of lower input voltages but may skip switching cycles. 2. an input bulk capacitor is required
lt m8003 18 8003fc for more information www.linear.com/ltm8003 applications information capacitor selection considerations the c in and c out capacitor values in table 1 are the minimum recommended values for the associated oper - ating conditions. applying capacitor values below those indicated in table 1 is not recommended and may result in undesirable operation. using larger values is generally acceptable, and can yield improved dynamic response, if it is necessary. again, it is incumbent upon the user to verify proper operation over the intended system?s line, load and environmental conditions. ceramic capacitors are small, robust and have very low esr. however, not all ceramic capacitors are suitable. x5r and x7r types are stable over temperature and ap - plied voltage and give dependable service. other types, including y5v and z5u have very large temperature and voltage coefficients of capacitance. in an application cir - cuit they may have only a small fraction of their nominal capacitance resulting in much higher output voltage ripple than expected. ceramic capacitors are also piezoelectric. in burst mode operation, the ltm8003? s switching frequency depends on the load current, and can excite a ceramic capacitor at audio frequencies, generating audible noise. since the ltm8003 operates at a lower current limit during burst mode operation, the noise is typically very quiet to a casual ear. if this audible noise is unacceptable, use a high perfor - mance electrolytic capacitor at the output. it may also be a parallel combination of a ceramic capacitor and a low cost electrolytic capacitor. a final precaution regarding ceramic capacitors concerns the maximum input voltage rating of the ltm8003. a ceramic input capacitor combined with trace or cable inductance forms a high-q (underdamped) tank circuit. if the ltm8003 circuit is plugged into a live supply, the input voltage can ring to twice its nominal value, possi - bly exceeding the device?s rating. this situation is easily avoided; see the hot-plugging safely section. frequency selection the ltm8003 uses a constant frequency pwm architec - ture that can be programmed to switch from 200khz to 3mhz by using a resistor tied from the rt pin to ground. table 2 provides a list of r t resistor values and their resultant frequencies. table 2. sw frequency vs r t value f sw (mhz) r t (k) 0.2 232 0.3 150 0.4 110 0.5 88.7 0.6 71.5 0.7 60.4 0.8 52.3 1.0 40.2 1.2 33.2 1.4 28.0 1.6 23.7 1.8 20.5 2.0 18.2 2.2 15.8 3.0 10.7 operating frequency trade-offs it is recommended that the user apply the optimal r t value given in table 1 for the input and output operating condition. system level or other considerations, however, may necessitate another operating frequency. while the ltm8003 is flexible enough to accommodate a wide range of operating frequencies, a haphazardly chosen one may result in undesirable operation under certain operating or fault conditions. a frequency that is too high can reduce efficiency, generate excessive heat or even damage the ltm8003 if the output is overloaded or short-circuited. a frequency that is too low can result in a final design that has too much output ripple or too large of an output capacitor.
lt m8003 19 8003fc for more information www.linear.com/ltm8003 applications information bias pin considerations the bias pin is used to provide drive power for the in- ternal power switching stage and operate other internal circuitry. for proper operation, it must be powered by at least 3.2v . if the output voltage is programmed to 3.2v or higher, bias may be simply tied to v out . if v out is less than 3.2v , bias can be tied to v in or some other voltage source. if the bias pin voltage is too high, the efficiency of the ltm8003 may suffer. the optimum bias voltage is dependent upon many factors, such as load current, input voltage, output voltage and switching frequency. in all cases, ensure that the maximum voltage at the bias pin is less than 19v. if bias power is applied from a remote or noisy voltage source, it may be necessary to apply a decoupling capacitor locally to the pin. a 1f ceramic capacitor works well. the bias pin may also be left open at the cost of a small degradation in efficiency. if unused or generating a negative output, tie bias to ltm8003 gnd. maximum load the maximum practical continuous load that the ltm8003 can drive, while rated at 3.5a, actually depends upon both the internal current limit and the internal temperature. the internal current limit is designed to prevent damage to the ltm8003 in the case of overload or short-circuit. the internal temperature of the ltm8003 depends upon operating conditions such as the ambient temperature, the power delivered, and the heat sinking capability of the system. for example, if the ltm8003 h is configured to regulate at 1.2v, it may continuously deliver 6a from 12v in if the ambient temperature is controlled to less than 50c. this is quite a bit higher than the 3.5a continuous rating. please see the ?derating, h-grade, v out = 1.2v? curve in the typical performance characteristics section. similarly, if the output voltage is 18v and the ambient temperature is 100c , the ltm8003h will deliver at most 2.7a from 24v in , which is less than the 3.5a continuous rating. load sharing neither the ltm8003 nor ltm8003 -3.3 are designed to load share. burst mode operation to enhance efficiency at light loads, the ltm8003 auto - matically switches to burst mode operation which keeps the output capacitor charged to the proper voltage while minimizing the input quiescent current. during burst mode operation, the ltm8003 delivers single cycle bursts of current to the output capacitor followed by sleep periods where most of the internal circuitry is powered off and energy is delivered to the load by the output capacitor. during the sleep time, v in and bias quiescent currents are greatly reduced, so, as the load current decreases towards a no load condition, the percentage of time that the ltm8003 operates in sleep mode increases and the average input current is greatly reduced, resulting in higher light load efficiency. burst mode operation is enabled by tying sync to gnd. minimum input voltage the ltm8003 is a step-down converter, so a minimum amount of headroom is required to keep the output in regulation. keep the input above 3.4v to ensure proper operation. voltage transients or ripple valleys that cause the input to fall below 3.4v may turn off the ltm8003. output voltage tracking and soft-start the ltm8003 allows the user to adjust its output voltage ramp rate by means of the tr/ss pin. an internal 2a pulls up the tr/ss pin to about 2.4v. putting an external capaci - tor on tr/ss enables soft starting the output to reduce current surges on the input supply. during the soft-start ramp the output voltage will proportionally track the tr/ ss pin voltage. for output tracking applications, tr/ss can be externally driven by another voltage source. from 0v to 0.97v, the tr/ss voltage will override the internal 0.97v reference input to the error amplifier, thus regulat - ing the fb pin voltage to that of the tr/ss pin. when tr/ ss is above 0.97v, tracking is disabled and the feedback voltage will regulate to the internal reference voltage. the tr/ss pin may be left floating if the function is not needed.
lt m8003 20 8003fc for more information www.linear.com/ltm8003 applications information an active pull-down circuit is connected to the tr/ss pin which will discharge the external soft-start capacitor in the case of fault conditions and restart the ramp when the faults are cleared. fault conditions that clear the soft-start capacitor are the run pin transitioning low, v in voltage falling too low, or thermal shutdown. pre-biased output as discussed in the output voltage tracking and soft- start section, the ltm8003 regulates the output to the fb voltage determined by the tr/ss pin whenever tr/ ss is less than 0.97v. if the ltm8003 output is higher than the target output voltage, the ltm8003 will attempt to regulate the output to the target voltage by returning a small amount of energy back to the input supply. if there is nothing loading the input supply, its voltage may rise. take care that it does not rise so high that the input voltage exceeds the absolute maximum rating of the ltm8003. frequency foldback the ltm8003 is equipped with frequency foldback which acts to reduce the thermal and energy stress on the internal power elements during a short circuit or output overload condition. if the ltm8003 detects that the output has fallen out of regulation, the switching frequency is reduced as a function of how far the output is below the target voltage. this in turn limits the amount of energy that can be delivered to the load under fault. during the start-up time, frequency foldback is also active to limit the energy delivered to the potentially large output capacitance of the load. when a clock is applied to the sync pin, the sync pin is floated or held high, the frequency foldback is disabled, and the switching frequency will slow down only during overcurrent conditions. synchronization to select low ripple burst mode operation, tie the sync pin below about 0.4v (this can be ground or a logic low output). to synchronize the lt m8003 oscillator to an external frequency, connect a square wave (with about 20% to 80% duty cycle) to the sync pin. the square wave amplitude should have valleys that are below 0.4v and peaks above 1.5v . the ltm8003 will not enter burst mode operation at low output loads while synchronized to an external clock, but instead will pulse skip to maintain regulation. the ltm8003 may be synchronized over a 200khz to 3mhz range. the r t resistor should be chosen to set the switching frequency equal to or below the lowest synchronization input. for example, if the synchronization signal will be 500khz and higher, the r t should be selected for 500khz. for some applications it is desirable for the ltm8003 to operate in pulse-skipping mode, offering two major dif - ferences from burst mode operation. the first is that the clock stays awake at all times and all switching cycles are aligned to the clock. the second is that full switching frequency is reached at lower output load than in burst mode operation. these two differences come at the expense of increased quiescent current. to enable pulse-skipping mode, the sync pin is floated. the ltm8003 features spread spectrum operation to further reduce emi/emc emissions. to enable spread spectrum operation, apply between 2.9v and 4.2v to the sync pin. in this mode, triangular frequency modulation is used to vary the switching frequency between the value programmed by r t to about 20% higher than that value. the modulation frequency is about 3khz . for example, when the ltm8003 is programmed to 2mhz, the frequency will vary from 2mhz to 2.4mhz at a 3khz rate. when spread spectrum operation is selected, burst mode operation is disabled, and the part will run in pulse-skipping mode. the ltm8003 does not operate in forced continuous mode regardless of sync signal. negative output the ltm8003 is capable of generating a negative output voltage by connecting its v out to system gnd and the ltm8003 gnd to the negative voltage rail. an example of this is shown in the typical applications section. the
lt m8003 21 8003fc for more information www.linear.com/ltm8003 applications information most versatile way to generate a negative output is to use a dedicated regulator that was designed to generate a negative voltage, but using a buck regulator like the ltm8003 to generate a negative voltage is a simple and cost effective solution, as long as certain restrictions are kept in mind. negative output voltage ltm8003 v out v in 8003 f01 gnd v in figure1. the ltm8003 can be used to generate a negative voltage figure1 shows a typical negative output voltage application. note that ltm8003 v out is tied to system gnd and input power is applied from v in to ltm8003 v out . as a result, the ltm8003 is not behaving as a true buck regulator, and the maximum output current depends upon the input voltage. in the example shown in the typical applications section, there is an attending graph that shows how much current the ltm8003 can deliver for given input voltages. fast load transient output transient response ltm8003 v out v in 8003 f02 gnd v in figure2. any output voltage transient appears on ltm8003 gnd note that this configuration requires that any load current transient will directly impress the transient voltage onto the ltm8003 gnd, as shown in figure 2, so fast load transients can disrupt the ltm8003?s operation or even cause damage. fast v in transient output experiences a positive transient ltm8003 v out v in 8003 f03 gnd c out c in optional schottky diode ac divider v in figure3. a schottky diode can limit the transient caused by a fast rising v in to safe levels the c in and c out capacitors in figure3 form an ac divider at the negative output voltage node. if v in is hot-plugged or rises quickly, the resultant v out will be a positive tran - sient, which may be unhealthy for the application load. an anti-parallel schottky diode may be able to prevent this positive transient from damaging the load. the loca - tion of this schottky diode is important. for example, in a system where the ltm8003 is far away from the load, placing the schottky diode closest to the most sensitive load component may be the best design choice. care - fully evaluate whether the negative buck configuration is suitable for the application. when generating a negative output voltage, tie bias to ltm8003 gnd. shorted input protection care needs to be taken in systems where the output is held high when the input to the ltm8003 is absent. this may occur in battery charging applications or in battery backup systems where a battery or some other supply is diode ored with the ltm8003?s output. if the v in pin is allowed to float and the run pin is held high (either by a logic signal or because it is tied to v in ), then the ltm8003?s internal circuitry pulls its quiescent current through its internal power switch. this is fine if your system can tolerate a few milliamps in this state. if you ground the run pin, the internal current drops to essentially zero. however, if the v in pin is grounded while the output is held high, parasitic
lt m8003 22 8003fc for more information www.linear.com/ltm8003 applications information diodes inside the ltm8003 can pull large currents from the output through the v in pin. figure4 shows a circuit that runs only when the input voltage is present and that protects against a shorted or reversed input. ltm8003 v in v in 8003 f04 run figure4. the input diode prevents a shorted input from discharging a backup battery tied to the output. it also protects the circuit from a reversed input. the ltm8003 runs only when the input is present pcb layout most of the headaches associated with pcb layout have been alleviated or even eliminated by the high level of integration of the ltm8003. the ltm8003 is neverthe - less a switching power supply, and care must be taken to minimize emi and ensure proper operation. even with the high level of integration, you may fail to achieve specified operation with a haphazard or poor layout. see figure5 for a suggested layout. ensure that the grounding and heat sinking are acceptable. a few rules to keep in mind are: 1. place c ff , r fb and r t as close as possible to their respective pins. 2. place the c in capacitor as close as possible to the v in and gnd connection of the ltm8003. 3. place the c out capacitor as close as possible to the v out and gnd connection of the ltm8003. 4. place the c in and c out capacitors such that their ground current flow directly adjacent to or underneath the ltm8003. 5. connect all of the gnd connections to as large a copper pour or plane area as possible on the top layer. avoid breaking the ground connection between the external components and the ltm8003. 6. use vias to connect the gnd copper area to the board?s internal ground planes. liberally distribute these gnd vias to provide both a good ground connection and thermal path to the internal planes of the printed circuit board. pay attention to the location and density of the thermal vias in figure5. the ltm8003 can benefit from the heat-sinking afforded by vias that connect to internal gnd planes at these locations, due to their proximity to internal power handling components. the optimum sync gnd gnd/ thermal vias run biasfb v out v in c out c in pg tr/ss rt 8003 f05 figure5. layout showing suggested external components, gnd plane and thermal vias
lt m8003 23 8003fc for more information www.linear.com/ltm8003 applications information number of thermal vias depends upon the printed circuit board design. for example, a board might use very small via holes. it should employ more thermal vias than a board that uses larger holes. hot-plugging safely the small size, robustness and low impedance of ceramic capacitors make them an attractive option for the input bypass capacitor of ltm8003 . however, these capacitors can cause problems if the ltm8003 is plugged into a live supply (see linear technology application note 88 for a complete discussion). the low loss ceramic capacitor combined with stray inductance in series with the power source forms an underdamped tank circuit, and the volt - age at the v in pin of the ltm8003 can ring to more than twice the nominal input voltage, possibly exceeding the ltm8003 ? s rating and damaging the part. if the input supply is poorly controlled or the ltm8003 is hot-plugged into an energized supply, the input network should be designed to prevent this overshoot. this can be accomplished by installing a small resistor in series to v in , but the most popular method of controlling input voltage overshoot is add an electrolytic bulk cap to the v in net. this capacitor?s relatively high equivalent series resistance damps the circuit and eliminates the voltage overshoot. the extra capacitor improves low frequency ripple filtering and can slightly improve the efficiency of the circuit, though it is likely to be the largest component in the circuit. thermal considerations the ltm8003 output current may need to be derated if it is required to operate in a high ambient temperature. the amount of current derating is dependent upon the input voltage, output power and ambient temperature. the derating curves given in the typical performance char - acteristics section can be used as a guide. these curves were generated by the ltm8003 mounted to a 58cm 2 4-layer fr4 printed circuit board. boards of other sizes and layer count can exhibit different thermal behavior, so it is incumbent upon the user to verify proper operation over the intended system?s line, load and environmental operating conditions. for increased accuracy and fidelity to the actual applica - tion, many designers use fea (finite element analysis) to predict thermal performance. to that end, page 2 of the data sheet typically gives four thermal coefficients: ja ? thermal resistance from junction to ambient jcbottom ? thermal resistance from junction to the bottom of the product case jctop ? thermal resistance from junction to top of the product case jb ? thermal resistance from junction to the printed circuit board. while the meaning of each of these coefficients may seem to be intuitive, jedec has defined each to avoid confusion and inconsistency. these definitions are given in jesd51-12, and are quoted or paraphrased below: ja is the natural convection junction-to-ambient air thermal resistance measured in a one cubic foot sealed enclosure. this environment is sometimes referred to as ?still air? although natural convection causes the air to move. this value is determined with the part mounted to a jesd 51-9 defined test board, which does not reflect an actual application or viable operating condition. jcbottom is the junction-to-board thermal resistance with all of the component power dissipation flowing through the bottom of the package. in the typical module regulator, the bulk of the heat flows out the bottom of the package, but there is always heat flow out into the ambient envi - ronment. as a result, this thermal resistance value may be useful for comparing packages but the test conditions don?t generally match the user?s application.
lt m8003 24 8003fc for more information www.linear.com/ltm8003 applications information jctop is determined with nearly all of the component power dissipation flowing through the top of the package. as the electrical connections of the typical module regulator are on the bottom of the package, it is rare for an application to operate such that most of the heat flows from the junc - tion to the top of the part. as in the case of jcbottom , this value may be useful for comparing packages but the test conditions don?t generally match the user?s application. jb is the junction-to-board thermal resistance where almost all of the heat flows through the bottom of the module regulator and into the board, and is really the sum of the jcbottom and the thermal resistance of the bottom of the part through the solder joints and through a portion of the board. the board temperature is measured a specified distance from the package, using a two sided, two layer board. this board is described in jesd 51-9. given these definitions, it should now be apparent that none of these thermal coefficients reflects an actual physical operating condition of a module regulator. thus, none of them can be individually used to accurately predict the thermal performance of the product. likewise, it would be inappropriate to attempt to use any one coefficient to correlate to the junction temperature vs load graphs given in the product?s data sheet. the only appropriate way to use the coefficients is when running a detailed thermal analysis, such as fea, which considers all of the thermal resistances simultaneously. a graphical representation of these thermal resistances is given in figure6. the blue resistances are contained within the module regulator, and the green are outside. the die temperature of the ltm8003 must be lower than the maximum rating, so care should be taken in the layout of the circuit to ensure good heat sinking of the ltm8003. the bulk of the heat flow out of the ltm8003 is through the bottom of the package and the pads into the printed circuit board. consequently a poor printed circuit board design can cause excessive heating, resulting in impaired performance or reliability. please refer to the pcb layout section for printed circuit board design suggestions. 8003 f06 module device junction-to-case (top) resistance junction-to-board resistance junction-to-ambient resistance (jesd 51-9 defined board) case (top)-to-ambient resistance board-to-ambient resistance junction-to-case (bottom) resistance junction ambient case (bottom)-to-board resistance figure6. graphical representation of the thermal resistances between the device junction and ambient
lt m8003 25 8003fc for more information www.linear.com/ltm8003 fault tolerance the fixed output version of ltm8003 is designed to tol- erate a single fault condition. shorting two adjacent pins together or leaving one single pin floating does not raise v out or cause damage to the ltm8003 module regulator. table 2 describe the effects that result from shorting ad - jacent pins. note that, since all pins are redundant, there is no analysis describing what happens when a single pin opens. the nc pins must be left floating to ensure fault tolerance. table 3. table 2. fmea analysis ? adjacent pin short test pin name heat smoke effect v in ?nc no no circuit behaves normally. v in ?run no no circuit behaves normally. run?nc no no circuit behaves normally. run?rt no no v out falls to 0v. device can be damaged if en/uv voltage is higher than rt abs max. run?gnd no no vout falls to 0v. rt ?gnd no no sw frequency increases. v out may fall below regulation voltage. rt ?gnd bank1 no no sw frequency increases. v out may fall below regulation voltage. rt ?trss no no v out will fall below regulation voltage. tr/ss?sync no no v out will fall below regulation voltage. tr/ss?gnd bank1 no no v out will fall below regulation voltage. sync?gnd no no circuit behaves normally. sync?pg no no circuit behaves normally. sync?gnd bank1 no no circuit behaves normally. bias?gnd bank1 no no efficiency may decrease. bias?v out bank3 no no efficiency may decrease. if bias is tied to a voltage source > v out , v out may rise. if bias is tied to a votlage source < v out , v out may be reduced. v out bank3?gnd bank1 no no v out will fall to 0v.
lt m8003 26 8003fc for more information www.linear.com/ltm8003 typical applications 3.3v out from 5v in to 40v in step-down converter. bias is tied to v out 1.2v out from 3.4v in to 40v in step-down converter. bias is tied to an external 3.3v source 2.5v out from 5.5v in to 15v in step-down converter. bias is tied to v in 4.7f 100f 49.9k 850khz ltm8003-3.3 v out bias v out 3.3v 4a v in v in 5v to 40v gnd run sync rt 8003 ta02 pins not used in this circuit: tr/ss, pg 3.3v 4.7f 100f 2 47pf 402k ltm8003 v out bias v out 1.2v 4a v in v in 3.4v to 40v fb gnd run sync 8003 ta03 pins not used in this circuit: tr/ss, pg 78.7k 550khz rt 4.7f 100f 63.4k ltm8003 v out bias v out 2.5v 4a v in v in 5.5v to 15v fb gnd run sync 8003 ta04 pins not used in this circuit: tr/ss, pg 56.2k 750khz rt
lt m8003 27 8003fc for more information www.linear.com/ltm8003 ?5v out from 5v in to 35v in positive to negative converter, bias tied to ltm8003 gnd maximum load current vs v in . bias open 4.7f 47f 24.3k ltm8003 v out run optional schottky diode v in v in 5v to 35v fb gnd sync bias 8003 ta05a pins not used in this circuit: tr/ss, pg 41.2k 1mhz rt + input bulk cap v out ?5v input voltage (v) 0 10 20 30 40 0 1 2 3 4 5 6 maximum load current (a) 8003 ta05b typical applications package description package photo table 4 ltm8003 pinout (adjustable version, sorted by pin number) pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name a 1 gnd b 1 pg c 1 pg d 1 gnd e 1 gnd f 1 fb g 1 bias h 1 v out a 2 sync b 2 sync c 2 gnd d 2 gnd e 2 gnd f 2 fb g 2 bias h 2 v out a 3 ss b 3 ss c 3 gnd d 3 gnd e 3 gnd f 3 gnd g 3 v out h 3 v out a 4 rt b 4 gnd c 4 gnd d 4 gnd e 4 gnd f 4 gnd g 4 v out h 4 v out a 5 rt b 5 run c 5 nc d 5 nc e 5 nc f 5 gnd g 5 v out h 5 v out a 6 gnd b 6 run c 6 v in d 6 v in e 6 nc f 6 gnd g 6 v out h 6 v out ltm8003 pinout (fixed output voltage, sorted by pin number) pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name a 1 gnd b 1 pg c 1 pg d 1 gnd e 1 gnd f 1 gnd g 1 bias h 1 v out a 2 sync b 2 sync c 2 gnd d 2 gnd e 2 gnd f 2 gnd g 2 bias h 2 v out a 3 ss b 3 ss c 3 gnd d 3 gnd e 3 gnd f 3 gnd g 3 v out h 3 v out a 4 rt b 4 gnd c 4 gnd d 4 gnd e 4 gnd f 4 gnd g 4 v out h 4 v out a 5 rt b 5 run c 5 nc d 5 nc e 5 nc f 5 gnd g 5 v out h 5 v out a 6 gnd b 6 run c 6 v in d 6 v in e 6 nc f 6 gnd g 6 v out h 6 v out
lt m8003 28 8003fc for more information www.linear.com/ltm8003 package description please refer to http://www.linear.com/product/ltm8003#packaging for the most recent package drawings. notes: 1. dimensioning and tolerancing per asme y14.5m-1994 2. all dimensions are in millimeters ball designation per jep95 5. primary datum -z- is seating plane 6. solder ball composition is 96.5% sn/3.0% ag/0.5% cu 4 3 details of pin #1 identifier are optional, but must be located within the zone indicated. the pin #1 identifier may be either a mold or marked feature package top view 4 pin ?a1? corner x y aaa z aaa z package bottom view 3 see notes suggested pcb layout top view bga 48 0217 rev a ltmxxxxxx module tray pin 1 bevel package in tray loading orientation component pin ?a1? pin 1 0.000 0.5 0.5 1.5 1.5 2.5 2.5 3.5 0.5 2.5 1.5 0.5 1.5 2.5 3.5 0.000 detail a ?b (48 places) f g h e a b c d 2 1 4 3 56 detail b substrate // bbb z d a a1 b1 ccc z detail b package side view mold cap z m x yzddd m zeee 0.50 0.025 ? 48x symbol a a1 a2 b b1 d e e f g h1 h2 aaa bbb ccc ddd eee min 3.12 0.40 2.72 0.50 0.47 0.27 2.45 nom 3.32 0.50 2.82 0.60 0.50 9.00 6.25 1.00 7.00 5.00 0.32 2.50 max 3.52 0.60 2.92 0.70 0.53 0.37 2.55 0.15 0.10 0.20 0.25 0.10 notes ball dimension ball ht substrate thk mold cap ht pad dimension dimensions total number of balls: 48 e b e e b a2 f g bga package 48-lead (9mm 6.25mm 3.32mm) (reference ltc dwg # 05-08-1999 rev a) h1 h2 7 package row and column labeling may vary among module products. review each package layout carefully ! 7 see notes detail a
lt m8003 29 8003fc for more information www.linear.com/ltm8003 information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa - tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. revision history rev date description page number a 2/17 added ?silent switcher? to product description and features added emi performance graph added fault tolerance section and fmea analysis table 1 13, 14 25 b 5/17 added ltm8003iy and ltm8003hy changed recommended bias pin connection from open to gnd for negative output applications. 2 5, 7, 11, 13, 14, 17, 19, 21, 27 c 12/17 changed peak reflow body temperature from 260c to 250c 2
lt m8003 30 8003fc for more information www.linear.com/ltm8003 ? linear technology corporation 2016 lt 1217 rev c ? printed in usa www.linear.com/ltm8003 related parts typical application part number description comments ltm8053 40v, 4a step-down module regulator 3.4v v in 40v. 0.97v v out 15v. 6.25mm x 9mm x 3.32mm bga package. ltm8032 36v, 2a low emi step-down module regulator 3.6v v in 36v, 0.8v v out 10v. en55022b compliant. ltm8033 36v, 3a low emi step-down module regulator 3.6v v in 36v. 0.8v v out 24v. en55022b compliant. ltm8026 36v, 5a cvcc step-down module regulator 6v v in 36v. 1.2v v out 24v. constant voltage constant current operation. LTM4613 36v, 8a low emi step-down module regulator 5v v in 36v. 3.3v v out 15v. en55022b compliant ltm8027 60v, 4a step-down module regulator 4.5v v in 60v, 2.5v v out 24v. ltm8050 58v, 2a step-down module regulator 3.6v v in 58v, 0.8v v out 24v. design resources subject description module design and manufacturing resources design: ? selector guides ? demo boards and gerber files ? free simulation tools manufacturing: ? quick start guide ? pcb design, assembly and manufacturing guidelines ? package and board level reliability module regulator products search 1. sort table of products by parameters and download the result as a spread sheet. 2. search using the quick power search parametric table. techclip videos quick videos detailing how to bench test electrical and thermal performance of module products. digital power system management linear technology?s family of digital power supply management ics are highly integrated solutions that offer essential functions, including power supply monitoring, supervision, margining and sequencing, and feature eeprom for storing user configurations and fault logging. external 3.3v 4.7f 100f 2 47pf ltm8003 v out fb v out 0.97v 4a v in v in 3.4v to 40v bias gnd run sync 8003 ta06 pins not used in this circuit: tr/ss, pg 84k 450khz rt 0.97v out from 3.4v in to 40v in step down converter with spread spectrum. bias is tied to an external 3.3v source


▲Up To Search▲   

 
Price & Availability of LTM4613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X