Part Number Hot Search : 
CT1G0 T1210 T1210 HYS64T KBU8G Z15D681 26000 045SPBF
Product Description
Full Text Search
 

To Download LSP10120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 11/11/16 5 description features agency approvals absolute maximum ratings ? for ratings of individual members of a series, see device ratings and specifcations chart agency standard agency file number ul1449 e320116 note: * = max. continuous current for series connection. caution: stresses above those listed in "absolute maximum ratings" may cause permanent damage to the device. this is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specifcation is not implied. lsp10 module series lsp10 series units continous: ac voltage range (v m(ac)rms ) 150 to 510 v continuous current* 5 a t ransient: maximum disc harge current 8/20s waveform (imax) 20,000 a nominal discharge cur rent 8/20s waveform (i n ) 10,000 a operating ambient temperature range (t a ) -45 to +85 c storage temperature range (t stg ) -45 to +110 c isolation voltage capability (when the thermal disconnect opens) 600 v insulation resistance >1,000 m ? 20ka maximum discharge current (imax)m 8/20us ? meets ansi c82.77-5- 2015: location c high ? meets ansi c136.2- 2015: extreme level ? meets ieee c62.41.2: location category c high ? meets us dept. of energy msslc model spec. ? parallel or series connected options ? thermally protected ? ip66 rated, dust-tight and water resist ant ? iec61643-1 1 class ii/ en61643-11 type 2 compliant 1 ? 240vac and 277vac parts are available for class i and class ii installation based on iec luminaire protection classes. please see details in part numbering system. ? ce mark - meets the requirements of low voltage and rohs european directives. applications ? outdoor and commercial led lighting ? roadw ay lighting ? traf fc lighting ? digital signage ? wash w all lighting ? parking garage/lot lighting ? flood lighting ? tunnel lighting ? street lighting notes: 1. self-declared compliance. the littelfuse lsp10 thermally protected surge protective device is a self-protected device which is specially designed to be used in outdoor and commercial led lighting fxtures for transient overvoltage protection. it is constructed with littelfuse thermally protected varistor technology. its built-in thermal disconnect function provides additional protection to prevent catastrophic failure and fre hazard even under the extreme circumstances of varistor end-of-life or sustain - ing over voltage conditions. lsp10 series connected option a l lows clear indication of thermal fault protection by discon - necting power to luminaire thereby signally spd module r e placement. the lsp10 spd facilitates customers product compliance to ieee c62.41.2 location category c high and us dept of energy msslc model spec. s additional information datasheet sle resources surge protection module led lighting surge protection module > lsp10 lv ultramo v ? s eries
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 11/11/16 6 notes: 1. 5a max. continuous current for series connection. 2. nominal discharge current (in)(a): the nominal discharge current is a measure of the spds endurance capability; 15 impulses of discharge current uses the 8/20us current waveform. 3. maximum discharge current (imax)(a): the maximum discharge current is a measure of the spds maximum capability; single impulse of discharge current uses the 8/20us current waveform. all devices pass maximum discharge current with possible, safe opening of thermal disconnect. 4. mlv C ul1449 measured limiting voltage; the highest value of residual voltage measurements during the application of impulses of 8/20us nominal discharge current (in); an average voltage value of 15 impulses. 5. up C iec 61643-11 voltage protection level; the highest value of residual voltage measurements during the application of impulses of 8/20us nominal discharge current (in); a rounding voltage value of maximum measurement. 6. mcov/uc: maximum continuous operating voltage - maximum r.m.s. voltage that could be continuously applied to the spd. 7. the series modules can be used in parallel connections for the indication circuit connection. 8. * = - p or pm 9. repetitive surge withstanding: 15 strikes at 10,000a (8/20us) with steady mlv/up. lsp10 series device ratings & specifcations part number 8 operating voltage (vac) mcov/uc (vac) 6 maximum discharge current (imax)(a) 3 nominal discharge current (in)(a) 2 m lv (v) 4 up (v) 5 safety compliance iec/en 61643-11 7 ul1449 LSP10120* 120 150 20,000 10,000 l-n:740 l-g:740 n-g:670 900 x lsp10240* 240 275 20,000 10,000 l-n:1130 l-g:1130 n-g:1060 1200 x x lsp10277* 277 320 20,000 10,000 l-n:1330 l-g:1330 n-g:1260 1400 x x lsp10347* 347 420 20,000 10,000 l-n:1750 l-g:1750 n-g:1680 1900 x lsp10480* 480 510 20,000 10,000 l-n:2020 l-g:2020 n-g:1960 2100 x lsp10240ll* l-l:240 l-l:275 20,000 10,000 l-l:1130 l-l:1200 x l-n/g:120 l-n/g:150 l-n/g:740 l-n/g:900 x lsp10480ll* l-l:480 l-l:510 20,000 10,000 l-l:2020 l-l:2100 x l-n/g:277 l-n/g:320 l-n/g:1330 l-n/g:1400 x repetitive surge capability for lsp10 1 10 100 1000 10000 100000 10 100 1000 1000 0 pe ak cu rre nt (a ) im pul se du ra ti on ( s) 1 15 10 2 10 10 3 4 10 5 10 6 2  figure 1 pulse rating (8x20sec) strikes surge 1 20,000a 2 15,000a 15 10,000a 100 3,000a 1,000 1,600a 10,000 650a 100,000 400a 1,000,000 240a surge protection module led lighting surge protection module > lsp10
? 2016 littelfuse, inc. specifcations are subject to change without notice. revised: 11/11/16 7 l n g sp d l l n /g o r a c/d c p o w e r supp l y le d m odu l e l n + - p a r a l l e l conn e c t i on l n g sp d l l n /g o r le d m odu l e l n + - le d n o rma lly o n p a r a l l e l conn e c t i on wit h le d in d ic a t in g sp d s t a t u s - o n ( green ) : sp d is o n lin e - o f f : sp d n e e d s r e p la c e m e n t lsp10 xxx s lsp10 xxx s a c/d c p o w e r supp l y r l n g sp d le d m odu l e l n + - p a r a l l e l conn e c t i on (for class ii unearthed) a c/d c p o w e r supp l y ~x3316 l n g sp d le d m od u l e l n + - s e rie s conn e c t i on (for class ii unearthed) ~x3316 a c/d c p o w e r supp l y l n g sp d l l n /g o r le d m od u l e l n + - s e rie s conn e c t i on a c/d c p o w e r supp l y notes: 1 . series module used in parallel connection f or indication circuit connection. 2. led indicator and associated circuitr y are not included in the module. 3. blac k wire is a c line v olt age (hot); white wire is a c neutral v olt age. 4. blac k wire v olt age is cut of f when spd needs replacement. 5. r is cur rent limiting resistor; it resist ance/w at t age is determined b y a c line v olt age and desired cur rent driving led . example: a c line v olt age 240v , led: 1 .6ma, resistor: 1 50k ohm/0.5w . part numbering system device family littelfuse surge protection modul e lsp 10 480ll p xxxxx nominal discharge current (ln) operating voltage connection mode ll: for l, l, n/g blank: l-n, l-g, n-g p or s (p: parallel connection; s: series connection ) other non-standard option x3333: with gnd wire connection, available in 240 and 277vac, ce marked, class i installations, earthed wire color: line: brown, neutral: blue, ground/p: green with yellow stripe x3316: without gnd wire connection, available in 240 and 277vac ratings, ce marked for class ii installations, unearthed wire color: line: brown, neutral: blue dimensions notes: 1. black: line; white: neutral; green: ground. (p/n with suffx x3333/x3316: brown: line; blue: neutral; green-yellow stripe: ground) 2. wire gauge: awg14 wire line in/out; wire length: 100mm or customized. lsp1 0xxxxxp lsp1 0xxxxxs 56.0 0.5 100 20 1 00 20 48.0 1.5 48.01.5 typical dimensions (mm) 2x ?4.80.2 64.0 1.5 30.0 1.0 6 2 6 2 2.3 0.2 lsp1 0xxxxxp lsp1 0xxxxxs 56.0 0.5 100 20 1 00 20 48.0 1.5 48.01.5 typical dimensions (mm) 2x ?4.80.2 64.0 1.5 30.0 1.0 6 2 6 2 2.3 0.2 application/installation schematic surge protection module led lighting surge protection module > lsp10 lv ultramo v ? s eries


▲Up To Search▲   

 
Price & Availability of LSP10120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X