Part Number Hot Search : 
4100B 16C60 BCX51 3189EE BA5417 PCA95 PCA95 COLOR
Product Description
Full Text Search
 

To Download J120D1AS12VDCP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant j120d 30.0 x 15.5 x 23.3 (33.0) mm features e197851 general data* dc coil data* contact data* ? switching capacity up to 20a ? pc pins and quick connect terminals ? strong resistance to shock and vibration ? designed to withstand high inrush ? uses include household appliances contact arrangement 1a = spst n.o. contact rating 20a @ 250vac general purpose contact resistance < 50 milliohms initial contact material agsno 2 maximum switching power 5000va maximum switching voltage 300vac maximum switching current 20a electrical life @ rated load 100k cycles, average mechanical life 10m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 4500v rms min. @ sea level initial contact to contact 1500v rms min. @ sea level initial shock resistance 200m/s 2 for 11 ms vibration resistance 1.50mm double amplitude 10~40hz terminal (copper alloy) strength 10n operating temperature -30 o c to +55 o c storage temperature -40 o c to +85 o c solderability 260 o c for 5 s weight 23g * values can change due to the switching frequency, desired reli- ability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .9w 5 6.5 28 3.75 .50 .9 20 10 6 7.8 40 4.50 .60 12 15.6 160 9.00 1.2 24 31.2 640 18.00 2.4 48 62.4 4267 36.00 3.6 ft
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j120d page 2 dimensions units = mm bottom views schematics & pc layouts 2x 6.35 [.25] 2x .80 [.032] 6.40 [.25] 18.50 [.73] 10.00 [.39] 8.00 [.31] 15.80 [.62] 23.30 [.92] 3.50 typ [.14] 2x .90 [.04] 13.80 [.54] 12.00 [.47] 10.00 [.39] 13.80 [.54] 12.00 [.47] 2x .40 [.02] 1.50 typ [.06] 30.10 [1.19] 9.40 [.37] 15.80 [.62] 26.20 [1.03] 23.30 [.92] 12.00 [.47] 10.00 [.39] 13.80 [.54] 13.80 [.54] 12.00 [.47] 2x .40 [.02] 2x .90 [.04] 1.50 typ [.06] 3.50 typ [.14] quick connect terminals and pc pins pc pins only 1 2 3 4 27.60 [1.09] 22.00 [.87] 12.00 [.47] 3.80 [.15] 4x ? 1.80 [.07] ordering information 1. series j120d 1a s 12vdc j120d 2. contact arrangement 1a = spst n.o. 3. sealing options s = sealed available with pc pins only c = dust cover available with quick connect & pc pins version only 4. coil voltage 5vdc 6vdc 12vdc 24vdc 48vdc 5. terminal options blank = quick connect & pc pin p = pc pin only


▲Up To Search▲   

 
Price & Availability of J120D1AS12VDCP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X