Part Number Hot Search : 
6038080 LB1830 PCM1740E E001510 DIS16 LA7957 DS121 SC1302F
Product Description
Full Text Search
 

To Download IXTP12N70X2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2017 ixys corporation, all rights reserved ds100780(01/17) x2-class power mosfet n-channel enhancement mode ixta12n70x2 IXTP12N70X2 ixth12n70x2 v dss = 700v i d25 = 12a r ds(on) ? ? ? ? ? 300m ? ? ? ? ? features ? international standard packages ? low r ds(on) and q g ? avalanche rated ? low package inductance advantages ? high power density ? easy to mount ? space savings applications ? switch-mode and resonant-mode power supplies ? dc-dc converters ? pfc circuits ? ac and dc motor drives ? robotics and servo controls symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 700 v v gs(th) v ds = v gs , i d = 250 a 2.5 4.5 v i gss v gs = ? 30v, v ds = 0v ??????????????????????? 100 na i dss v ds = v dss , v gs = 0v 5 ? a t j = 125 ? c 75 ? a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 300 m ? symbol test conditions maximum ratings v dss t j = 25 ? c to 150 ? c 700 v v dgr t j = 25 ? c to 150 ? c, r gs = 1m ? 700 v v gss continuous ? 30 v v gsm transient ? 40 v i d25 t c = 25 ? c12a i dm t c = 25 ? c, pulse width limited by t jm 24 a i a t c = 25 ? c6a e as t c = 25 ? c 300 mj dv/dt i s ? i dm , v dd ? v dss , t j ? 150c 50 v/ns p d t c = 25 ? c 180 w t j -55 ... +150 ? c t jm 150 ? c t stg -55 ... +150 ? c t l maximum lead temperature for soldering 300 c t sold 1.6 mm (0.062in.) from case for 10s 260 c f c mounting force (to-263) 10.65 / 2.2..14.6 n/lb m d mounting torque (to-220 & to-247) 1.13 / 10 nm/lb.in weight to-263 2.5 g to-220 3.0 g to-247 6.0 g g s d (tab) g d s to-220ab (ixtp) d (tab) g = gate d = drain s = source tab = drain to-247 (ixth) g s d (tab) d to-263 aa (ixta) advance technical information
ixys reserves the right to change limits, test conditions, and dimensions. ixta12n70x2 IXTP12N70X2 ixth12n70x2 note 1. pulse test, t ? 300 ? s, duty cycle, d ?? 2%. ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065b1 6,683,344 6,727,585 7,005,734b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123b1 6,534,343 6,710,405b2 6,759,692 7,063,975b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728b1 6,583,505 6,710,463 6,771,478b2 7,071,537 source-drain diode symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max i s v gs = 0v 12 a i sm repetitive, pulse width limited by t jm 48 a v sd i f = i s , v gs = 0v, note 1 1.4 v t rr 270 ns q rm 2.8 ???????????? c i rm 21 a i f = 6a, -di/dt = 100a/ s v r = 100v symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 7 12 s r gi gate input resistance 3.7 ? c iss 960 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 920 pf c rss 2 pf c o(er) 58 pf c o(tr) 200 pf t d(on) 24 ns t r 30 ns t d(off) 78 ns t f 27 ns q g(on) 19 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 5 nc q gd 8 nc r thjc 0.69 ? c/w r thcs to-220 0.50 ? c/w to-247 0.25 ? c/w resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 30 ? (external) effective output capacitance energy related time related v gs = 0v v ds = 0.8 ? v dss advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experi- ence, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2017 ixys corporation, all rights reserved ixta12n70x2 IXTP12N70X2 ixth12n70x2 fig. 1. output characteristics @ t j = 25oc 0 2 4 6 8 10 12 00.511.522.533.54 v ds - volts i d - amperes v gs = 10v 8v 5v 6v 7v fig. 3. output characteristics @ t j = 125oc 0 2 4 6 8 10 12 012345678910 v ds - volts i d - amperes v gs = 10v 7v 4v 5v 6v fig. 4. r ds(on) normalized to i d = 6a value vs. junction temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 12a i d = 6a fig. 2. extended output characteristics @ t j = 25oc 0 4 8 12 16 20 24 28 32 0 5 10 15 20 25 v ds - volts i d - amperes v gs = 10v 8v 6v 5v 7v fig. 5. r ds(on) normalized to i d = 6a value vs. drain current 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 5 10 15 20 25 30 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. normalized breakdown & threshold voltages vs. junction temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 -60 -40 -20 0 20 40 60 80 100 120 140 160 t j - degrees centigrade bv dss / v gs(th) - normalized bv dss v gs(th)
ixys reserves the right to change limits, test conditions, and dimensions. ixta12n70x2 IXTP12N70X2 ixth12n70x2 fig. 7. maximum drain current vs. case temperature 0 2 4 6 8 10 12 14 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 9. transconductance 0 4 8 12 16 20 24 0 2 4 6 8 10 12 14 16 18 20 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 10. forward voltage drop of intrinsic diode 0 10 20 30 40 50 60 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 8. input admittance 0 2 4 6 8 10 12 14 16 18 20 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 11. gate charge 0 2 4 6 8 10 0 2 4 6 8 101214161820 q g - nanocoulombs v gs - volts v ds = 350v i d = 6a i g = 10ma fig. 12. capacitance 0.1 1 10 100 1000 10000 1 10 100 1000 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss
? 2017 ixys corporation, all rights reserved ixta12n70x2 IXTP12N70X2 ixth12n70x2 ixys ref: t_12n70x2 (x3-s602) 1-19-17 fig. 15. maximum transient thermal impedance 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - k / w fig. 14. forward-bias safe operating area 0.01 0.1 1 10 100 10 100 1,000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 25s 1ms 100s r ds( on ) limit 10ms dc fig. 13. output capacitance stored energy 0 2 4 6 8 10 12 14 16 0 100 200 300 400 500 600 700 v ds - volts e oss - microjoules
ixys reserves the right to change limits, test conditions, and dimensions. ixta12n70x2 IXTP12N70X2 ixth12n70x2 pins: 1 - gate 2 - drain 3 - source to-220 outline to-263 outline 1 = gate 2 = drain 3 = source 4 = drain to-247 outline 1 - gate 2,4 - drain 3 - source e d1 e1 d2 a1 l1 p1 c b a b b2 b4 r d l e s a d c q 1 2 3 4 a2


▲Up To Search▲   

 
Price & Availability of IXTP12N70X2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X