Part Number Hot Search : 
SB150 TPS20 SB150 JSCA1 SMBJ5917 12020 SR162 SB150
Product Description
Full Text Search
 

To Download IRLML2502TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter typ. max. units r ja maximum junction-to-ambient  75 100  
these n-channel mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet ? power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management. a thermally enhanced large pad leadframe has been incorporated into the standard sot-23 package to produce a hexfet power mosfet with the industry's smallest footprint. this package, dubbed the micro3 ? , is ideal for applications where printed circuit board space is at a premium. the low profile (<1.1mm) of the micro3 allows it to fit easily into extremely thin application environments such as portable electronics and pcmcia cards. the thermal resistance and power dissipation are the best available. thermal resistance v dss = 20v r ds(on) = 0.045  ultra low on-resistance  n-channel mosfet  sot-23 footprint  low profile (<1.1mm)  available in tape and reel  fast switching  lead-free  halogen-free  
parameter max. units v ds drain- source voltage 20 v i d @ t a = 25c continuous drain current, v gs @ 4.5v 4.2 i d @ t a = 70c continuous drain current, v gs @ 4.5v 3.4 a i dm pulsed drain current  33 p d @t a = 25c power dissipation 1.25 p d @t a = 70c power dissipation 0.8 linear derating factor 0.01 w/c v gs gate-to-source voltage 12 v t j, t stg junction and storage temperature range -55 to + 150 c 
     micro3 ? d s g 3 1 2 hexfet   power mosfet 1 of 2 sales@zpsemi.com www.zpsemi.com
  repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )    pulse width  300 s; duty cycle    surface mounted on fr-4 board, t 
s d g electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 20 ??? ??? v v (br)dss / t j breakdown voltage temp. coefficient ??? 0.01 ??? v/c r ds(on) static drain-to-source on-resistance ??? 0.035 0.045 ??? 0.050 0.080 v gs(th) gate threshold voltage 0.60 ??? 1.2 v v gs(th) gate threshold voltage coefficient ??? -3.2 ??? mv/c gfs forward transconductance 5.8 ??? ??? s i dss drain-to-source leakage current ??? ??? 1.0 ??? ??? 25 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 q g total gate charge ??? 8.0 12 q gs gate-to-source charge ??? 1.8 2.7 q gd gate-to-drain ("miller") charge ??? 1.7 2.6 t d(on) turn-on delay time ??? 7.5 ??? t r rise time ??? 10 ??? t d(off) turn-off delay time ??? 54 ??? t f fall time ??? 26 ??? c iss input capacitance ??? 740 ??? c oss output capacitance ??? 90 ??? c rss reverse transfer capacitance ??? 66 ??? source-drain rating and characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.2 v t rr reverse recovery time ??? 16 24 ns q rr reverse recovery charge ??? 8.6 13 nc mosfet symbol na ns a pf nc v ds = 10v v gs = 12v v gs = -12v conditions v gs = 0v, i d = 250ua reference to 25c, i d = 1.0ma v gs = 4.5v, i d = 4.2a  ??? ??? 33 ??? ??? 1.3 conditions r d = 10  ? = 1.0mhz t j = 25c, i f = 1.3a di/dt = 100a/ s  t j = 25c, i s = 1.3a, v gs = 0v  showing the integral reverse p-n junction diode. r g = 6 v ds = 10v, i d = 4.0a v ds = 16v, v gs = 0v, t j = 70c a v gs = 5.0v  i d = 1.0a v gs = 0v v ds = 15v i d = 4.0a v ds = v gs , i d = 250 a v gs = 2.5v, i d = 3.6a  v ds = 16v, v gs = 0v v dd = 10v 
hexfet   power mosfet 2 of 2 sales@zpsemi.com www.zpsemi.com


▲Up To Search▲   

 
Price & Availability of IRLML2502TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X