Part Number Hot Search : 
31818 7C134 UY69B 400BL 10U200 BR101 BCM53 AM2520
Product Description
Full Text Search
 

To Download IRF630N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF630N description drain current ?i d =9.3a@ t c =25 drain source voltage- : v dss = 200v(min) static drain-source on-resistance : r ds(on) = 0.3 (max) fast switching speed low drive requirement applications this device is n-channel, enhanc ement mode, power mosfet designed especially for high power, high speed applications, such as switching power supplies,ups, ac and dc motor con- trols, relay and solenoid drivers and high energy pulse circuits. absolute maximum ratings(t a =25 ) symbol arameter value unit v dss drain-source voltage (v gs =0) 200 v v gs gate-source voltage 20 v i d drain current-continuous@ tc=25 9.3 a p d total dissipation@tc=25 82 w t j max. operating junc tion temperature 175 t stg storage temperature range -55~175 thermal characteristics symbol parameter max unit r th j-c thermal resistance,junction to case 1.83 /w r th j-a thermal resistance,junction to ambient 62 /w www.kersemi.com
IRF630N electrical characteristics (t =25 c ) symbol parameter conditions min max unit v (br)dss drain-source breakdown voltage v gs =0; i d =0.25ma 200 v v gs (th) gate threshold voltage v ds = v gs ; i d = 0.25ma 2 4 v r ds(on) drain-source on-stage resistance v gs =10v; i d =5.4a 0.3 i gss gate source leakage current v gs = 20v;v ds =0 100 na i dss zero gate voltage drain current v ds =200v; v gs =0 25 ua v sd diode forward voltage i f = 5.4a; v gs =0 1.3 v www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF630N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X