Part Number Hot Search : 
25MBX08 CDBD1530 BTS41 NCS5650 2N3700S E2108 CSC3114R BZX84C15
Product Description
Full Text Search
 

To Download HS053-HD60125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet din rail mou n t hs053 series assemblies ? 82.5 amp ac output @ 40c ? single channel or 3 phase output ? 3 to 32 vdc input control voltage ? panel mounted ? ul, csa, vde, ce approved ssrs product selection 82.5a 82.5a description 3-32 vdc control hs053-d24125 HS053-HD60125 output specifications HS053-HD60125 hs053-d24125 description operating voltage (47-63hz) [vrms] 24-280 48-660 transient overvoltage [vpk] 600 1200 maximum off-state leakage current @ rated voltage [marms] 1.0 1.0 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 maximum load current [arms] 82.5 82.5 minimum load current [arms] 150 150 maximum surge current (16.6ms) [apk] 1200 1200 maximum on-state voltage drop @ rated current [vac] 1.15 1.15 maximum i2t for fusing (8.3 msec) [a2 sec] 6000 6000 minimum power factor (with maximum load) 0.5 0.5 input specifications HS053-HD60125 hs053-d24125 description control voltage range 3-32 vdc 4-32 vdc minimum turn-on voltage 3.0 vdc 4.0 vdc minimum turn-off voltage 1.0 vdc 1.0 vdc maximum reverse voltage -32 vdc -32 vdc minimum input current 7.0 ma 7.0 ma nominal input impeadance current regulated current regulated maximum turn-on time [msec] 1/2 cycle 1/2 cycle maximum turn-off time [msec] 1/2 cycle 1/2 cycle general specifications parameters description dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80c ambient storage temperature range -40 to 125c status indicator display none weight (typical) 3.31 lb. (150 g) recommended terminal screw torque range: (in-lb/nm) 6-32 screws - 13-15/1.5-1.7. 8-32 screws - 18-20/2-2.2 (screws dry without grease) thermal pad installed yes general notes (1) all parameters at 25c unless otherwise speci?ed. (2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 ? epoxy free design maximum input current 12 ma 12 ma (1) (1) do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice.
datasheet din rail mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. mechanical specifications thermal derate information agency approvals des i gned i n a c c o r d anc e w i t h t he r e qui rem e n t s o f i e c 623 14 agen c y app roval s a r e f o r r e l a y onl y . e116949 lr81689 10143 ug (not applicable: -b and 4d) rev. 042814 6.00 4.90 6.00 1.70 4.42 3.50 5.50 5.00 ambient temperature (oc) load current (amps) 100 80 60 40 20 0 20 10 30 40 50 60 70 80 0 hs053 w/125a ssr or 1-50a 3-phase ssr
datasheet din rail mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. danger / peligro / danger /gefahr / pericolo / h a z a r d o f e l e ct ric s ho ck, e x p l o s io n, o r a r c flash. ? di s c o n n e c t a l l p o w e r b e f o r e i n s ta l l i n g o r wo r k i n g w i t h th i s equipment. ? v e r i f y a l l c o n n e c ti o n s a n d r e p l a c e a l l c o v e r s b e f o r e tu r n i n g o n p o w e r . f a ilu r e t o f o llo w t h e s e in s t r u c t io n s w ill r e s u lt in d e a t h o r s e r io u s in ju r y . rie s g o de de s c a rg a e l e ct ric a o e x p l o s io n. ? de s c o n e c ta r to d o s l o s s u m i n i s tr o s d e e n e r g i a a e s te e q u i p o a n t e s d e tr a b a j a r c o n e s te equipo. ? v e r i f i c a r to d a s l a s conexiones y colocar todas l a s ta p a s antes d e energizer el e q u i p o . e l in c u m p lim ie n t o d e e s t a s in s t r u c c io n e s p u e d e p r o v o c a r la m u e r t e o le s io n e s s e r ia s . ris q u e de de s ch a rg e e l e ct riq ue o u explosion ? e te i n d r e to u te s l e s s o u r c e s d ' n e r g i e d e c e t a p p a r e i l a v a n t d e tr a v a i l l e r d e s s u s d e c e t a p p a r e i l ? vrifier tous connections, et remettre tous couverts en olace avant de mettre sous de n o n-s u iv i d e c e s in s t r u c t io n s p r o v o q u e r a la m o r t o u d e s l s io n s srieuses s r i e u s e s. g e f a hr e in e s e l e kt ris ch e n s chl a g e s o de r e ine r e x p l o s io n. ? s te l l e n s i e j e g l i c h e n s tr o m a b , d e r d i e s e s g e r ? t v e r s o r g t, bevor s i e a n dem g e r ? t arbeiten d u r c h f h r e n ? v o r d e m dr e h e n a u f e n e r g i e a l l e a n s c h l s s e b e r p r f e n u n d a l l e a b d e c k u n g e n e r s e t z e n. un t e r la s s u n g d ie s e r a n w e i s u n g e n k ? n n e n z u m t o d e o d e r z u s c h w e r e n v e r le t z u n g e n f h r e n. ? ? ? ? ? ?? ??? ? ??? ? warning / avertissement / warnung /advertencia / avvertenza / risk of material damage and hot enclosure ? the product's side panels may be hot, allow the product to cool before touching. ? follow proper mounting instructions including torque values. ? do not allow liquids or foreign objects to enter this product. failure to follow these instructions can result in serious injury, or equipment damage. risque de dommage materiel et de surchauffe du boitier ? les panneaux latraux du produit peuvent tre chauds. laisser le produit refroidir avant de le toucher. ? respecter les consignes de montage, et notamment les couples de serrage. ? ne pas laisser pntrer de liquide ni de corps trangers l'intrieur du produit. le non-respect de cette directive peut entra?ner, des lsions corporelles graves ou des dommages matriels. die nichtbeachtung dieser anweisung kann k?rperverletzung oder materialsch?den zur folge haben. gefahr von materialsch?den und geh?useerhitzung ? die seitenw?nde k?nnen hei? sein. lassen sie das produkt abkhlen, bevor sie es berhren. ? beachten sie die montageanweisungen, ? fhren sie keine flssigkeiten oder fremdk?rper in das produkt ein. si no se respetan estas precauciones pueden producirse graves lesiones, da?os materiales. riesgo de da?os materiales y de sobrecalentamiento de la unidad ? los paneles laterales del producto pueden estar calientes. esperar que el producto se enfre antes de tocarlo. ? respetar las instrucciones de montaje, y en particular los pares de apretado. ? no dejar que penetren lquidos o cuerpos extra?os en el producto. ??? ??? ???? ? ?????? ? ? ?????? ? ??? ris chio di s co s s a e l e t t ric a o de l l ?e s p l o s ione. ? s p e n g a tu tt a l ' a l i m e n ta z i o ne c h e f o r n i s c e q u e s ta a p p a r e c c h i a t ura p r i m a d i lavorare a questa a p p a r e c c h i a t ura ? v e r i f i c a r e t u tti i c o l l e g a m e n ti e s o s ti tu i r e tu tte l e coperture p r i m a d e l l ?accensione l ' o m is s io n e d i q u e s t e istruzioni p r o v o c h e r l a m o r t e o le s io n i s e r i e la mancata osservanza di questa precauzione pu causare gravi rischi per l'incolumit personale o danni alle apparecchiature. rischio di danni materiali e d'involucro caldo ? i pannelli laterali dell'apparecchio poss ono scottare; lasciar quindi raffreddare il prodotto prima di toccarlo. ? seguire le istruzioni di montaggio corrette. ? non far entrare liquidi o oggetti estranei in questo apparecchio.
datasheet din rail mou n t do not forget to visit us at: www .crydom.com copyright ? 2017 crydom inc. specifications subject to change without notice. annex - e n v i romental information the environmental information disclosed in this annex including the eip pollution logo are in compliance w i th people?s republic of china electronic industr y standard sj/t11364 ? 2006, marking for c ontrol of pollution caused by electronic information products. part name toxic or hazardous substance and elements lead mercury cadmium hexavalent polybrominated polybrominated (pb) (hg) (cd) chromium (cr (vi)) biphenyls (pbb) diphenyl ethers (pbde) semiconductor die solder - ? ?????????????? sj/t11364 - 2006, ?????? ??? ? ? (pb) (hg) (cd) (cr (vi)) (pbb) (pbde) ?? ? 50


▲Up To Search▲   

 
Price & Availability of HS053-HD60125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X