Part Number Hot Search : 
STF20A60 90M1T VSA51012 80C552 10112ZL AZ2842 ZX84C8V 1N5208
Product Description
Full Text Search
 

To Download GKTGF0J0R1M00500110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 u long life: 105 5000 hours. u especially designed for electronic ballast. specifications operating temperature range ( ) -40 ~ +105 capacitance range ( f) 10 f ~150 f rated voltage range (v) 200v ~ 400v capacitance tolerance (+20 , 120hz) 20% leakage current (a) i 0.02cv+25a i: leakage current (a) c: nominal capacitance (f) v: rated voltage (v) (20 , 2 minutes) dissipation factor (+20 , 120hz) u r (v) 200 250 350 400 tan 0.15 0.15 0.20 0.20 temperature characteristics (impedance ratio at 120hz) u r (v) 200 250 350 400 z-25 /+20 3 3 5 5 z-40 /+20 6 6 6 6 load life after application of dc voltage with rated ripple current (the voltage peak is not more than rated voltage) at 105 5,000 hours, measuring the parameters when the capacitors are restored to 20 , the capacitors shall meet the requirements as below: capacitance change: 20% of the initial measured value leakage current: the initial specified value dissipation factory: 200% of the initial specified value shelf life the following specifications shall be satisfied when the capacitors are restored to 20 after exposing them for 1000 hours at +105 without voltage application. capacitance change: 20% of the initial measured value leakage current: 200% of the initial specified value dissipation factory: 200% of the initial specified value dimensions (mm) d 10 12 13 16 18 22 f 5.0 5.0 5.0 7.5 7.5 10.5 d 0.05 0.6 0.6 0.6 0.8 0.8 0.8 a max. d<18 d=18 d>18 l<35.5 l 35.5 +1.5 -1.0 +1.5 -1.0 +2.0 -1.0 +2.0 -1.0 b max. (d<18) 0.5 (d 18) 1.0 multiplier for ripple current frequency coefficient frequency (hz) 120 1k 10k 100k coefficient 160~250 0.55 0.85 0.90 1.00 350~400 0.50 0.80 0.90 1.00 website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 gkt-gf aluminum electrolytic capacitor ? radial features
2 standard ratings rated voltage (vdc) capacitance ( f) size dxl (mm) tan rated ripple current (marms) 105 /100khz 200v 15 10x16 0.15 235 12x15 0.15 235 22 10x16 0.15 240 12x25 0.15 240 33 13x18 0.15 300 47 16x18 0.15 310 68 18x20 0.15 380 100 18x20 0.15 640 250v 10 10x16 0.15 250 15 13x15 0.15 250 22 12.5x18 0.15 285 33 16x18 0.15 320 47 16x20 0.15 330 68 18x25 0.15 400 100 18x25 0.15 680 150 22x26 0.15 740 350v 10 10x16 0.20 250 15 13x18 0.20 260 22 16x18 0.20 275 33 16x20 0.20 300 47 18x20 0.20 350 68 18x25 0.20 420 100 18x30 0.20 700 400v 10 12x18 0.20 260 15 16x18 0.20 270 22 16x20 0.20 285 33 18x20 0.20 310 47 18x25 0.20 375 68 18x25 0.20 430 100 22x31 0.20 720 tkt tantalum capacitor ? dipped gkt-gf aluminum electrolytic capacitor ? radial website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099
3 how to order gkt g f 0j 0r1 m 00500110 020 000 b r | | | | | | | | | | series sub series rated voltage 1. capacitance 2. capacitance tolerance 3. dimension 4. pitch/ pins 5. lead length 6. packing 7. pb 8. note: 1. rated voltage code 0j 1a 1c 1d 1e 1v 1g 1h 1j 1k voltage 6.3v 10v 16v 20v 25v 35v 40v 50v 63v 80v code 2a 2b 2c 2k 2d 2e 2f 2u 2v 2g 2x 2w 2h 2y voltage 100v 120v 160v 180v 200v 250v 315v 330v 350v 400v 420v 450v 500v 550v 2. capacitance code 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 capacitance (f) 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 code 221 271 331 391 471 561 681 102 222 332 472 103 223 capacitance (f) 220 270 330 390 470 560 680 1000 2200 3300 4700 10000 22000 3. capacitance tolerance code k l m p q r t u v h f tolerance 10% 15% 20% +100-0% +30-10% +20-0% +50-10% +75-10% +20-10% +20-5% +30-0 4. dimension code 00500110 00630120 01300200 01600300 03500450 dimension (mm) 5x11 6.3x12 13x20 16x30 35x45 5. pitch/pins code 020 025 035 050 075 100 127 4pins pitch (mm)/ pins 2.0 2.5 3.5 5.0 7.5 10.0 12.7 4ps 6. lead length code 000 040 045 050 lead length standard 4.0 4.5 5.0 7. packing code a b packing ammo bulk 8. pb code l r pb leaded rohs note: specifications are subject to change without notice. gkt-gf aluminum electrolytic capacitor ? radial website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099


▲Up To Search▲   

 
Price & Availability of GKTGF0J0R1M00500110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X