Part Number Hot Search : 
ZUR53W C3030 LP2951CM 4M32M 03B9D B4060 DSP56855 597K6FK
Product Description
Full Text Search
 

To Download GCR0805EW-10KFT18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glueable chip resistor gcr series suitable for conductve adhesive planar and wraparound versions high temperature operaton to 200c non-magnetc (g, p & ew types) range 0805 to 2512 at 1r0 to 10m rohs compliant size 0805 1206 2010 2512 power @70c w 0.125 0.25 0.625 1 resistance range ohms 1r0 to 10m tolerance % 1, 5 lev v 150 200 400 500 tcr ppm/c <10r:200 10r:100 operatng temperature c -55 to +200 thermal impedance c/w 220 160 75 40 values e24 or e96 preferred - other values to special order zero-ohm jumper current ratng a 1.5 2 zero-ohm jumper residual resistance milliohms <50 l w t a & c wt. g & p types ew & gw types 0805 2.0 +0.2/-0.15 1.25 0.15 0.5 0.15 0.4 0.2 0.009 1206 3.15 +0.2/-0.2 1.6 0.15 0.5 0.15 0.45 0.2 0.020 2010 5.0 0.2 2.5 0.2 0.65 0.15 0.5 +0.25/-0.3 0.036 2512 6.25 0.25 3.2 0.2 0.65 0.15 0.6 +0.25/-0.3 0.055 electrical data physical data (all dimensions in mm and nominal weight in g) constructon planar gold g type or ptag p types: electrodes, resistor material and overglaze are printed onto an alumina substrate. the resistors are laser trimmed to the required value and protected. wraparound ew type: thick-flm ptag electrodes, resistor material and overglaze are printed onto an alumina substrate. the resistors are laser trimmed to the required value and protected. the terminatons are wraparound coated with a polymer ag material. wraparound gw type: these are made as the ew type then plated with a nickel barrier and gold. all terminaton styles are suitable for atachment with conductve adhesive. marking the components are not marked; all data is printed onto the packaging. solvent resistance the component is resistant to all normal industrial cleaning solvents suitable for printed circuits. t w a a l wr ap-around terminations (3 faces) t w l resistors all parts are pb-free and comply with eu directve 2011/65/eu (rohs2) 01.18 general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc www.ttelectronics.com/resistors bi technologies irc welwyn
ordering procedure e xample : gcr1206g - 10kft3 ( gcr1206 in gold planar format at 10 kilohms 1 % , pb - free) g c r 1 2 0 6 g - 1 0 k f t 3 1 2 3 4 5 1 2 3 4 5 type termination value tolerance packing gcr0805 g gold planar 3/4 characters r = ohms k = kilohms m = megohms r000 = jumper f = 1 % t3 0805,1206, 2010 tape, up to 3000/reel gcr1206 p ptag planar j = 5 % gcr2010 ew polymer ag wraparound omit for jumper t18 2512 tape, up to 1800/reel gcr2512 gw ni barrier & au plated wraparound glueable chip resistor gcr series maximum load at rated power (1000hrs at 70c) r 2% + 0.01 deratng from rated power at 70c see deratng curve short term overload r 1% + 0.01 dry heat (1000hrs at 200c) r 2% + 0.01 damp heat steady state (56 days, 40c, 90% rh) r 1% + 0.01 climatc r 1% + 0.01 temperature rapid change (5 cycles -55oc to +200oc) r 1% + 0.01 performance data derating cu rv e p/ pr 200 am bi en tt em pe ra tu re de gc 0 155 70 100% packaging 0805 and 1206 gcr series resistors are supplied on 8mm carrier tape and 7 inch reels as per iec 286-3, quantty per reel; 3000. 2010 and 2512 gcr series resistors are supplied on 12mm carrier tape and 7 inch reels as per iec 286-3, quantty per reel; 2010: 3000pcs; 2512: 1800pcs. 01.18 tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. www.ttelectronics.com/resistors bi technologies irc welwyn ordering procedure


▲Up To Search▲   

 
Price & Availability of GCR0805EW-10KFT18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X