Part Number Hot Search : 
EL1881CN EMK21 BR156 BCPZ1 AP60N03S 47M35 BFS17P YTS4401
Product Description
Full Text Search
 

To Download D2SB05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  singl e phas e 2 . 0 am p bridg e rectifiers d 2 sb 0 5 a d 2 sb100a thru voltag e range 50to1000volts current 2 .0ampere      
  
 
 
 
 
 
 
  
 
  
 
  
 
 
 
  
 
  
  
 
 
  
  
  
  
   d2sb dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol d 2 sb 0 5 a d 2 s b 1 0 a d 2 sb 20a d 2 sb 4 0 a d 2 sb 6 0 a d 2 sb 8 0 a d 2 sb 1 00a unit s maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average rectified output current @ 50 ambient i (av) 2 .0 a peak one surge current overload current i a fsm 75 maximum instantaneous forward voltage @ 2 .0a v f 1.00 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 5.0 500 ua ua typical thermal resistance per leg (note) (note) r ja r jl 32 13 c /w typical junction capacitance per leg at 4.0v, 1mhz cj 25 p f operating temperature range t j -55 to +150 c storage temperature range t stg -55 to + 150 c note: thermal resistance from junction to am bient and from junction to lead mounted on p.c.b with 0.47 x 0.47? (12 x 12mm) copper pads. f eatures  glass passivated chip junction  ideal for printed circuit board  high case dielectric strength  plastic material has underwriters laboratory flammability classification 94v-0  typical ir less than 0.1 a  high surge current capability  high temperature soldering guaranteed: 260 o c / 10 seconds / .375?, (9.5mm) lead lengths. m echanical data  case: molded plastic body.  terminals: plated leads solderable per mil-std-750, method 2026.  weight: 0. 06 ounce, 1.7 grams  mounting position: any
0.1 1.0 .01 10 50 ratingandcharacteristiccurve s ( D2SB05A thru d2sb100a) fig.4-typicalreverse characteristics fig.1-typicalforwardcurrent fig.2-maximumnon-repetitiveforward surgecurrent percentageofpeakreversevoltage,(%) 0 . 5 1. 0 1 . 5 2. 0 2. 5 3. 0 5 0 2 5 75 1 25 1 00 2 0 4 0 6 0 8 0 10 0 12 0 140 3.0 singlephase halfwave60hz resistiveorinductiveload casetemperature ( c) deratingcurve 0.1 1.0 .01 10 50 fig.3-typicalforward characteristics forwardvoltage,(v) pulsewidth300us 1%dutycycle 0 . 2 . 4 . 6 . 8 1. 0 1. 2 1.4 3.0 0 2 5 5 0 7 5 10 0 12 5 15 0 175 tj=100c tj=25c tj=25c numberofcyclesat60hz 1 105 50 100 tj=25c 8.3mssinglehalf sinewave jedecmethod


▲Up To Search▲   

 
Price & Availability of D2SB05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X