kemet part number: C1206C105M3RACTU (c1206c105m3rac7800) s m d c o m m x 7 r , c e r a m i c , 1 u f , 2 0 % , 2 5 v , x 7 r , s m d , m l c c , t e m p e r a t u r e s t a b l e , c l a s s i i , 1 2 0 6 dimensions l 3.2mm +/-0.2mm w 1.6mm +/-0.2mm t 1.2mm +/-0.20mm b 0.5mm +/-0.25mm packaging specifications packaging: t & r , 1 8 0 m m , p l a s t i c t a p e packaging quantity: 2500 general information supplier: kemet series: smd comm x7r style: smd chip description: s m d , m l c c , t e m p e r a t u r e stable, class ii features: t e m p e r a t u r e s t a b l e , c l a s s i i rohs: y e s t e r m i n a t i o n : t i n marking: no failure rate: n/a miscellaneous: note: referee time for x7r dielectric for this part number is 48 hours chip size: 1206 shelf life: 7 8 w e e k s msl: 1 specifications capacitance: 1 uf c a p a c i t a n c e t o l e r a n c e : 20% v o l t a g e d c : 25 vdc d i e l e c t r i c w i t h s t a n d i n g v o l t a g e : 62.5 v t e m p e r a t u r e r a n g e : -55/+125c t e m p e r a t u r e c o e f f i c i e n t : x7r dissipation factor: 3.5000000000000004% 1khz 25c aging rate: 3% loss/decade hour insulation resistance: 500 mohms ? 2006 - 2018 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. generated 3/08/2018 - aacef5e5-c5fe-42ef-92e5-6227d0d61082
|