multilayer ceramic chip capacitors 1 of 3 creation date : april 03, 2017 (gmt) c1005c0g1h221g050ba tdk item description c1005c0g1h221gt**** applications commercial grade feature general general (up to 50v) series c1005 [eia 0402] status production (not recommended for new design) size length(l) 1.00mm 0.05mm width(w) 0.50mm 0.05mm thickness(t) 0.50mm 0.05mm terminal width(b) 0.10mm min. terminal spacing(g) 0.30mm min. recommended land pattern (pa) 0.30mm to 0.50mm recommended land pattern (pb) 0.35mm to 0.45mm recommended land pattern (pc) 0.40mm to 0.60mm electrical characteristics capacitance 220pf 2% rated voltage 50vdc temperature characteristic c0g(030ppm/c) q (min.) 1000 insulation resistance (min.) 10000m other soldering method re?ow aec-q200 no packing punched (paper)taping [180mm reel] package quantity 10000pcs ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
multilayer ceramic chip capacitors 2 of 3 creation date : april 03, 2017 (gmt) c1005c0g1h221g050ba characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance c1005c0g1h221g050ba esr c1005c0g1h221g050ba capacitance c1005c0g1h221g050ba dc bias characteristic c1005c0g1h221g050ba temperature characteristic c1005c0g1h221g050ba(no bias) c1005c0g1h221g050ba(dc bias = 25v ) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
multilayer ceramic chip capacitors 3 of 3 creation date : april 03, 2017 (gmt) c1005c0g1h221g050ba associated images land pattern (terminal connection) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|