Part Number Hot Search : 
3N123 MTZJ15B 15005 ICS524 14D151 B32672P MLL957B HM1500
Product Description
Full Text Search
 

To Download BYV26D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t y pical thermal resistance (note 4) r 100 c/w 4. thermal resistance from juction to ambient. 1.0a super f ast recovery rectifier characteristi c s ymbol unit BYV26D ? byv26e BYV26D ? byv26e features ! diffus ed junction ! low forward voltage drop ! high current capability a b a ! high reliability ! high surge current capability me c hanical data c ! c a se: molded plastic d ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 0.34 grams (approx.) ! mounting position: any ! marking: type number maximum r a tings and electrical characteristics @t a =2 5 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. 1 of 2 ! le a d free: for rohs / lead free version p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rms reverse voltage v r(rm s) z ibo seno electronic engineering co., ltd. www.senocn.com BYV26D byv26e 800 1000 v 640 700 v pf ns v 2.5 a v erage rectified output current (note 1) @t a = 55 c i o 1.0 a non-repet i tive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a forward v o ltage @i f = 1 . 0a v fm peak reverse current @t a = 25 c at rated dc blocking voltage @t a = 100 c i rm 5.0 150 a reverse recovery time (note 2) t rr t y pical junction capacitance (note 3) c j operat i ng temperature range t j -65 to +150 c storage temperature range t stg -65 t o +150 c 35 45  ja note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case 2. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. see figure 5. 3. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. do-41 dim m in max a 24.5 ? b 4. 06 5. 21 c 0.60 0. 80 d 2. 00 3. 00 all d i mensions in mm alldatasheet
0 i , peak forward surge current (a) fsm 0 10 20 30 1 10 100 number of cycles at 60 hz fig. 3 peak forward surge current pulse width 8.3ms single half-sine-wave (jedec method) 1 10 100 1 10 100 c , cap acitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r t = 25c f = 1mhz j 0 0.2 0.4 0.6 0.8 1.0 25 50 75 100 125 150 175 200 i , a verage fwd rectified current (a) (av) t , ambient temperature (c) fig. 1 forward derating curve a single phase half-wave 60 hz resistive or inductive load 50v dc approx 50 ni (non-inductive) w 10 ni w 1.0 ni w oscilloscope (note 1) pulse generator (note 2) device under t est t rr settimebasefor 5/10ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . w w fig. 5 reverse recovery time characteristic and test circuit (+) (+) (-) (-) 2 of 2 i , inst antaneous forward current (a) f v , inst antaneous forward voltage (v) fig. 2 typical forward characteristics f t = 25 c j pulse width = 300 s m z ibo seno electronic engineering co., ltd. www.senocn.com BYV26D ? byv26e 1.0 2.0 3.0 4.0 0.01 0.1 1.0 2.0 byv26a ? byv26c alldatasheet


▲Up To Search▲   

 
Price & Availability of BYV26D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X