Part Number Hot Search : 
RCS1008 AN932 LA6540 MC34129 BAR90 KS823C03 4AUP1G 2000314
Product Description
Full Text Search
 

To Download BCM53001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  brief BCM53001/bcm53003 ? optimized communications processor with network acceleration ? latest mips32 ? 74k core ? dual-issue machine with out-of-order execution ? 32-kb i-cache, 32-kb d-cache ? supports dsp ase v2.0 ? BCM53001: 400 mhz (800 dmips) ? bcm53003: 600 mhz (1200 dmips) ? on-chip network acceleration ? supports l2/l3/l4 packet classification ? contentaware? processing based on tcam technology ? traffic quality of service (qos) assignment ? integrated soc ram ? 512 kb ? dual gigabit ethernet media access control (mac) ? 1-gmac (sgmii) ? 1-gmac (mii/rgmii) ? ddr2 memory controller ? 200 mhz ? 333 mhz (16 or 32 bits) ? maximum memory size: 1 gb ? on-chip phy ? dual pci express ? interface ? each interface supports x1 lane ? compliant with pci express base specification v1.1 ? on-chip serdes ? single usb 2.0 host port with on-chip phy ? flash memory ? support for both serial flash (up to 32 mb) and parallel flash (up to 256 mb) ? both nor and nand types ? tdm interface ? support for up to two full-duplex voip channels ? additional peripheral interfaces ? uart, i 2 c, spi, mdio, jtag, gpio ? 65 nm lp process ? industry-leading price/performance ? powered by superscalar mips74k cpu core running at 600 mhz ? latest high-speed interfaces such as pcie?, dual gmacs, and ddr2 ? low-cost benefits of 65 nm lp process technology ? optimized mix of cpu performance and peripherals ? allows high cpu utilization due to balance of interconnect, i/o, and memory bandwidth with cpu performance ? on-chip packet processing allows for significant processing throughput available for other control plane tasks ? point-to-point interconnect fabric (axi) provides high- bandwidth and low-latency for on-chip processing requirements ? complete solutions for targeted applications ? switch control and management, metro ethernet customer premises equipment (cpe), enterprise access point ? total hardware solution with broadcom smb and enterprise switches (robo and xgs) and phys ? broadcom fastpath ? and smartpath? management software provides fast time-to-market for enterprise and smb switches, metro ethernet cpe, and enterprise access point applications ? evaluation/development boards available for target applications ? cost-effective and power-efficient ? highly integrated device requiring fewer external components ? flash memory with support for both nor and nand types ? ddr2 memory interface to connect to commodity memory ? produced in low power 65 nm lp process technology features summary of benefits
overview ? phone: 949-926-5000 fax: 949-926-5203 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 5300 california avenue irvine, california 92617 ? 2009 by broadcom corporation. all rights reserved. 53001_53003-pb00-r 02/23/09 broadcom ? , the pulse logo, connecting everything ? , the connecting everything logo, contentaware? , fastpath ? , and smartpath? are among the trademarks of broadcom corporation and/or its affiliates in the united states, certain other countries and/or the eu. any other trademarks or trade names mentioned are the property of their respective owners. BCM53001/bcm53003 block diagram the BCM53001/bcm53003 is a family of communication processors designed to deliver leading-edge system-level performance while still being very cost-effective and power-efficient. optimized for price/ performance, it is designed for next-generation communication applications in switch control and management, metro ethernet cpe, and enterprise access points. complete solutions, including processor, switch, phy, and management software, are available for all target applications. evaluation boards for each target application provide a fast time-to-market platform for system development. at the heart of the processor is the powerful mips74k core, capable of running at a maximum frequency of 600 mhz. with a superscalar dual- issue pipeline and out-of-order execution, the processor delivers up to 2 dmips/mhz. furthermore, the BCM53001/bcm53003 features specialized network acceleration hardware, enabling it to offload cpu intensive processing tasks. the point- to-point interconnect fabric (axi) ensures there are no performance bottlenecks for on-chip processing. the mips74k core is complemented by the latest high-speed interfaces such as dual gmacs, pcie, usb 2.0, and ddr2 enabling the BCM53001/bcm53003 to deliver leading-edge system performance. the processor also integrates a tdm interface providing support for up to two full-duplex voip channels. manufactured using 65 nm lp process technology, the processor is optimized for low-power consumption. the processor is available in two versions: 1. BCM53001?400-fbga package at 400 mhz 2. bcm53003?484-pbga package at 600 mhz peripheral interface mips32 core (600 mhz) i-cache 32 kb d-cache 32 kb usb 2.0 host serdes usb phy serial flash parallel flash 8b/16b gpio i 2 c uart/ i 2 c ddr2 memory controller 16b/32b tdm socram (512 kb) spi 480 mbps pcie 1x1 two voip channels serdes 2.5 gbps 2.5 gbps gmac ejtag dma rgmii or mii serdes sgmii/ serdes gmac ddr2 phy packet processing uart pcie 1x1 dma packet processing axi axi axi axi axi pcm


▲Up To Search▲   

 
Price & Availability of BCM53001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X