Part Number Hot Search : 
HSP48901 MX29LV MX29LV 63821 CRBV5 MAX6505 AN1105W GS2985
Product Description
Full Text Search
 

To Download B39202B4219U810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  saw filters for mobile communications series/type: b4219 the following products presented in this data sheet are being withdrawn. ordering code substitute product date of withdrawal deadline last orders last shipments B39202B4219U810 2009-07-31 2009-11-30 2010-02-28 for further information please contact your nearest epcos sales office, which will also support you in selecting a suitable substitute. the addresses of our worldwide sales network are presented at www.epcos.com/sales.
2 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet ceramic package qcc8d features l low-loss 2-in-1 rf filter for mobile telephone amps and pcs cdma systems, receive path l device with two integrated rx-filters l usable passband of pcs rx filter: 60 mhz l usable passband of amps rx-filter: 25 mhz l no matching network required for operation at 50 w l package for s urface m ounted t echnology ( smt ) terminals l ni, gold-plated dimensions in mm, approx. weight 0,037 g pin configuration 1 input pcs filter 7 output pcs filter 3 input amps filter 5 output amps filter 2,4,6,8 case-ground, to be grounded e lectrostatic s ensitive d evice ( esd ) type ordering code marking and package according to packing according to b4219 b39202-b4219-u810 c61157-a7-a72 f61074-v8101-z0000 maximum ratings operable temperature range t C 30 /+ 85 ?c storage temperature range t stg C 40 /+ 85 ?c dc voltage v dc 3v input power max. 824...849 mhz 1850...1910 mhz p in 13 13 dbm dbm source and load impedance 50 w continuous wave continuous wave 1 2,4 3 7 6,8 5
3 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet characteristics of pcs rx filter operating temperature range: t = -30 to +85 ?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w min. typ. max. center frequency f c 1960,0 mhz maximum insertion attenuation a max 1930,0...1990,0mhz 3,7 4,3 db amplitude ripple (p-p) da 1930,0...1990,0mhz 1,9 2,5 db input return loss 1930,0...1990,0 mhz 10,0 11,5 db output return loss 1930,0...1990,0 mhz 10,0 11,5 db attenuation a 30,0...1850,0 mhz 20,0 22,0 db 2110,0...2400,0 mhz 20,0 31,0 db tx band suppression 1850,0...1910,0 mhz 13,0 20,0 db
4 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet characteristics of pcs rx filter operating temperature range: t = -30 to +70 ?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w min. typ. max. center frequency f c 1960,0 mhz maximum insertion attenuation a max 1930,0...1990,0mhz 3,7 4,2 db amplitude ripple (p-p) da 1930,0...1990,0mhz 1,9 2,4 db input return loss 1930,0...1990,0 mhz 10,0 12,0 db output return loss 1930,0...1990,0 mhz 10,0 12,0 db attenuation a 30,0...1850,0 mhz 20,0 22,0 db 2110,0...2400,0 mhz 20,0 31,0 db tx band suppression 1850,0...1910,0 mhz 15,0 20,0 db
5 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet characteristics of pcs rx filter operating temperature range: t = 25 2?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w min. typ. max. center frequency f c 1960,0 mhz maximum insertion attenuation a max 1930,0...1990,0mhz 3,4 3,7 db amplitude ripple (p-p) da 1930,0...1990,0mhz 1,6 1,9 db input return loss 1930,0...1990,0 mhz 10,0 12,5 db output return loss 1930,0...1990,0 mhz 10,0 12,5 db attenuation a 30,0...1850,0 mhz 20,0 22,0 db 2110,0...2400,0 mhz 20,0 31,0 db tx band suppression 1850,0...1910,0 mhz 20,0 22,0 db
6 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet transfer function of the pcs filter (narrow band measurement) transfer function of the pcs filter (wide band measurement)
7 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet reflection coefficients of the pcs filter (measurement)
8 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet characteristics of amps rx filter operating temperature range: t = -30 to +70 ?c * terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w * all values also fulfill the temperature range -30 to +85 ?c min. typ. max. center frequency f c 881,5 mhz maximum insertion attenuation a max 869,0...894,0mhz 2,5 3,0 db amplitude ripple (p-p) da 869,0...894,0mhz 0,9 1,4 db input return loss 869,0...894,0 mhz 10,0 12,0 db output return loss 869,0...894,0 mhz 10,0 13,0 db attenuation a 30,0...824,0mhz 35,0 42,0 db 1050,0...1080,0mhz 38,0 42,0 db 1080,0...2300,0mhz 30,0 31,5 db 2300,0...2600,0mhz 25,0 30,0 db tx band suppression 824,0...849,0mhz 35,0 40,0 db
9 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet characteristics of amps rx filter operating temperature range: t = 25 2 ?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w min. typ. max. center frequency f c 881,5 mhz maximum insertion attenuation a max 869,0...894,0mhz 2,4 2,6 db amplitude ripple (p-p) da 869,0...894,0mhz 0,6 1,1 db input return loss 869,0...894,0 mhz 10,0 12,5 db output return loss 869,0...894,0 mhz 10,0 13,5 db attenuation a 30,0...824,0mhz 35,0 42,0 db 1050,0...1080,0mhz 38,0 42,0 db 1080,0...2300,0mhz 30,0 31,5 db 2300,0...2600,0mhz 25,0 30,0 db tx band suppression 824,0...849,0mhz 35,0 40,0 db
10 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet transfer function of the amps filter (narrow band measurement) transfer function of the amps filter (wide band measurement)
11 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet reflection coefficients of the amps filter (measurement)
12 feb 06, 2002 saw components b4219 881,5 & 1960,0 mhz low-loss dual band filter for mobile communication preliminary data sheet published by epcos ag surface acoustic wave components division, saw mc wt p.o. box 80 17 09, d-81617 mnchen ? epcos ag 2000. all rights reserved. reproduction, publication and dissemination of this bro- chure and the information contained therein without epcos prior express consent is prohibited. t he information contained in this brochure describes the type of component and shall not be con- sidered as guaranteed characteristics. purchase orders are subject to the general conditions for t he supply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and electronic manufacturers association), unless otherwise agreed. t his brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or t he international representatives. due to technical requirements components may contain dangerous substances. for information on t he type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B39202B4219U810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X