Part Number Hot Search : 
0M168B C3230 C8107 00402 EM513 25201 3562A 2SC3417
Product Description
Full Text Search
 

To Download ASE1P-2M-10-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3" 3" 0/?0/ 0/?0'' ?0/ n p d e slide type 1 pole 2 5 6 se pc terminal right angle  0.2inch pitch  right angle  0.3inch pitch  2 poles a y se y 2 y d y  y 2 y m y  y 10    z series code standard m clip mechanism /vncfspgqpmft 5fsnjobmtuzmft 5zqf 1 2 'jh 'jh distance between two terminal rows : 5.08mm  0.2 /7 terminal line for double poles are 2.54mm  0.1 /7  compact type  $pef $pef switching function $pef actuator shape ase hyper-miniature slide switches  features 1. high contact reliability twin-contact clip mechanism for high contact reliability 2. immersion washable type 3. gold-plated contacts suitable for low current applications 4. for pc board mounting 5. improved operability the independent detent structure provides a light operating touch. 6. ul-recognized 8btibcmf  right angle terminals  specications rating 0.4va ac/dc voltagr range 20mv ? 48v current range 1  a ? 50ma max. 50ma 60v ac/dc min. 1  a 20ma ac/dc initial contact resistance 50m 
max.  1.5ma 200  vac  dielectric strength 250vac 1 minute initial insulation resistance 500m 
min.  500vdc  electrical life 10,000 cycles at max. rating. 10,000 cycles at min. rating or 0.4va operating force 0.69 ? 4.9n operating temperature range  20 ?? 85 ? storage temperature range  40 ?? 85 ?  part numbering 6- rohs compliant 0.2  inch pitch 0.3  inch pitch 1  pole 2  pole  actuator shape standard  m   optional accessories.
?  (
u xz j a j ?pb{ ?4fnjtuboebseqspevdut ?xz semd ?pb{ ?*orvjszqspevdut ase switching function part no. viewed from part no. marking side y ase1d  2m  10  z on  on ? ase1e  2m  10  z on off on connecting terminals 2  1  2  3 switching function part no. viewed from part no. marking side y ase2d  2m  10  z on  on  ase2e  2m  10  z on off on connecting terminals 2  1 5  4  2  3 5  6 switching function part no. viewed from part no. marking side ? ase2n  2m  10  z on  on  ase2p  2m  10  z on off on connecting terminals 2  1 5  4  2  3 5  6 switching function part no. viewed from part no. marking side y ase1d  5m  10  z on  on  ase1e  5m  10  z on off on connecting terminals 2  1  2  3 switching function part no. viewed from part no. marking side y ase2d  5m  10  z on  on  ase2e  5m  10  z on off on connecting terminals 2  1 5  4  2  3 5  6 switching function part no. viewed from part no. marking side  ase2n  5m  10  z on  on ? ase2p  5m  10  z on off on connecting terminals 2  1 5  4  2  3 5  6 spdt dpdt dpdt spdt dpdt dpdt terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. distance between two terminal rows : 2.54 mm distance between two terminal rows : 5.08 mm mounting height : 3.1 mm mounting height : 3.1 mm mounting height : 5.15 mm 1$ 1$ 1$ 3" 3" 3"  made to order products. ? the actuator is sealed with a white-colored packing. re move the packing with tweezers after the washing process.
ase switching function part no. viewed from part no. marking side y ase1d  6m  10  z on  on  ase1e  6m  10  z on off on connecting terminals 2  1  2  3 switching function part no. viewed from part no. marking side ? ase2d  6m  10  z on  on  ase2e  6m  10  z on off on connecting terminals 2  1 5  4  2  3 5  6 switching function part no. viewed from part no. marking side  ase2n  6m  10  z on  on  ase2p  6m  10  z on off on connecting terminals 2  1 5  4  2  3 5  6 spdt dpdt dpdt terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. terminal numbers are not shown on the switch. mounting height : 3.1 mm mounting height : 3.1 mm mounting height : 5.15 mm 3" 3" 3"  made to order products.  optional accessories ? supplied separately - part name bracket part no. 140000640324 dimensions  mounting height switching function d ~ en ~ p mounting  pc hole layouts series p/c terminal right angle terminal whithout bracket whit bracket 0.2inch pitch 0.3inch pitch ase1d ase1e ase2d ase2e ase2n ase2p ? semi-standard products.  
as & ase  bracket installation procedure  handling precautions (as and ase series) 1.soldering specications ? manual soldering device  soldering iron 380 ? , max.; 3 seconds, max. ? auto soldering device  jet wave type or dip type 275 ? , max.; 6 seconds, max. ~ pre-heating should be done at temperatures ranging from 80 ? to 120 ? and within 120 sec. 2. flux cleaning ? solvent : fluorine or alcohol type. ? cleaning after soldering should be done after the terminal temperature falls to 90 ? or bel ow, or after leaving the switch for ve minutes or longer at room temperature. as series are not process sealed and are not washable. if the pc board is to be cleaned, clean the soldering surface of substrate with a brush so that the switch is not exposed to the cleaning solution. ? do not use ultrasonic cleaning system. 3. mounting of switch ? use the pc boards of  1 holes. ? do not bend the terminals b efore mounting the switch on the pc board. ? after mounting the switch, do not place the device in such a way that the device weight will be applied on the knob, etc. of the switch. ? do not apply load exceeding 12.7 n (1.3 kgf) to the knob. use a bracket (optional accessory) if the load is expected to exceed 12.7 n (1.3 kgf). the strength of the knob will be reinforced to 29.4 n (3 kgf) max..  packaging specications        ) 8 - , 6 2 . 8 ) 8 - , 6 2 . 8 plastick pack right-angle terminals : 50 pcs/pack pc terminals  100 pcs/pack >4 >/>0>. >@ vhfrqgv vroghulqj 3uh  khdwlqj >6>. >/>0>. >0>5>3


▲Up To Search▲   

 
Price & Availability of ASE1P-2M-10-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X