Part Number Hot Search : 
DP111D6S 81200 SC413 AD9631AR T1032T SK55D09 DS1220Y 5931B
Product Description
Full Text Search
 

To Download ACE5018TA12AMBH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 1 description the ace5018t series are a group of positive voltage regulators manufactured by cmos technologies with ultra low power consumption and low dropout voltage, which provide large output currents even when the difference of the input - output voltage is small. the ace5018t series can deliver 300ma output current and allow an input voltage as high as 8v. the series are very suitable for the battery - powered equipment, such as rf applications and other systems requiring a quiet voltage source. features ? low quiescent current: 1.0 a ? operating voltage range: 1.8v 8v ? output current: 300ma ? low dropout voltage 110mv@100ma(v out =3.3v) ? output voltage: 1.2~ 5.0v ? high accuracy: 2 /1 typ . ? high power supply rejection ratio: 50db@1khz ? low output noise: ? 27xv out v rms (10hz~100khz) ? excellent line and load transient response ? built - in current limiter, short - circuit protection application ? portable consumer equipments ? radio control systems ? laptop, palmtops and pdas ? wireless communication equipments ? portable audio video equipments ? ultra low power microcontroller
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 2 absolute maximum ratings (1) unless otherwise specified, t a =25c p arameter s ymbol m ax u nit input voltage (2) v in - 0.3~9 v output voltage (2) v out - 0.3~v in + 0.3 v output current i out 600 ma power dissip ation sot - 23- 3 pd 0.4 w sot - 23- 5 0.4 sot - 89- 3 0.6 dfn1*1 - 4 0.4 operating temperature t opr - 4 0~125 o c storage temperature t stg - 4 0~125 o c soldering temperature & time t solder 260 o c ,10s note: (1) stresses beyond those listed under absolute ma ximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. exposure to absolut e - maximum - rated conditions for extended periods my affect device reliability. (2) all voltages are with respect to network ground terminal. recommended operating conditions p arameter min. m ax. u nits supply voltage at v in 1.8 8 v operating junction temperatu re range, t j - 40 125 c operating free air temperature range, t a - 40 85 c
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 3 packaging type sot - 23- 3 sot - 23- 5 sot - 89- 3 dfn1*1 - 4 sot - 23- 3 sot - 23- 5 sot - 89- 3 dfn1*1 - 4 pin name function a b c a b c 1 3 3 2 1 2 2 2 v ss ground 2 2 1 5 3 1 3 1 v out output 3 1 2 1 2 3 1 4 v in power input 3 3 ce chip enable pin 4 nc no connection ep thermal pad ground ordering information ace 5018t x xx xx + h bm a sot - 23- 3 a bmb sot - 23- 3b bmc sot - 23- 3c bn sot - 23- 5 am a sot - 89- 3a amb sot - 89- 3b amc sot - 89- 3c in dfn1*1 - 4 outpu t voltage 1. 2 / 1.5v ?../ 5.0 v pb - free halogen - free a 1% b 2%
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 4 block diagram typical application circuit
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 5 electrical characteristics ( v i n =v ou t +1 v , c i n =c ou t = 1f t a =2 5 o c , unless othe r w ise specified) parameter symbol conditions min typ (1) max units input voltage v in 1.8 8 v output voltage range v out 1.2 5 v dc output accuracy i out =1ma - 2 2 % - 1 1 % dropout voltage v dif (2) i out =100ma, v out =3.3v 1 10 mv supply current i ss i out =0 1.2vv out 3.3v 1.0 1.5 a 3.3v ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 6 typical performance character istics v in =v out +1v, c in =c out =1f t a =25 ,unless otherwise specified
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 7 application information selection of input/ output capacitors in general, all the capacitors need to be low leakage. any leakage the capacitors hav e will reduce efficiency, increase the quiescent current. a recent trend in the design of portable devices has been to use ceramic capacitors to filter dc - dc converter inputs. ceramic capacitors are often chosen because of their small size, low equivalent series resistance (esr) and high rms current capability. also, recently, designers have been looking to ceramic capacitors due to shortages of tantalum capacitors. unfortunately, using ceramic capacitors for input filtering can cause problems. applying a v oltage step to a ceramic capacitor causes a large current surge that stores energy in the inductances of the power leads. a large voltage spike is created when the stored energy is transferred from these inductances into the ceramic capacitor. these voltag e spikes can easily be twice the amplitude of the input voltage step. many types of capacitors can be used for input bypassing, however, caution must be exercised when using multilayer ceramic capacitors (mlcc). because of the self - resonant and high q char acteristics of some types of ceramic capacitors, high voltage transients can be generated under some start - up conditions, such as connecting the ldo input to a live power source. adding a 3? resistor in series with an x5r ceramic capacitor will minimize start - up voltage transients. the ldo also requires an output capacitor for loop stability. connect a 1f tantalum capacitor from out to gnd close to the pins. for improved transient response, this output capacitor may be ceramic. c out auto - discharge func tion ace5018t b series can discharge the electric charge in the output capacitor (c out ), when a low signal to the ce pin, which enables a whole ic circuit turn off, is inputted via the n - channel transistor located between the v out pin and the v ss pin (cf. b lock diagram). the c out auto - discharge resistance value is set at 200? (v out =3.0v @ v in =5.0v at typical). the discharge time of the output capacitor (c out ) is set by the c out auto - discharge resistance (r) and the output capacitor (c out ). by setting time constant of a c out auto - discharge resistance value [r dischrg ] and an output capacitor value (c out ) as (=c x r dischrg ), the output voltage after discharge via the n - channel transistor is calculated by the following formulas. ( v : output voltage after discharge, v out(e) : output voltage, t: discharge time, : c out auto - discharge resistance r dischrg output capacitor (c out ) value c)
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 8 packing information sot - 23- 3
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 9 packing information sot - 23- 5
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 10 packing informat ion sot - 89- 3
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 11 packing information dfn1*1 - 4
ace5 018t ultra low current consumption 300ma cmos voltage regulator ver 1.1 12 notes ace does not assume any responsibility for use as critical components in life support devices or systems without the express written approval of the president and general counsel of ace electronics co., ltd. as sued herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) suppor t or sustain life, and shoes failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. a critical component is any component of a life s upport device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. ace technology co., ltd. http://www.ace - ele.com/


▲Up To Search▲   

 
Price & Availability of ACE5018TA12AMBH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X