1 rast 2.5 connectors, pitch 2.5/5.0 mm rast 2.5 pin header, angular, with locking latch contact pitch 2.5 mm state: active approvals: of 4 35 3554 01/2018 ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c
2 environmental conditions temperature range 0 c20 c 1 1 upper limit temperature (insulating body) rti (electrical) of the ul yellow card materials nsulating bod pa 0 according to u 1 contact pin cuzn, pre-nickel and tin-plated 1 m12: component glow wire resistant (gwt 750 c), testing acc. to iec 60695-2-11, assessment acc. to iec 60335-1 (flame < 2 s) mechanical data eing proposals at lumbergcom ? ? electrical data (at t amb 20 c) ated current a (t u 60 c) 2 a (t u 100 c) rated voltage 32 v ac material group iiia (iec)/2 (ul) (cti 250) creepage distance 1,9 mm clearance 1,9 mm insulation resistance > 1 g? associated products counterparts ? 3521 ? 3521-2 ? 352100 of 4 35 3554 01/2018
3 *a keying *b printed circuit board layouts, solder side view *c uneven pole numbers *d even pole numbers of 4 35 3554 01/2018
4 designation pole number pu (pieces) mdq (pieces) dimensions a (mm) (mm) c (mm) 02 2 000 2000 2 2 0 000 2000 0 0 0 000 2000 2 2 0 000 2000 00 0 00 2000 2 2 0 00 2000 0 20 2 0 00 2000 22 22 0 00 2000 200 2 2 0 0 00 2000 22 2 22 20 2000 20 0 2 2 20 2000 2 2 2 20 2000 00 20 2000 2 2 20 2000 0 0 20 2000 2 2 20 2000 00 20 2000 2 2 20 2000 0 0 20 20 20 2000 2 2 designation to be completed by further details (e.g. for keying, color or material options). packaging: in bulk, in a cardboard box of 4 35 3554 01/2018
|