Part Number Hot Search : 
305000 TC38C46 2SK3562 UE200013 SMBG5932 REF19 TDA8566 C1909
Product Description
Full Text Search
 

To Download 2SC3949 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC3949 description ? with to-3pml package ? high voltage ,high speed applications ? for tv horizontal output and power switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions max unit v cbo collector-base voltage open emitter 850 v v ceo collector-emitter voltage open base 500 v v ebo emitter-base voltage open collector 7 v i c collector current 15 a p c collector dissipation t c =25 ?? 80 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC3949 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;r be = ?t 500 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 850 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =10a ;i b =2a 1.0 v v besat base-emitter saturation voltage i c =10a ;i b =2a 1.5 v i cbo collector cut-off current v ce =800v; i e =0 t c =100 ?? 0.1 1.0 ma i ebo emitter cut-off current v eb =6v ;i c =0 0.1 ma h fe dc current gain i c =10a ; v ce =5v 10 30 f t transition frequency i c =2a ; v ce =10v 20 mhz c ob output capacitance i e =0 ; v cb =10v;f=1mhz 260 pf
inchange semiconductor product specification 3 silicon npn power transistors 2SC3949 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC3949

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X