Part Number Hot Search : 
4HC405 2SD208 WRB2412 40N10 HA13165 A1392 48A5T XF100
Product Description
Full Text Search
 

To Download 2SB649A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to ? 92l 1. emitter 2. collector 3. base jiangsu changjiang electron ics technology co., ltd to-92l plastic-encapsulate transistors 2sb649/2SB649A transistor (pnp) features z high collector current z high collector-emitter breakdown voltage z low saturation voltage maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-1ma,i e =0 -180 v 2sb649 -120 collector-emitter breakdown voltage v (br)ceo i c =-10ma,i b =0 2SB649A -160 v emitter-base breakdown voltage v (br)ebo i e =-1ma,i c =0 -5 v collector cut-off current i cbo v cb =-160v,i e =0 -10 a emitter cut-off current i ebo v eb =-4v,i c =0 -10 a 2sb649 60 320 h fe(1) v ce =-5v, i c =-150ma 2SB649A 60 200 dc current gain h fe(2) * v ce =-5v, i c =-500ma 30 collector-emitter saturation voltage v ce(sat) i c =-500ma,i b =-50ma -1 v base-emitter voltage v be v ce =-5v, i c =-150ma -1.5 v collector output capacitance c ob v cb =-10v,i e =0, f=1mhz 27 pf transition frequency f t v ce =-5v,i c =-150ma 140 mhz *pulse test classification of h fe(1) 2sb649 type 2SB649A rank b c d range 60-120 100-200 160-320 symbol parameter value unit v cbo collector-base voltage -180 v 2sb649 -120 v ceo collector-emitter voltage 2SB649A -160 v v ebo emitter-base voltage -5 v i c collector current -1.5 a p c collector power dissipation 900 mw r ja thermal resistance from junction to ambient 1 39 / w t j junction temperature 150 t stg storage temperature -55~+150 j c ( t www.cj-elec.com 1 a,jun,2014 www.cj-elec.com d,mar,2016
symbol dimensions in millimeters dimensions in inches min. max. min. max. a 3.750 4.050 0.148 0.159 a1 1.280 1.580 0.050 0.062 b 0.380 0.550 0.015 0.022 b1 0.620 0.780 0.024 0.031 c 0.350 0.450 0.014 0.018 d 4.750 5.050 0.187 0.199 d1 4.000 0.157 e 7.850 8.150 0.309 0.321 e 1.270 typ. 0.050 typ. e1 2.440 2.640 0.096 0.104 l 13.800 14.200 0.543 0.559 - 1.600 0.063 0.000 0.300 0.000 0.012 h www.cj-elec.com  2 d,mar,2016
www.cj-elec.com  3 d,mar,2016


▲Up To Search▲   

 
Price & Availability of 2SB649A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X