Part Number Hot Search : 
ICM7361T CS5N60 HCP3000 AVP0025 ADP3182 IRF3706 63245 OR2T40B
Product Description
Full Text Search
 

To Download 2SA715F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SA715F rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-126f ?? pnp ?? silicon pnp transistor in a to-126f plastic package.  2sc1162f  complementary pair with 2sc1162f. ???? low frequency power amplifier applications. pin1 emitter pin 2 collector pin 3 base ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol b c d h fe range 60 120 100 200 160 320 3 2 1
2SA715F rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -35 v collector to emitter voltage v ceo -35 v emitter to base voltage v ebo -5 v collector current - continuous i c -2.5 a collector current ? continuous(pulse) i cp -3 a collector power dissipation p c 750 mw collector power dissipation p c (tc=25 ) 10 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =-1ma i e =0 -35 v collector to emitter breakdown v oltage v ceo i c =-10ma r be = -35 v emitter to base breakdown voltage v ebo i e =-1ma i c =0 -5 v collector cut-off current i cbo v cb =-35v i e =0 -20 a dc current gain h fe(1) v ce =-2v i c =-0.5a 60 320 h fe(2) v ce =-2v i c =-1.5a 20 base to emitter voltage v be v ce =-2v i c =-1.5a -1 -1.5 v current to emitter saturation v oltage v ce(sat) i c =-2a i b =-0.2a -0.5 -1 v transition frequency f t v ce =-2v i c =-0.2a 160 mhz ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SA715F rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2SA715F rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SA715F rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions  ? br   ?? a715  ??? b:?h fe ? ****  ???? note: br:   company code a715:  product type. b:    h fe classifications symbol ****:  lot no. code, code change with lot no. br **** a715 b
2SA715F rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-126/f 500 6 3,000 5 15,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-126/f 65 26 1,690 5 8,450 532315.6 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SA715F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X