Part Number Hot Search : 
VC0201 30010 PO0R4 WF5025 1M50V SPP34 MBR30H OM1055
Product Description
Full Text Search
 

To Download 2SA1105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SA1105 description ? with to-3pn package ? high frequency ? high power dissipation applications ? audio power amplifer applications ? dc-dc converters pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -6 v i c collector current -9 a p c collector power dissipation t c =25 ?? 90 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
jmnic product specification 2 silicon pnp power transistors 2SA1105 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma ;i b =0 -120 v v cesat collector-emitter saturation voltage i c =-3a; i b =-0.3a -1.5 v v besat base-emitter saturation voltage i c =-3a; i b =-0.3a -1.8 v i cbo collector cut-off current v cb =-120v; i e =0 -100 | a i ebo emitter cut-off current v eb =-6v; i c =0 -100 | a h fe dc current gain i c =-3a ; v ce =4v 50 180 f t transition frequency i e =1a ; v ce =-12v 20 mhz
jmnic product specification 3 silicon pnp power transistors 2SA1105 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SA1105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X