Part Number Hot Search : 
74HC00N HT56C678 S2415 MGB38TA 16F16 4AX103V1 080CT M12541DJ
Product Description
Full Text Search
 

To Download 1N6008B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5985b thru 1n6016b 500 mw zener diode 2.4 C 47volts features maximum ratings xoperating temperature: -65 to +200 xstorage temperature: -65 to +200 x dc power dissipation: 500m w x ma ximum thermal resistance: 300k/w junction to ambien t t est conditions: i = 9.5mm(3/8) t l = constant x forward voltage @ 100ma: 1.5v tl lead temperatrue q c 0 200 150 10050 fi g ure 2 - deratin g curve m w 200 400 100 300 500 zener voltage vz fi g ure 1 0 100 200 1 10 100 capacitance vs. vz curve typical capacitance in picofarads at - 2 vo lt s (v r ) at zero vo lt do-35 dimensions inches mm dim min max min max note a --- .175 --- 4.2 b --- .079 --- 2.00 c --- .020 --- .52 d 1.000 --- 25.40 --- a b c d d cathode mark revision: b 20 12/08/23  
 omponents 20736 marilla street chatsworth       
     mcc tm micro commercial components www. mccsemi .com 1 of 3 x high relia bility x v ery sharp reverse characteristic x v z C tolerance 5% xmarking: cathode band and type number ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? moisture sensitivity: level 1 note: 1. lead in glass exemption applied, see eu directive annex 7(c)-i. o c o c o c o c n ot recommended for new designs
  p a volts 1n5985b 2.4 5.0 100 1800 100 1.0 208 1n5987b 3.0 5.0 95 2000 50 1.0 167 1n5988b 3.3 5.0 95 2200 25 1.0 152 1n5989b 3.6 5.0 90 2300 15 1.0 139 1n5990b 3.9 5.0 90 2400 10 1.0 128 1n5991b 4.3 5.0 88 2500 5.0 1.0 116 1n5992b 4.7 5.0 70 2200 3.0 1.5 106 1n5993b 5.1 5.0 50 2050 2.0 2.0 98 1n5994b 5.6 5.0 25 1800 2.0 3.0 89 1n5995b 6.2 5.0 10 1300 1.0 4.0 81 1n5996b 6.8 5.0 8.0 750 1.0 5.2 74 1n5997b 7.5 5.0 7.0 600 0.5 6.0 67 1n5998b 8.2 5.0 7.0 600 0.5 6.5 61 1n5999b 9.1 5.0 10 600 0.1 7.0 55 1n6000b 10 5.0 15 600 0.1 8.0 50 1n6001b 11 5.0 18 600 0.1 8.4 45 1n6002b 12 5.0 22 600 0.1 9.1 42 1n6003b 13 5.0 25 600 0.1 9.9 38 1n6004b 15 5.0 32 600 0.1 11 33 1n6005b 16 5.0 36 600 0.1 12 31 1n6006b 18 5.0 42 600 0.1 14 28 1n6007b 20 5.0 48 600 0.1 15 25 1N6008B 22 5.0 55 600 0.1 17 23 1n6009b 24 5.0 62 600 0.1 18 21 1n6010b 27 5.0 70 600 0.1 21 19 1n6011b 30 5.0 78 600 0.1 23 17 1n6012b 33 5.0 88 700 0.1 25 15 1n6013b 36 5.0 95 700 0.1 27 14 1n6014b 39 2.0 130 800 0.1 30 13 1n6015b 43 2.0 150 900 0.1 33 12 1n6016b 47 2.0 170 1000 0.1 36 11 m c c m m c c c
mcc revision: 202/0/2 tm micro commercial components mccsemi com 3 of 3 device packing part number-tp tape&reel: 10kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 100kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of 1N6008B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X