Part Number Hot Search : 
17101 F06T4 NTE3026 16X5R CM509K R3000 CO55C 30452
Product Description
Full Text Search
 

To Download 0445600002-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/06/2018 please check www.molex.com for latest part information part number: 0445600002 status: active overview: magnetic and modular jacks and plugs description: modular jack, right angle, low profile, 8/8, 2 ports documents: 3d model product specification ts-44560-003-001 (pdf) drawing (pdf) packaging specification pk-44560-004-001 (pdf) product specification ps-44560-003-001 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 44560 component type pcb jack magnetic no overview magnetic and modular jacks and plugs performance category 5, 5e power over ethernet (poe) n/a product name modular jack 8/8, rj45 upc 756054374351 physical color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch no jack height 11.23mm lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 6.334/g orientation right angle (side entry) pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 1.02mm pitch - termination interface 1.27mm plating min - mating 1.270m plating min - termination 2.540m ports 2 positions / loaded contacts 8/8 surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style through hole wire/cable type n/a electrical current - maximum per contact 1.5a grounding to panel none shielded yes voltage - maximum 150v series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 44560 series mates with fcc 68 plugs
solder process data duration at max. process temperature (seconds) 005 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-44560-004-001 product specification ps-44560-003-001, ts-44560-003-001 sales drawing rsd-44560-001, sd-44560-001 this document was generated on 03/06/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0445600002-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X