Part Number Hot Search : 
115A28 101KT LTC18 S52XXM SR330PT BA7358 NDB6060L 08X7R1H
Product Description
Full Text Search
 

To Download 0436500200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/20/2018 please check www.molex.com for latest part information part number: 0436500200 status: active overview: micro-fit 3.0 connector system product family description: micro-fit 3.0 right angle header, 3.00mm pitch, single row, 2 circuits, with snap-in plastic peg pcb lock, tin, glow wire capable, black documents: 3d model product specification ts-46235-001-001 (pdf) drawing (pdf) packaging specification pk-70873-0321-001 (pdf) product specification ps-43650 (pdf) test summary 430450004-ts-000 (pdf) product specification ts-43045-001-001 (pdf) rohs certificate of compliance (pdf) product specification ts-43045-002-001 (pdf) product literature (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 43650 application power, wire-to-board comments """""""high temperature|square pin|solder type

this molex product is manufactured from material that has the following ratings, tested by independent agencies:. a) a glow wire ignition temperature (gwit) of at least 775 deg c per iec 60695-2-13.. b) a glow wire flammability index (gwfi) above 850 deg c per iec 60695-2-12.and hence complies with the requirements set out in the international standard iec 60335-1 5th edition - household and similar electrical appliances - safety, section 30 resistance to heat and fire.

the customers using this product must determine its suitability for use in their particular application through testing or other acceptable means as described in end-product glow-wire flammability test standard iec 60695-2-11 and any applicable product end- use standard(s).

if it is determined during the customer?s evaluation of suitability, that higher performance is required, please contact molex for possible product options.""""""" overview micro-fit 3.0 connector system product family product literature order no 987650-5984 product name micro-fit 3.0 upc 800754366250 physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire capable yes mated height 6.98mm material - metal brass material - plating mating tin series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 43650 series mates with micro-fit 3.0 receptacle housing 43645
micro-fit 3.0 tpa receptacle housing 171850
material - plating termination tin material - resin high temperature thermoplastic net weight 0.505/g number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 3.00mm plating min - mating 2.540m plating min - termination 2.540m polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 8.5a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 030 lead-freeprocess capability smc&wave max. cycles at max. process temperature 003 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-70873-0321-001 product specification ps-43650, ts-43045-001-001, ts-43045-002-001, ts-46235-001-001 sales drawing sd-43650-001-000 test summary 430450004-ts-000 this document was generated on 06/20/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0436500200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X