for more information, please visit the product page. ????????? ?????????????????? 01/30/2018 1 of 4 cui .com model : UP31-CV-G-CM description: usb plug features ? usb type c plug ? usb 3.1 ? 10 gbit/s data transfer speed ? reflow solder compatible specifications parameter conditions/description min typ max units rated input voltage 20 vdc rated input current as per eia-364-70, method b power pins collectively (a4, a9, b4, b9) gnd pins collectively (a1, a12, b1, b12) vconn pins individually (a5, b5) all other signal pins individually 5.0 6.25 1.25 0.25 a a a a contact resistance 1 between terminals and mating plug 40 m? insulation resistance at 100 vdc for 1 minute between adjacent contacts 100 m? voltage withstand at 60 hz for 1 minute between adjacent contacts 100 vac insertion force at a rate of 12.5 mm/min 5 20 n withdrawal force at a rate of 12.5 mm/min 8 20 n life at a rate of 200 max cycles per hour 10,000 cycles operating temperature -30 85 c storage temperature -40 85 c fammability rating ul94v-0 rohs 2011/65/eu note: 1. when measured at 20 mv max / 100 ma. solderability parameter conditions/description min typ max units reel storage at relative humidity <60% 30 c refow soldering 2 see refow profle 255 260 265 c note: 2. it is recommended to refow solder within 168 hours from opening v acuum packaging at a temperature <30c & relative humidity <60%. temperature (c) time (sec ) 25 150~ 17 0 20 0 21 7 26 0 60~120 s 60~150 s 30~35 s 480 s ma x 3c/s max ramp up 6c/s max ramp down date page
for more information, please visit the product page. ?????????????????? cui .com cui inc model : UP31-CV-G-CM description: usb plug date 01/30/2018 page 2 of 4 ymdd xx ymdd xx mechanical drawing material plating contact terminals copper alloy contact: 2 ? gold ground spring stainless steel shell stainless steel nickel latch stainless steel nickel insulator silicone adhesive internal body lcp housing pa9t units: mm tolerance: x.x 0.2 mm x.xx 0.15 mm
for more information, please visit the product page. ?????????????????? cui .com cui inc model : UP31-CV-G-CM description: usb plug date 01/30/2018 page 3 of 4 mechanical drawing (continued) units: mm pcb tolerance: 0.05 mm pin connections pin signal name pin signal name a1 gnd b12 gnd a2 sstxp1 b11 ssrxp1 a3 sstxn1 b10 ssrxn1 a4 v bus b9 v bus a5 cc1 b8 sbu2 a6 dp1 b7 dn2 a7 dn1 b6 dp2 a8 sbu1 b5 cc2 a9 v bus b4 v bus a10 ssrxn2 b3 sstxn2 a11 ssrxp2 b2 sstxp2 a12 gnd b1 gnd shell shell recommended pcb layout top view
for more information, please visit the product page. ????????? cui inc model : UP31-CV-G-CM description: usb plug date 01/30/2018 page 4 of 4 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to be accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safet y or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 12/19/2017 1.01 updated datasheet 01/30/2018 the revision history provided is for informational purposes only and is believed to be accurate. revision history
|