Part Number Hot Search : 
TW0521A HCT374 KM2520 178A102 1N5937B 22101 STE800P LMUN2235
Product Description
Full Text Search
 

To Download TRN1-0510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 models ? compact sip package 11,9 x 7,7 x 11,0 mm ? fully regulated outputs ? input voltage range 4.5-13.2, 9-18, 18-36, 36-75 vdc ? i/o-isolation 1600 vdc ? operating temperature range C40c to +90c without derating ? short circuit protection ? 3-year product warranty the trn 1 series comprises 1 watt fully regulated, high performance dc/dc converters. they come in a compact cubical package of only 1.00 cm 3 . full load operation is reliable up tp 90c environment temperature. with 1600 vdc i/o- isolation voltage, and short current protection they cover a wide range of appli - cation when space is limited. the input of the converters is designed for a wide voltage range (2:1) and minimum load is not required. order code input voltage output voltage output current max. effciency typ. trn 1-0510 3.3 vdc 300 ma 77 % trn 1-0511 5.0 vdc 200 ma 79 % trn 1-0512 12 vdc 90 ma 81 % trn 1-0513 4.5 C 13.2 vdc 15 vdc 70 ma 82 % trn 1-0515 (9 vdc nominal) 24 vdc 45 ma 83 % trn 1-0521 5.0 vdc 100 ma 79 % trn 1-0522 12 vdc 45 ma 83 % trn 1-0523 15 vdc 35 ma 80 % trn 1-1210 3.3 vdc 300 ma 77 % trn 1-1211 5.0 vdc 200 ma 80 % trn 1-1212 12 vdc 90 ma 81 % trn 1-1213 9 C 18 vdc 15 vdc 70 ma 83 % trn 1-1215 (12 vdc nominal) 24 vdc 45 ma 83 % trn 1-1221 5.0 vdc 100 ma 79 % trn 1-1222 12 vdc 45 ma 83 % trn 1-1223 15 vdc 35 ma 80 % trn 1-2410 3.3 vdc 300 ma 77 % trn 1-2411 5.0 vdc 200 ma 81 % trn 1-2412 12 vdc 90 ma 82 % trn 1-2413 18 C 36 vdc 15 vdc 70 ma 83 % trn 1-2415 (24 vdc nominal) 24 vdc 45 ma 82 % trn 1-2421 5.0 vdc 100 ma 79 % trn 1-2422 12 vdc 45 ma 82 % trn 1-2423 15 vdc 35 ma 80 % trn 1-4810 3.3 vdc 300 ma 77 % trn 1-4811 5.0 vdc 200 ma 78 % trn 1-4812 12 vdc 90 ma 80 % trn 1-4813 36 C 75 vdc 15 vdc 70 ma 81 % trn 1-4815 (48 vdc nominal) 24 vdc 45 ma 81 % trn 1-4821 5.0 vdc 100 ma 78 % trn 1-4822 12 vdc 45 ma 81 % trn 1-4823 15 vdc 35 ma 79 % models http://www.tracopower.com dc/dc converter trn 1 series, 1 watt
page 2 of 3 input specifications input current no load 9 vin models: 35 ma typ 12 vin models: 20 ma typ. 24 vin models: 10 ma typ. 48 vin models: 5 ma typ. surge voltage (1 sec. max.) 9 vin models: 15 v max. 12 vin models: 25 v max. 24 vin models: 50 v max. 48 vin models: 100 v max. reflected ripple current 30 map-p typ. conducted noise C conducted input emission en 55032 class a or b with external components emc immunity C esd (electrostatic discharge) en 61000-4-2, air 8 kv, contact 6 kv, perf. criteria a C radiated immunity en 61000-4-3, 10 v/m, perf. criteria a C fast transient / surge en 61000-4-4, 2 kv, perf. criteria a (with external input capacitor) en 61000-4-5, 1 kv perf. criteria a nippon chemi-con ky 220 f/ 100 v C conducted immunity en 61000-4-6, 10 vrms, perf. criteria a C magnetic field immunity en 61000-4-8 100 a/m, continuous, perf. criteria a 1000 a/m, 1 sec., perf. criteria a input filter capacitor type output specifications voltage set accuracy 1 % max. regulation C input variation 0.2 % max. C load variation 0 C 100 % 1 % max. C cross regulation - dual output: 5 % max. (asymmetrical load 25 % / 100 %) temperature coefficient 0.02 %/k typ. ripple and noise (20 mhz bandwidth) 50 mvp-p typ. start-up time 15 ms max. (5 ms typ.) transient response (25% load step change) 500 s typ. short circuit protection continuous, automatic recovery capacitive load Csingle output 3.3 vdc models: 1680 f max. 5.0 vdc models: 820 f max. 12 vdc models: 470 f max. 15 vdc models: 330 f max. 24 vdc models: 160 f max. Cdual output 5.0 vdc models: 470 f max. (each output) 12 vdc models: 330 f max. (each output) +15 vdc models: 220 f max. (each output) general specifications temperature ranges C operating (convection cooling 20lfm, 0,1m/s) C40c to +90c (without derating) C case temperature +95c max. C storage temperature C55c to +125c derating 6.7%/k above 90c humidity (non condensing) 5 C 95 % rel h max. isolation voltage C i/o isolation voltage (60 sec.) 1600 vdc isolation capacitance 75 pf max. isolation resistance (@ 500 vdc) >1 gohm trn 1 series, 1 watt http://www.tracopower.com all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated.
www .tracopowe r. com ? copyright 2017 traco electronic ag sp ec i?cati ons can be changed wi thout noti ce! page 3 of 3 general specifications reliability, calculated mtbf (mil-hdbk-217f at +25c, ground benign) 7400000 h switching frequency 100 khz min. pulse frequency modulation. thermal shock & vibration mil-std-810f safety standards C information technology iec/en 60950-1, ul 60950-1 environmental compliance C reach www.tracopower.com/products/reach-declaration.pdf C rohs rohs directive 2011/65/eu physical specifications casing material non-conductive black plastic potting material silicone (ul 94v-0 rated) package weight 2.1g (0.07oz) soldering temperature max. 260c / 6 sec outline dimensions pin single dual 1 Cvin (gnd) Cvin (gnd) 2 +vin (vcc) +vin (vcc) 3 +vout +vout 4 no pin common 5 Cvout Cvout pin-out dimensions in mm, inch tolerances: x.x 0.5 0.02 x.xx 0.25 0.01 pin pitch tolerances 0.25 0.01 pin dimension tolerance 0.1 0.004 supporting documents: www.tracopower.com/overview/trn1 11.9 (0.47) 1 2 3 4 5 7.7 (0.30) 3.7 (0.15) 11.0 (0.43) 0.5 x 0.25 (0.02)x (0.01) 4.1 (0.16) 2 x 2.0 (2 x 0.08) 2.8 (0.11) 2.0 (0.08) 1.6 (0.06) bottom view trn 1 series, 1 watt rev. april 27. 2017


▲Up To Search▲   

 
Price & Availability of TRN1-0510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X