Part Number Hot Search : 
D1457 25D80L CM2341 4318F5 C100L MAX15 X267A SMA5913
Product Description
Full Text Search
 

To Download SR1060L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1020l sr olt age @i 10.0 a 150 a 0.2 unit characteristic symbol v 250 pf 2.5 c/w -65 to +150 c sr1020l ? sr10200l features ! sc hottk y barrier chip ! guard ring die construction for transient protection ! high current capability a b a ! low power loss, high efficiency ! high surge current capability ! for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications c  d mechanic al d ata ! cas e: do -201ad, molded plastic ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 1.2 grams (approx.) ! mounting position: any ! marking: type number ! lead free: for rohs / lead free version maximum r a tings and electrical characteristics @t a =25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rm s reverse voltage v r(rm s) av erage rectified output current @t l = 95 c (not e 1) i o non-repet i tive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm forward v f = 10 . 0a v fm pe a k reverse current @t a = 25 c a t rated dc blocking voltage @t a = 100 c i rm 0.2 20 ma t y pical junction capacitance (note 2) c j t y pical thermal resistance (note 1) r  ja operat i ng and storage temperature range t j , t stg note: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 sr1020l ? sr10200l v 10 0.45 0. 55 0.80 0.90 v 20 14 30 21 40 28 50 35 60 42 80 56 100 70 150 105 200 140 z ibo seno electronic engineering co., ltd. www.senocn.com do-201 a d dim m in max a 25.4 ? b 8. 50 9. 50 c 1.20 1.30 d 5. 0 5.60 all d i mensions in mm do-201 a d dim m in max a 24.5 ? b 7. 20 9. 50 c 1.10 1.30 d 5. 00 5.60 all d i mensions in mm 1030l sr 1040l sr 1050l sr 1060l sr 1080l sr 10100l sr 10150l sr 10200l sr 0.85 10.0a low vf sc hott ky barrier diode alldatasheet
 2 of 2 sr1020l ? sr10200l sr1020l ? sr10200l z ibo seno electronic engineering co., ltd. www.senocn.com  c , cap acit ance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r 100 1000 3000 0.1 1.0 10 100 t = 25 c j 2 0-40 50- 100 0 20 40 60 80 100 120 140 i , inst antaneous reverse current (ma) r percent of ra ted peak reverse voltage (%) fig. 5 typical reverse characteristics t = 125 c j t = 75 c j t = 25 c j 100 10 1.0 0.1 0.01 0.001 0 025 5 0 75 100 125 150 i a verage forward current (a) (av), t , lead temperature ( c) fig. 1 forward current derating curve l 2 4 8 10 6 resistive or inductive load 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , instant aneous forward current (a) f v , inst ant aneous forward voltage (v) fig. 2 typical forward characteristics f 100 20 ?40 50 ? 60 80 ? 200 0 1 10 100 i , peak for w ard surge current (a) fsm number of cycles a t 60hz fig. 3 max non-repetitive peak fwd surge current single half-sine-wave (jedec method) 30 60 90 120 150 alldatasheet


▲Up To Search▲   

 
Price & Availability of SR1060L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X