Part Number Hot Search : 
25X22 1149C UR860 UR860 82541GI NJM2366 AX101 PITE1
Product Description
Full Text Search
 

To Download SR1060L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j f j f r s r 1 0 6 0 l low vf schottky barrier rectifier reverse voltage - 60 volts forward current - 10.0amperes features mechanical data maximum ratings case: jedec do-201ad molded plastic body terminals: plated axial leads, solderable per mil-std-750,method 2026polarity: color band denotes cathode end mounting position: any weight: 0.041ounce, 1.15 grams (ratings at 25 ! ambient temperature unless otherwise specified ) plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction ,majority carrier conductionguard ring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high surge capability high temperature soldering guaranteed:260 ! /10 seconds at terminals component in accordance to rohs 2011 / 65 / eu and weee 2012 / 19 / eu s e m i c o n d u c t o r maximum repetitive peak reverse voltage v rrm v a a i f(av) i fsm t stg t j maximum average forward rectified current 0.375"(9.5mm) lead length(see fig.1) operating junction temperature range storage temperature range peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method at rated tl) 10.0 150 -55 to+150 -55 to+150 ! ! 60 symbol unit sr1060l jinan jingheng electronics co., ltd. http :// www.jinghenggroup.com do-201ad dimensions in inches and (millimetrers) 0.375(9.50) 0.220(5.6) 0.052(1.32) 0.92(23.4) min 0.92(23.4) min 0.285(7.20) 0.190(4.8) dia 0.045(1.14) dia p b r o h s c o m p l i a n t typical applications for use in low voltage ,high frequency inverters ,dc / dc converters , free wheeling ,and polarity protection applications parameter p r i m a r y c h a r a c t e r i s t i c s i f(av) v rrm i fsm v f at i f = 10 . 0a t jmax 10.0a 60v 150a 150 ! 0 . 50v 3 - 1
electrical characteristcs ? t a = 25 ! unless otherwise noted ) notes: 1.pulse test: 300 ? s pulse width,1% duty cycle 2.pulse test: pulse width "d 40ms thermal characteristcs ? t a = 25 ! unless otherwise noted ) parameter typical thermal resistance 3.thermal resistance from junction to lead vertical p.c.b. mounted , 0.375"(9.5mm)lead length r ja r jl 25.0 8.0 ! /w symbol unit sr1060l 3 ) availabale pack information jinan jingheng electronics co., ltd. http :// www.jinghenggroup.com 3 - 2 pack carton sizel * w * h ( mm ) quantity ( pcs / box ) box size l * w * h ( mm ) quantity ( box / carton ) b / p 433 * 203 * 230 200 190 * 80 * 21 50 t / b 400 * 267 * 286 1000 264 * 74 * 135 10 product code sr1060l - do - 201ad ratings and characteristic of sr1060l sr1060l - do - 201ad parameter test conditions symbol typ . max . unit i n s t a n e o u s f o r w a r d v o l t a g e i f = 1 0 . 0 a t a = 2 5 ! t a = 1 0 0 ! r e v e r s e c u r r e n t v r = 6 0 v t a = 2 5 ! t a = 1 0 0 ! v f i r 0 . 5 0 0 . 5 5 v 6 0 1 5 0 ? a ma 5 1 0 t y p i c a l j u n c t i o n c a p a c i t a n c e 4 v , 1 m h z c j pf 1 ) 2 ) t a = 1 2 5 ! t a = 1 2 5 ! 0 . 5 0 0 . 5 0 - 2 0 5 0 5 7 0 t a = 2 5 ! t a = 1 0 0 ! t a = 1 2 5 ! i f = 5 . 0 a 0 . 4 1 0 . 3 8 0 . 3 7 0 . 4 6 - - -
0 25 50 75 100 125 150 1 10 100 0 20 40 60 80 100 120 150 0 4.0 6.0 8.0 10.0 2.0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) number of cycles at 60hz ambient temperature ( ! ) t j =t j max 8.3ms single half sine-wave (jedec method) resistive or inductive load 0.375" (9.5mm) lead length fig.5-typical junction capacitance jinan jingheng electronics co., ltd. http :// www.jinghenggroup.com 3 - 3 130 ratings and characteristic of sr1060l i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) 0.01 0.1 10 1 100 200 20 0 40 60 80 100 i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) percent of rated peak reverse voltage% t j =25 ! t j =100 ! t j =125 ! reverse voltage. volts 0.1 1 10 100 100 4000 1000 j u n c t i o n c a p a c i t a n c e ( p f ) 0 . 0 1 0 . 1 1 10 0 0.1 0.2 0.3 0.4 0.5 0.8 0.7 0.6 0 1 0 5 t j =25 ! t j =125 ! t j =100 ! pulse width=300 ? s 1% duty cycle


▲Up To Search▲   

 
Price & Availability of SR1060L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X