Part Number Hot Search : 
FDMC8296 SMCJ12C MPC8360E D74LVC BA532 1N5556 000M18X3 MAX6836
Product Description
Full Text Search
 

To Download SR1060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dated : 10/07/2003 semtech electronics ltd. ( subsidiary of semtech internati onal holdings limited, acompany listed on the hong kong stock exchange, stock code: 724 ) ? sr1020ct thru SR1060CT schottky barrier rectifiers reverse voltage ? 20 to 60 volts forward current ? 10 amperes features ? plastic package ha s underwriters labo ratory flammability classification 94v-0 ? metal of silicon rectif ier, majority carrier conduction ? guard ring for transient protection ? high capability ? low power loss, high efficiency ? high current capability, low forward voltage ? high surge capacity ? for use in low voltage, high frequency inverters free wheeling, and polarity protection applications mechanical data ? case: molded plastic body, to-220 ? terminals: axial leads, solderable per mil-std-202, method 208 ? polarity: as marked ? mounting position: any absolute maximum ratings and characteristics ratings at 25 0 c unless otherwise specified. single phase, half wave, resist ive or inductive load. for capacitive load, derate by 20% symbols sr1020ct sr1030ct sr1040ct sr1050ct SR1060CT units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum average forward rectified current i (av) 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 175 a maximum instantaneous forward voltage at 5.0 a v f 0.55 0.70 v maximum reverse current t c = 25 o c at rated reverse voltage t c = 100 o c i r 0.5 50 ma typical junction capacitance (note 1) c tot 400 pf typical thermal resistance (note 2) r jc 3.0 o c/w operating junction temperature range t j -55 to +125 -55 to +150 o c storage temperature range t s -55 to +150 o c notes: (1) measured at 1mh z and applied reverse voltage of 4 volts (2) thermal resistance from junction to case per leg negative ct suffix "a" positive ct case pin 2 pin 3 pin 1 pin 3 pin 1 case pin 2 pin 3 pin 1 case pin 2 doubler suffix "d"
dated : 10/07/2003 semtech electronics ltd. ( subsidiary of semtech internati onal holdings limited, acompany listed on the hong kong stock exchange, stock code: 724 ) ? sr1020ct thru SR1060CT i n s t a n t a n e o u s f o r w a r d c u r r e n t , a sr1020ct-sr1040ct instantaneous forward voltage, v 0.1 0.2 1 10 0.8 0.6 0.4 11.1 sr1050ct-SR1060CT i n s t a n t a n e o u s r e v e r s e c u r r e n t , m a percent of rated peak reverse voltage, % typical forward characteristics per leg 50 0.001 0 0.01 0.1 40 80 120 140 tj=25 c tj=75 c typical reverse characteristics per leg 10 1 tj=125 c a v e r a g e f o r w a r d c u r r e n t , a case temperature( c) maximum non-repeitive peak forward surge current number of cycles at 60hz p e a k f o r w a r d s u r g e c u r r e n t , a 0 1 200 100 300 0 10 100 50 100 150 forward current derating curve 2.5 7.5 12.5 s r 1 0 2 0 c t - s r 1 0 4 0 c t s r 1 0 5 0 c t - s r 1 0 6 0 c t reverse voltage,v typical junction capacitance per leg j u n c t i o n c a p a c i t a n c e , p f 0.1 100 1 1000 4000 100 10 tj=25 c f=1mhz vsig=50mvp-p


▲Up To Search▲   

 
Price & Availability of SR1060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X