Part Number Hot Search : 
MGRB2018 EUR30D AN2N3 UPD3728 TS482IQT 109309 AO6800 MT48V
Product Description
Full Text Search
 

To Download SBR30A100CTFP-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr is a registered tr ademark of diodes incorporated. sbr30a100ct, sbr30a100ctfp document number: ds30983 rev. 10 - 2 1 of 6 www.diodes.com may 2015 ? diodes incorporated sbr30a100ct sbr30a100ctfp 30a sbr ? super barrier rectifier product summary v rrm (v) i o (a) v f (max) (v) @ +25 c i r (max) ( m a) @ +25 c 1 00 1 5 (per leg) 30 (tota l ) 0. 8 0. 1 description and applications the sbr 30a100 ct & sbr 30a100 ctfp provide very low vf and excellent reverse leakage stability at high temperatures. they are ideal for use as a rectifier s , freewheel diode s or blocking diode s in: ? dc - dc converters ? ac - dc adaptors features and benefits ? patented sbr technology provides superior avalanche capab ility versus schottky diodes, ensuring more rugged and reliable end applications. ? reduced u ltra - low forward voltage drop ( v f ) . b etter efficiency and cooler operation. ? reduced high temperature reverse leakage; increased reliability against thermal runawa y failure in high temperature operation. ? lead - free finish; rohs c ompliant (note s 1 & 2 ) ? halogen and antimony free. green device (note 3 ) mechanical data ? case: to - 220ab, ito - 220ab ? case material: molded plastic . ul flammability classification rating 94v - 0 ? terminals: matte tin finish a nnealed over copper l eadframe. solderable per mil - std - 202, method 208 ? marking information: see below ? ordering information: see below ? weight: to - 220ab C 1.85 grams ( a pproximate) ito - 220ab C 1.65 grams ( a pproxim ate) ordering information (notes 4 & 5) part number case packaging sbr30a100ct to - 220ab 50 pieces/tube sbr30a100ct - g to - 220ab 50 pieces/tube sbr30a100ctfp ito - 220ab 50 pieces/tube sbr30a100ctfp - g ito - 220ab 50 piece s/tube sbr30a100ctfp - jt ito - 220ab ( type e ) 50 pieces/tube sbr30a100ctfp - jt - g ito - 220ab ( type e ) 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diode s.com for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for green molding compound version part numbers, add " - g" suffix to part number above. examples: sbr30a100ct - g. 5. for packaging details, go to our website at http//www.diodes.com/products/packages.html . to - 220ab top view ito - 220ab top view package pin out configura tion to - 220ab bottom view ito - 220ab bottom view pb green
sbr is a registered tr ademark of diodes incorporated. sbr30a100ct, sbr30a100ctfp document number: ds30983 rev. 10 - 2 2 of 6 www.diodes.com may 2015 ? diodes incorporated sbr30a100ct sbr30a100ctfp marking information maximum ratings (per leg) (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current per device (per leg) (total) i o 15 30 a non - repetitive peak forward surge current 8.3ms single half sine - wave superi mposed on rated load i fsm 250 a peak repetitive reverse surge current (2us - 1khz) i rrm 3 a isolation voltage (ito - 220ab only) from t erminal to h eatsink t = 3 sec onds v ac 2 , 000 v non - repetitive avalanche energy (t j = +25c, i as = 10a, l = 8.5mh) e as 55 0 mj thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance package = to - 220ab (note 6) package = ito - 220ab (note 6) r ? jc 2 4 c/w operating and storage temperature range t j , t stg - 65 to +175 c electrica l characteristics (per leg) (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f - - 0.63 0.80 0.67 v i f = 15a, t j = + 25 c i f = 15a, t j = + 125 c leakage current (note 7 ) i r - - 0.1 10 ma v r = 100v, t j = + 25 c v r = 100v, t j = + 125 c notes: 6 . test with aluminum heatsink 50 x 50 x 23 mm . 7. short duration pulse test used to minimize self - heating effect. sbr30a100ctfp = product type marking code ab = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 14 = 20 14 ) ww = week (01 - 53) sbr30a100ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 14 = 20 14 ) ww = week (01 - 53) y y w w ab 3 0 a 1 0 0 c t f p s b r 3 0 a 1 0 0 c t y y w w ab s b r
sbr is a registered tr ademark of diodes incorporated. sbr30a100ct, sbr30a100ctfp document number: ds30983 rev. 10 - 2 3 of 6 www.diodes.com may 2015 ? diodes incorporated sbr30a100ct sbr30a100ctfp 0 1 2 3 4 5 6 7 8 9 0 5 10 15 20 i average forward current (a) f(av) figure 1 forward power dissipation p , p o w e r d i s s i p a t i o n ( w ) d 10 note 6 0 0001 . 0 001 . 0 01 . 0 1 . 1 10 100 0 100 200 300 400 500 600 700 800 900 1000 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f figure 2 typical forward characteristics v , instantaneous forward voltage (mv) f t = 85c a t = 125c a t = 150c a t = 175c a t = 25c a 1 10 100 1000 10000 100000 0 20 40 60 80 100 i , l e a k a g e c u r r e n t ( a ) r v , instantaneous reverse voltage (v) r figure 3 typical reverse characteristics t = 25c a t = 85c a t = 125c a t = 150c a t = 175c a 10 15 20 0 5 figure 4 forward current derating curve 25 50 75 100 125 150 175 t , ambient temperature (c) a i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) note 6 p , m a x i m u m a v a l a n c h e p o w e r ( w ) a r m t , pulse duration (s) p figure 5 maximum avalanche power curve 100 1000 10000 100000 0.01 0.1 1 10 100 1000 10000
sbr is a registered tr ademark of diodes incorporated. sbr30a100ct, sbr30a100ctfp document number: ds30983 rev. 10 - 2 4 of 6 www.diodes.com may 2015 ? diodes incorporated sbr30a100ct sbr30a100ctfp package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. to220ab dim min max typ a 3.56 4.82 - a1 0.51 1.39 - a2 2.04 2.92 - b 0.39 1.01 0.81 b2 1.15 1.77 1.24 c 0.356 0.61 - d 14.22 16.51 - d1 8.39 9.01 - d 2 11.45 12.87 - e - - 2.54 e1 - - 5.08 e 9.66 10.66 - e 1 6.86 8.89 - h1 5.85 6.85 - l 12.70 14.73 - l1 - 6.35 - l2 15.80 1 6.20 16.00 p 3.54 4.08 - q 2.54 3.42 - all dimensions in mm ito - 220ab dim min typ max a 4.50 4.70 4.90 a1 3.04 3.24 3.44 a2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 d 15.67 15.87 16.07 d1 8.99 9.19 9.39 e 2.54 e 9.91 10.11 10.31 l 9 .45 9.75 10.05 l1 15.80 16.00 16.20 p 2.98 3.18 3.38 q 3.10 3.30 3.50 all dimensions in mm e q d1 d ?p l1 l e b a1 a h1 c a2 b2 h1 d2 e1 e1 e/2 l2 section b-b 3 ? p e 5 5 5 5 q d 1 d ? p b 1 3 x l e l 1 b a a1 a2 c 5 0 5 5 5 5 3 5 5 e b b 3 x
sbr is a registered tr ademark of diodes incorporated. sbr30a100ct, sbr30a100ctfp document number: ds30983 rev. 10 - 2 5 of 6 www.diodes.com may 2015 ? diodes incorporated sbr30a100ct sbr30a100ctfp package outline dimensions (continued) please see ap02002 at http:// www.diodes.com/datasheets/ap02002.pdf for the latest version. ito220ab (type e) dim min max a 4.36 4.77 a1 2.54 3.10 a2 2.54 2.80 b 0.55 0.75 b1 1.20 1.50 c 0.38 0.68 d 14.50 15.50 d1 8.38 8.89 e 2.41 2.67 e 9.72 10.27 l 9.87 10.67 l1 15.8 17.00 p 3.08 3.39 q 2.60 3.00 all dimensions in mm a a1 d1 a2 c e b b1 l l1 d q e ? p
sbr is a registered tr ademark of diodes incorporated. sbr30a100ct, sbr30a100ctfp document number: ds30983 rev. 10 - 2 6 of 6 www.diodes.com may 2015 ? diodes incorporated sbr30a100ct sbr30a100ctfp important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, e nhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability a rising out of the application or use of this document or any product descri bed herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such appli cations shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustai n life and whose failure to perform when properly used in accordance with instruction s for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life suppo rt device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulato ry ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such sa fety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorpora ted and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR30A100CTFP-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X