Part Number Hot Search : 
D7N60C3 TKE0303D MAX188 BZX84C12 29LV128 C548C MS51D AT24C16
Product Description
Full Text Search
 

To Download RFN3BM2SFH-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  super fast recovery diode rfn3bm2sfh aec-q101 qualified ? series ? dimensions (unit : mm) ? land size figure (unit : mm) standard fast recovery ? application general rectification ? features ? structure 1) low switching loss 2) ? taping dimensions (unit : mm) ? construction silicon epitaxial planar type ? absolute maximum ratings (t a = 25c) repetitive peak reverse voltage v rm v reverse voltage v r v i o a i fsm a operating junction temperature t j c storage temperature t stg c ? electrical characteristics (t j = 25c) symbol min. typ. max. unit v f - 0.9 0.98 v reverse current i r -0.0510 ? a reverse recovery time trr - 12 25 ns thermal resistance r th(j-c) --6.0 c / w 3 200 40 150 ? 55 to ? 150 v r =200v direct voltage i f =0.5a, i r =1a, irr=0.25i r junction to case forward current surge peak parameter forward voltage conditions 60hz half sin wave ,non-repetitive at t j =25c - - average rectified foward current i f =3a 60hz half sin wave , resistive load symbol limits unit 200 high current overload capacity parameter conditions duty Q 0.5 to-252 2.3 1.6 2.3 3.0 2.0 6.0 6.0 1.6 cathode anode open 6.80.1 8.00.1 4.00.1 2.00.05 1.550.1 0 7.50.05 2.50.1 16.00.2 2.70.2 3.00.1 10.10.1 0.40.1 13.50.2 8.00.1 00.5 10.10.1 tl ? 3.0 ? 0.1 ? 1.55 ? 0.1 1 rohm : to-252 jeita : sc-63 : manufacture date 1 1/4 2016.02 - rev.b datasheet www.rohm.com ? 2015 rohm co., ltd. all rights reserved.
rfn3bm2sfh ? electrical characteristic curves 1 10 100 1000 110100 t j = 25 c 1 10 100 1000 0 5 10 15 20 25 30 f = 1mhz t a = 25 c peak surge forward current : i fsm (a) forward current : i f (a) forward voltage : v f (mv) v f -i f characteristics reverse current : i r (na) reverse voltage : v r (v) v r -i r characteristics capacitance between terminals : c t (pf) reverse voltage : v r (v) v r -c t characteristics number of cycles i fsm -cycle characteristics 1cyc. 8.3ms i fsm 8.3ms 0.1 1 10 100 1000 10000 0 50 100 150 200 t j = 25 c t j = 150 c t j = 75 c t j = 125 c 0.01 0.1 1 10 100 0 200 400 600 800 1000 1200 1400 1600 t j = 75 c t j = 25 c t j = 125 c t j = 150 c 2/4 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet
rfn3bm2sfh ? electrical characteristic curves 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0306090120150 d = 0.1 d = 0.2 half sin wave d = 0.5 d.c. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0306090120150 d.c. d = 0.1 d = 0.2 half sin wave d = 0.5 1 10 100 1000 110100 t j = 25 c i fsm time t t j =150 c d=t/t t v r io v r =v rmax 0a 0v t t j =150 c d=t/t t v r io v r =v rmax 0a 0v transient thermal impedance : r th ( c/w) peak surge forward current : i fsm (a) time : t(ms) i fsm -t characteristics time : t(s) r th -t characteristics average rectified forward current : i o (a) ambient temperature : t a ( c) derating curve (i o -t a ) average rectified forward current : i o (a) case temperature : t c ( c) derating curve (i o -t c ) 0.1 1 10 100 0.001 0.01 0.1 1 10 100 1000 r th (j-a) r th (j-c) 3/4 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet
rfn3bm2sfh ? electrical characteristic curves forward power dissipation : p f (w) average rectified forward current : i o (a) i o -p f characteristics 0 1 2 3 4 5 6 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 d = 0.1 d = 0.2 half sin wave d = 0.5 d.c. t j = 150 c 4/4 2016.02 - rev.b www.rohm.com ? 2015 rohm co., ltd. all rights reserved. data sheet
notice - p a a - e rev.00 3 ? 201 5 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. if you intend to use our products in devices requiring extremely high reliability ( such as medical equipment ( n ote 1 ) , aircraft/spacecraft, nuclear power controllers, etc.) and whose malfunction or failure may cause loss of human life , bodily injury or serious damage to property ( specific applications ) , please consult with the rohm sales representative in advance. unless otherwise agreed in writing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any rohm s products for specific applications. ( n ote1) m edical equipment classifica tion of the specific applications japan usa eu china class 2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a cert ain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail - safe design against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the f ollowing are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our p roducts are no t designed under any special or extraordinary environments or conditions, as exemplified below . accordingly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of any rohms p roduct s under any specia l or extraordinary environments or conditions . if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent v erification and confirmation of product performance, reliability, etc, prior to use, must be necessary : [a] use of our products in any types of liquid, including water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the p roducts are exposed to direct sunlight or dust [c] use of our products in places where the p roducts are exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the p roducts are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat - producing components, plastic cords, or other flammable items [f] s ealing or coating our p roducts with resin or other coating materials [g] use of our products without cleaning residue of flux (even if you use no - clean type fluxes, cle aning residue of flux is recommended); or washing our products by using water or water - soluble cleaning agents for cleaning residue after soldering [h] use of the p roducts in places subject to dew condensation 4 . the p roducts are not subject to radiation - proof design . 5 . please verify and confirm characteristics of the final or mounted products in using the products. 6 . in particular, if a transient load (a large amount of load applied in a short period of time, such as pulse. is applied, confirmation o f performance characteristics after on - board mounting is strongly recommended. avoid applying power exceeding normal rated power; exceeding the power rating under steady - state loading condition may negatively affect product performance and reliability. 7 . de - rate power dissipation d epending on a mbient temperature . when used in sealed area, confirm that it is the use in the range that does not exceed the maximum junction temperature. 8 . confirm that operation temperature is within the specified range described in the product specification. 9 . rohm shall not be in any way responsible or liable for f ailure induced under de viant condition from what is defined in this document . precaution for mounting / circuit board design 1. when a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used on a surface - mount products, the flow soldering method must be used on a through hole mount products. i f the flow soldering method is preferred on a surface - mount products, please consult with th e rohm representative in advance. for details , please refer to rohm mounting specification
notice - p a a - e rev.00 3 ? 201 5 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, please allow a sufficient margin con sidering variations of the characteristics of the p roducts and external components, including transient characteristics, as well as static characteristics. 2. you agree that application notes, reference designs, and associated data and information contain ed in this document are presented only as guidance for products use . therefore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contain ed in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this p roduct is e lectrostatic sensitive pr oduct, which may be damaged due to e lectrostatic discharge. please take proper caution in your manufacturing process and stor age so that voltage exceeding the product s maximum rating will not be applied to p roducts. please take special care under dry condi tion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, setting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connecti ons may deteriorate if the p roducts are stored in the places where : [a] the p roducts are exposed to sea winds or corrosive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are e xposed to direct sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage condition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm solderability before using p roducts of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the correct direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use p roducts within the specified time after opening a humidity barrier bag. baking is required before using p roducts of which storage time is exceeding the recommended storage time period . precaut ion for p roduct l abel a two - dimensional barcode printed on rohm p roduct s label is for rohm s internal use only . precaution for d isposition when disposing p roducts please dispose them properly using a n authorized industry waste company. precaution for foreign e xchange and foreign t rade act since concerned goods might be fallen under listed items of export control prescribed by foreign exchange and foreign trade act, please consult with rohm in case of export. precaution regarding intellectual property rights 1. all informa tion and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoing information or data will not infringe any intellectual property rights or any other rights of any third pa rty regarding such information or data. 2. rohm shall not have any obligations where the claims, actions or demands arising from the combination of the products with other articles such as components, circuits, systems or external equipment (including software). 3. no license, expressly or impli ed, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the products or the information contained in this document. provided, however, that rohm will not assert its intellectual property rig hts or other rights against you or your customers to the extent necessary to manufacture or sell products containing the products, subject to the terms and conditions herein. other precaution 1. this document may not be reprinted or reproduced, in whole or in part, without prior written consent of rohm. 2. the pr oducts may not be disassemble d, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. i n no event shall you use in any way whatsoever the products and the related technical information contained in the products or this document for any military purposes , including but not limited to, the development of mass - destruction weapons . 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated com panies or third parties.
datasheet part number rfn3bm2sfh package to-252 unit quantity 2500 minimum package quantity 2500 packing type taping constitution materials list inquiry rohs yes rfn3bm2sfh - web page distribution inventory


▲Up To Search▲   

 
Price & Availability of RFN3BM2SFH-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X