features: ? 66 degrees total range of motion ? simple construction ? integrated 10k potentiometer description: typically used on aerospace platforms. can be used in a wide variety of applications such as airborne, missile, ground vehicle. specifications specification value units basis range of motion 33 degrees nominal kt 10 in - oz/amp nominal peak torque 6.4 in - oz minimum operating voltage 20 vdc nominal resistance 20 ohms 10 % km 2 in - oz/w nominal weight 0.17 pounds nominal rotary voice coils rotary voice actuator pn 16257 2016 data sheet the most important thing we build is trust cobham advanced electronic solutions integrated electronic solutions 350 kennedy drive hauppauge, ny 11788 tel: 1. 631.231.9100 email: motion.sales @cobham.com www.cobham.com
|