Part Number Hot Search : 
SLF12565 5534D UML2N TFPT1206 BD6726FU APT50M GBU1008 QS7785CF
Product Description
Full Text Search
 

To Download PE83IR1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 the PE83IR1003 is a high power isolator offering a forward and reverse power rating of 50 watts over an operational frequency band of 1.7 to 2.2 ghz. this coaxial part uses type n female connectors on all ports and has a minimum of 20 db of isolation. pasternack enterprises offers a wide variety of isolators to ft your needs. these are two-port devices that transmit microwave or radio frequency power in one direction only and block the signal in the opposite direction. they can be thought of as a diode for rf energy. isolators are used to isolate equipment from the effects of conditions outside of the equipment. for instance they are used to prevent a microwave source being detuned by a mismatched load. pasternacks isolators feature excellent insertion loss, high isolation and reliability. ? forward/reverse power 50 watts ? frequency range of 1.7 to 2.2 ghz ? female n connectors ? low vswr applications ? radar systems ? military ? wireless radio systems ? t elecom infrastructure ? communication systems ? r&d labs ? microwave radio systems confguration connector 1 n female connector 2 n female frequency range 1.7 ghz to 2.2 ghz design single junction layout connectorized electrical specifcations (values at 25c, sea level) description minimum t ypical maximum units frequency range 1.7 2.2 ghz impedance 50 ohms insertion loss 0.4 db forward power 50 w atts reverse power 50 w atts input vswr 1.25:1 isolation 20 db . mechanical specifcations temperature operating range 0 to 50 deg c click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female PE83IR1003 PE83IR1003 PE83IR1003 rev 1.0 high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female technical data sheet
2 size length 2.5 in [63.5 mm] width 1.02 in [25.91 mm] height 2.5 in [63.5 mm] . weight 0.97 lbs [439.98 g] compliance certifcations (visit www.pasternack.com for current document) rohs compliant reach compliant 12/17/2015 plotted and other data notes: ? values at 25 c, sea level PE83IR1003 PE83IR1003 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female PE83IR1003 high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female technical data sheet
3 typical performance data 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 1.7 1.8 1.8 1.9 1.9 2.0 2.0 2.1 2.1 2.2 2.2 1.7 ghz vswr -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 1.7 1.8 1.8 1.9 1.9 2.0 2.0 2.1 2.1 2.2 2.2 0 db 1.7 ghz insertion loss 83i1003 PE83IR1003 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female PE83IR1003 high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female technical data sheet
4 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 1.7 1.8 1.8 1.9 1.9 2.0 2.0 2.1 2.1 2.2 2.2 0 db 1.7 ghz isolation and return loss return loss isolation high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female PE83IR1003 url: http://www.pasternack.com/high-power-isolator-20db-isolation-2.2-ghz-50-watts-n-female-PE83IR1003-p.aspx PE83IR1003 PE83IR1003 rev 1.0 high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female technical data sheet
5 PE83IR1003 rev 1.0 high power isolator with 20 db isolation from 1.7 ghz to 2.2 ghz, 50 watts and n female PE83IR1003 cad drawing


▲Up To Search▲   

 
Price & Availability of PE83IR1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X