Part Number Hot Search : 
FCH20A ACF45U8A RKP201KM ACF45U8A LM324AN BAT160A T40T101 SDA2AK
Product Description
Full Text Search
 

To Download NJM78L02UA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  njm78l00 - 1/5 - 78l00eae_1 3-terminal positive voltage regulator 3-terminal positive voltage regulator 3-terminal positive voltage regulator 3-terminal positive voltage regulator  general descliption  package outline njm78l00 is 3-terminal positive voltage regulator. njm78l00 series is mounted in emp8 package of the surface mount package. the emp8 package possible flow soldering.  features  internal short circuit current limit  internal thermal overload protection  excellent ripple rejection  guaranteed 100ma output current  bipolar technology  package outline t0-92,sot-89,emp8  pin configuration  equiavalent circuit v in gnd v out njm78l00ea (5v,9v,12v) pin function 1. out 2. gnd 3. gnd 4. nc 5. nc 6. gnd 7. gnd 8. in njm78l00ua njm78l00a 18 27 36 48 njm78l00ea (5v,9v,12v) 1 3 2 1 3 2 njm78l00a njm78l00ua pin function 1. out 2. gnd 3. in
njm78l00 - 2/5 - 78l00eae_1  absolute maximum ratings (ta=25 c) parameter symbol maximum ratings unit input voltage v in (78l02a 78l09a) 30 (78l12a 78l15a) 35 (78l18a 78l24a) 40 v power dissipation p d (to-92) (emp8) (sot-89) 500 350 300 mw operating temperature range to p r ? 40 +85 c storage temperature range tstg ? 40 +150 c  electrical characteristics(c in =0.33 f, c o = 0 . 1 f, t j = 2 5 c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l02a output voltage vo v in =9v, io=40ma 2.47 2.6 2.73 v line regulation1 ? vo ? v in 1 v in =4.75v 20v, io=40ma ?? 125 mv line regulation2 ? vo ? v in 2v in =5v 20v, io=40ma ?? 100 mv load regulation1 ? vo ? io1 v in =9v, io=1 40ma ?? 25 mv load regulation2 ? vo ? io2 v in =9v, io=1 100ma ?? 50 mv quiescent current i q v in =9v, io=0ma ? 2.0 6 ma average temperature coefficient of output voltage ? vo / ? tv in =9v, io=1ma ? 0.2 ? mv/ c ripple rejection rr 6v < v in < 16v, io=40ma ein=1vp-p, f=120hz 43 73 ? db output noise voltage v no v in =9v,bw=10hz 100khz io=40ma ? 35 ? v njm78l03a(*1) output voltage vo v in =9v, io=40ma 2.85 3.0 3.15 v line regulation1 ? vo ? v in 1 v in =5v 20v, io=40ma ?? 125 mv line regulation2 ? vo ? v in 2 v in =6v 20v, io=40ma ?? 100 mv load regulation1 ? vo ? io1 v in =9v, io=1 40ma ?? 25 mv load regulation2 ? vo ? io2 v in =9v, io=1 100ma ?? 50 mv quiescent current i q v in =9v, io=0ma ? 2.0 6 ma average temperature coefficient of output voltage ? vo / ? tv in =9v, io=1ma ? 0.2 ? mv/ c ripple rejection rr 6v < v in < 16v, io=40ma ein=1vp-p, f=120hz 43 72 ? db output noise voltage v no v in =9v,bw=10hz 100khz, io=40ma ? 40 ? v njm78l05a(*3) output voltage vo v in =10v, io=40ma 4.75 5.0 5.25 v line regulation1 ? vo ? v in 1 v in =7v 20v, io=40ma ?? 200 mv line regulation2 ? vo ? v in 2 v in =8v 20v, io=40ma ?? 150 mv load regulation1 ? vo ? io1 v in =10v, io=1 40ma ?? 30 mv load regulation2 ? vo ? io2 v in =10v, io=1 100ma ?? 60 mv quiescent current i q v in =10v, io=0ma ? 2.0 6 ma average temperature coefficient of output voltage ? vo / ? t v in =10v, io=1ma ? 0.4 ? mv/ c ripple rejection rr 8v < v in < 18v, io=40ma ein=1vp-p, f=120hz 40 69 ? db output noise voltage v no v in =10v,bw=10hz 100khz io=40ma ? 70 ? v (*1):sot-89 package only. (*2):to-92 package only. (*3):sot-89,to-92, emp8
njm78l00 - 3/5 - 78l00eae_1  electrical characteristics(c in =0.33 f, c o = 0 . 1 f, t j = 2 5 c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l06a output voltage vo v in =12v, io=40ma 5.7 6.0 6.3 v line regulation1 ? vo ? v in 1 v in =8.5v 20v, io=40ma ?? 200 mv line regulation2 ? vo ? v in 2v in =9v 20v, io=40ma ?? 150 mv load regulation1 ? vo ? io1 v in =12v, io=1 40ma ?? 40 mv load regulation2 ? vo ? io2 v in =12v, io=1 100ma ?? 80 mv quiescent current i q v in =12v, io=0ma ? 2.0 6 ma average temperature coefficient of output voltage ? vo / ? tv in =12v, io=1ma ? 0.5 ? mv/ c ripple rejection rr 9v < v in < 20v, io=40ma ein=1vp-p, f=120hz 40 67 ? db output noise voltage v no v in =12v,bw=10hz 100khz io=40ma ? 80 ? v njm78l62a(*2) output voltage vo v in =12.2v, io=40ma 5.89 6.2 6.51 v line regulation1 ? vo ? v in 1 v in =8.7v 20.2v, io=40ma ?? 200 mv line regulation2 ? vo ? v in 2 v in =9.2v 20.2v, io=40ma ?? 150 mv load regulation1 ? vo ? io1 v in =12.2v, io=1 40ma ?? 40 mv load regulation2 ? vo ? io2 v in =12.2v, io=1 100ma ?? 85 mv quiescent current i q v in =12.2v, io=0ma ? 2.0 6 ma average temperature coefficient of output voltage ? vo / ? tv in =12.2v, io=1ma ? 0.5 ? mv/ c ripple rejection rr 9.2v < v in < 20.2v, io=40ma ein=1vp-p, f=120hz 40 67 ? db output noise voltage v no v in =12.2v,bw=10hz 100khz io=40ma ? 85 ? v njm78l07a output voltage vo v in =13v, io=40ma 6.65 7.0 7.35 v line regulation1 ? vo ? v in 1 v in =9.5v 22v, io=40ma ?? 210 mv line regulation2 ? vo ? v in 2 v in =10v 22v, io=40ma ?? 160 mv load regulation1 ? vo ? io1 v in =13v, io=1 40ma ?? 45 mv load regulation2 ? vo ? io2 v in =13v, io=1 100ma ?? 90 mv quiescent current i q v in =13v, io=0ma ? 2.1 6 ma average temperature coefficient of output voltage ? vo / ? t v in =13v, io=1ma ? 0.55 ? mv/ c ripple rejection rr 10v < v in < 20v, io=40ma ein=1vp-p, f=120hz 39 66 ? db output noise voltage v no v in =13v,bw=10hz 100khz io=40ma ? 100 ? v njm78l08a output voltage vo v in =14v, io=40ma 7.6 8.0 8.4 v line regulation1 ? vo ? v in 1 v in =10.5v 23v, io=40ma ?? 225 mv line regulation2 ? vo ? v in 2 v in =11v 23v, io=40ma ?? 175 mv load regulation1 ? vo ? io1 v in =14v, io=1 40ma ?? 50 mv load regulation2 ? vo ? io2 v in =14v, io=1 100ma ?? 100 mv quiescent current i q v in =14v, io=0ma ? 2.1 6 ma average temperature coefficient of output voltage ? vo / ? t v in =14v, io=1ma ? 0.6 ? mv/ c ripple rejection rr 11v < v in < 20v, io=40ma ein=1vp-p, f=120hz 39 66 ? db output noise voltage v no v in =14v,bw=10hz 100khz io=40ma ? 115 ? v (*1):sot-89 package only. (*2):to-92 package only. (*3):sot-89,to-92, emp8
njm78l00 - 4/5 - 78l00eae_1  electrical characteristics(c in =0.33 f, c o = 0 . 1 f, t j = 2 5 c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l09a(*3) output voltage vo v in =15v, io=40ma 8.55 9.0 9.45 v line regulation1 ? vo ? v in 1 v in =11.5v 23v, io=40ma ?? 250 mv line regulation2 ? vo ? v in 2v in =12v 23v, io=40ma ?? 200 mv load regulation1 ? vo ? io1 v in =15v, io=1 40ma ?? 50 mv load regulation2 ? vo ? io2 v in =15v, io=1 100ma ?? 100 mv quiescent current i q v in =15v, io=0ma ? 2.1 6 ma average temperature coefficient of output voltage ? vo / ? tv in =15v, io=1ma ? 0.65 ? mv/ c ripple rejection rr 12v < v in < 21v, io=40ma ein=1vp-p, f=120hz 38 65 ? db output noise voltage v no v in =15v,bw=10hz 100khz io=40ma ? 125 ? v njm78l10a output voltage vo v in =16v, io=40ma 9.5 10.0 10.5 v line regulation1 ? vo ? v in 1 v in =13v 25v, io=40ma ?? 250 mv line regulation2 ? vo ? v in 2 v in =14v 25v, io=40ma ?? 200 mv load regulation1 ? vo ? io1 v in =16v, io=1 40ma ?? 50 mv load regulation2 ? vo ? io2 v in =16v, io=1 100ma ?? 100 mv quiescent current i q v in =16v, io=0ma ? 2.1 6 ma average temperature coefficient of output voltage ? vo / ? tv in =16v, io=1ma ? 0.7 ? mv/ c ripple rejection rr 13v < v in < 22v, io=40ma ein=1vp-p, f=120hz 37 64 ? db output noise voltage v no v in =16v,bw=10hz 100khz io=40ma ? 135 ? v njm78l12a(*3) output voltage vo v in =19v, io=40ma 11.4 12.0 12.6 v line regulation1 ? vo ? v in 1 v in =14.5v 27v, io=40ma ?? 250 mv line regulation2 ? vo ? v in 2v in =16v 27v, io=40ma ?? 200 mv load regulation1 ? vo ? io1 v in =19v, io=1 40ma ?? 50 mv load regulation2 ? vo ? io2 v in =19v, io=1 100ma ?? 100 mv quiescent current i q v in =19v, io=0ma ? 2.1 6.5 ma average temperature coefficient of output voltage ? vo / ? tv in =19v, io=1ma ? 0.9 ? mv/ c ripple rejection rr 15v < v in < 25v, io=40ma ein=1vp-p, f=120hz 37 62 ? db output noise voltage v no v in =19v,bw=10hz 100khz io=40ma ? 160 ? v njm78l15a output voltage vo v in =23v, io=40ma 14.3 15.0 15.7 v line regulation1 ? vo ? v in 1 v in =17.5v 30v, io=40ma ?? 300 mv line regulation2 ? vo ? v in 2 v in =20v 30v, io=40ma ?? 250 mv load regulation1 ? vo ? io1 v in =23v, io=1 40ma ?? 75 mv load regulation2 ? vo ? io2 v in =23v, io=1 100ma ?? 150 mv quiescent current i q v in =23v, io=0ma ? 2.2 6.5 ma average temperature coefficient of output voltage ? vo / ? tv in =23v, io=1ma ? 1.0 ? mv/ c ripple rejection rr 18.5v < v in < 28.5v, io=40ma ein=1vp-p, f=120hz 34 60 ? db output noise voltage v no v in =23v,bw=10hz 100khz io=40ma ? 190 ? v (*1):sot-89 package only. (*2):to-92 package only. (*3):sot-89,to-92, emp8
njm78l00 - 5/5 - 78l00eae_1  electrical characteristics(c in =0.33 f, c o = 0 . 1 f, t j = 2 5 c) measurement is to be conducted is pulse testing. parameter symbol test condition min. typ. max. unit njm78l18a output voltage vo v in =27v, io=40ma 17.1 18.0 18.9 v line regulation1 ? vo ? v in 1 v in =22v 33v, io=40ma ?? 320 mv line regulation2 ? vo ? v in 2v in =23v 33v, io=40ma ?? 270 mv load regulation1 ? vo ? io1 v in =27v, io=1 40ma ?? 80 mv load regulation2 ? vo ? io2 v in =27v, io=1 100ma ?? 160 mv quiescent current i q v in =27v, io=0ma ? 2.2 6.5 ma average temperature coefficient of output voltage ? vo / ? tv in =27v, io=1ma ? 1.1 ? mv/ c ripple rejection rr 23v < v in < 33v, io=40ma ein=1vp-p, f=120hz 33 59 ? db output noise voltage v no v in =27v,bw=10hz 100khz io=40ma ? 230 ? v njm78l20a output voltage vo v in =29v, io=40ma 19.0 20.0 21.0 v line regulation1 ? vo ? v in 1 v in =23v 34v, io=40ma ?? 330 mv line regulation2 ? vo ? v in 2 v in =24v 34v, io=40ma ?? 280 mv load regulation1 ? vo ? io1 v in =29v, io=1 40ma ?? 90 mv load regulation2 ? vo ? io2 v in =29v, io=1 100ma ?? 180 mv quiescent current i q v in =29v, io=0ma ? 2.3 7 ma average temperature coefficient of output voltage ? vo / ? tv in =29v, io=1ma ? 1.2 ? mv/ c ripple rejection rr 24v < v in < 34v, io=40ma ein=1vp-p, f=120hz 32 58 ? db output noise voltage v no v in =29v,bw=10hz 100khz io=40ma ? 250 ? v njm78l24a output voltage vo v in =33v, io=40ma 22.8 24 25.2 v line regulation1 ? vo ? v in 1 v in =27v 38v, io=40ma ?? 350 mv line regulation2 ? vo ? v in 2 v in =28v 38v, io=40ma ?? 300 mv load regulation1 ? vo ? io1 v in =33v, io=1 40ma ?? 100 mv load regulation2 ? vo ? io2 v in =33v, io=1 100ma ?? 200 mv quiescent current i q v in =33v, io=0ma ? 2.3 7 ma average temperature coefficient of output voltage ? vo / ? t v in =33v, io=1ma ? 1.4 ? mv/ c ripple rejection rr 27.5v < v in < 37.5v, io=40ma ein=1vp-p, f=120hz 32 57 ? db output noise voltage v no v in =33v,bw=10hz 100khz io=40ma ? 280 ? v  sot-89 mark (2) (3) (4) (1) 8 a f 1 (1) 8 : positive output njm78l02a 8 a (2) vo rank njm78l03a 8 b (3) the end of a.d. njm78l05a 8 c (4) production mouth njm78l06a 8 e oct. ??? x njm78l62a 8 z nov. ??? y njm78l07a 8 f dec. ??? z njm78l08a 8 g njm78l09a 8 h njm78l10a 8 j njm78l12a 8 k njm78l15a 8 l njm78l18a 8 m njm78l20a 8 n njm78l24a 8 p (*1):sot-89 package only. (*2):to-92 package only. (*3):sot-89,to-92, emp8



m e m o [caution] the specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. the application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJM78L02UA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X