Part Number Hot Search : 
0R12K 6BX68 TP506 9729K CD214 TP506 21200 855272
Product Description
Full Text Search
 

To Download MURB1040CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  suzhou good-ark electronic co., ltd ?????? 1 / 7 product specification goodark type MURB1040CT contents 1. package outline 2. marking 3. features& mechanical characteristics 4. maximum ratings and electrical characteristics 5. rating and characteristic curves 6. packing specification packaging specification 7. description of box label construction : ultra fast recover diode application : for power switch manufacturer : suzhou goodark electronics co.,ltd prepared on may. 10 th , 2011 prepared : r & d department approva qra department ultra fast recover diode 10 amperes 400 volts
suzhou good-ark electronic co., ltd ?????? 2 / 7 1. package outline (to263) unit:mm lead frame material : copper plating: pure tin plating
suzhou good-ark electronic co., ltd ?????? 3 / 7 2.marking 1. part name : MURB1040CT 2. logo mark: 3. polarity MURB1040CT
suzhou good-ark electronic co., ltd ?????? 4 / 7 3.features& mechanical characteristics features plastic package has underwriters labor atory flammability classification 94v-0 for surface mounted application metal of silicon rectifier majority carrier conduction low forward voltage high efficiency guarding for over voltage protection for use in low voltage high frequency inverters free wheeling and polarity protection applications mechanical characteristics case epoxy molded weight: 1.4grams approximately finish all external surfaces corrosion resistant and terminal leads are readily solderable lead temperature for soldering purposes 260 c max.for10 sec shipped 50 units per plastic tube or tape reel packing 800/reel 4.maximum ratings and el ectrical characteristics maximum ratings and electrical characte ristics(tc=25c unless otherwise moted) parameter test conditions symbol MURB1040CT unit maximum repetitive peak reverse voltage v rrm 400 v working peak reverse voltage v rwm 400 v maximum dc blocking voltage v dc 400 v maximum average forward rectified current at per leg tc=105c total device per diode per device i f (av) 5 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 90 a operating junction temperature range t j D 55 to+150 c storage temperature range t stg D 55 to+150 c maximum instantaneous forward voltage per leg if=5a if=5a t c =25 t c =125 vf 1.30 1.20 v maximum reverse current per leg at working peak reverse voltage t j =25 t j =100c i r 10 500 ua ua maximum reverse recover time if=0.5amp, ir=1.0amp,irec=0.25amp trr trr 50 ns thermal characteristics ta= 25 unless otherwise noted symbol parameter max unit r jc thermal resistance junction to case per leg 2.0 c /w note 1. pulse test:300us pulse width, duty cycle=2%
suzhou good-ark electronic co., ltd ?????? 5 / 7 5. rating and characteristic curves (tc=25 unless otherwise noted)
suzhou good-ark electronic co., ltd ?????? 6 / 7 6. packing specification 6.1 tube packing 1 tube : 50units 2 inner box: 20 tube(1000units) 3 outer box: 10 inner box (10,000units) 6.2 tape&reel packing packing size:800 /reel( 13? reel)
suzhou good-ark electronic co., ltd ?????? 7 / 7 7 description of box label 1 inner box label 2 inner box label 3 outer box label 4 outer box label


▲Up To Search▲   

 
Price & Availability of MURB1040CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X