Part Number Hot Search : 
DA152M 2500V 9L12A 35000 VSC73 TIP3055 2500V ULN2018A
Product Description
Full Text Search
 

To Download MTD2005F-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.shindengen.co.jp/product/semi/   u170-1     features  
 absolute maximum ratings 
ta = 2 5  ta= 2 5 unless otherwise specified  
  constant current control function (fixed frequency pwm control)  2 
1-2  ena   2-phase input (half step drive uses ena together)   !"
#$%&'()*+,-.  current decay mode (fast decay or slow decay)  /$012345  noise cancellation function  6789  cross conduction protection  :;<=>  overheating alarm function  ?@abc$d ef  built-in flywheel and flyback diodes  parameter  symbol  rating  unit  logic supply voltage v cc 0  6 v  ! logic input voltage v logic 0  v cc v "#$ load supply voltage v mm 60 v %!& output current i c 1.0 a '()*)#+,)-#.& flywheel diode current i f 1.0 a /012 power dissipation p d 3w 3456 storage temperature t stg -40  150 7 856 junction temperature t j 150
www.shindengen.co.jp/product/semi/   u170-1    electrical characteristics 
ta= 2 5 ,v cc =5v  ta = 2 5 ,v cc =5v unless otherwise specified  parameter  symbol 9:; condition min. typ. max.  unit output stage <=%!>? output saturation voltage  upper side  v ce  sat  hi c =0.8a - 1.0 1.4 v @=%!>? output saturation voltage  lower side  v ce  sat  li c =0.8a - 1.0 1.4 v <=%!a#& output leakage current  upper side  irh v mm =60v, v out =0v - - 10 b a @=%!a#& output leakage current  lower side  irl v out =60v, v rs =0v - - 10 b a <=,)-#.c diode forward drop  upper side  v f hi f =0.8a - 1.3 1.6 v @=,)-#.c diode forward drop  lower side  v f li f =0.8a - 1.3 1.5 v logic stage v cc de& 2 fg on h logic supply current  2 circuit on  i cc (on) v ena =0a - 25 33 ma v cc de& 2 fg off h logic supply current  2 circuit off  i cc (off) v ena =5v - 19 26 ma phase/enable/decay i h j ! phase/enable/decay i h j input voltage v pha/ena/dec h2.3-v cc v phase/enable/decay i l j ! phase/enable/decay i l j input voltage v pha/ena/dec lgnd-0.8v phase/enable/decay i h j !& phase/enable/decay i h j input current i pha/ena/dec hv pha/ena/dec =5v - - 10 b a phase/enable i l j !& phase/enable i l j input current i pha/ena lv pha/ena =0v - -100 -150 b a decay i l j !& decay i l j input current i dec lv dec =0v - -200 -300 b a vref !& vref input current i ref v ref =0v - -1 -10 b a vs !& vs input current is vs=0v - -1 -10 b a klmnopqr chopping frequency f chop ct=4700pf,rt=13k s -22- khz t(nuno$)v blanking time t b ct=4700pf - 2.2 - b s vs wx vs maximum voltage v s (max) --1.0 v yz[(#v\]^_& thermal alarm leakage current i r (alm) v alm =5v - - 10 b a yz[(#v`a\]& thermal alarm output current i alm v alm =0.5v - - 2 ma yz[(#v`a56 thermal alarm operating temperature t alm - 140 -
www.shindengen.co.jp/product/semi/   u170-1    
 recommended external components value   recommended operating conditions 
ta = 2 5  ta = 2 5 unless otherwise specified    !"#$%&
 setting of output current and chopping frequency  
output current setting  a   
chopping frequency setting  hz   '()* typical application  symbol bc recommendation  unit rs 0.68 s rt 13 k s ct 4700 pf r1+r2 d 10 k s  parameter  symbol bc recommendation  unit 7 856 junction temperature t j -25  120  logic supply voltage v cc 4.75  5.25 v "#$ load supply voltage v mm 5  54 v constant current waveform  motor current  ichop t=1/fchop lchop vref rs       fchop 1 0.72 ct rt               
www.shindengen.co.jp/product/semi/   u170-1   !+,- pin assignment top view mtd2005f  ./01 truth table decay decay mode switching transistor l fast both source and sink transistor h slow only source transistor package hsop28 e : don't care ena a or b pha a or b out 1 or 4 out 2 or 3 lllh lhhl h e off off
] ? ?    ]>;tm`oxz m?7 {?]
e{w z]? y?s&mmh`?b{  ???tgl^?om? pt
a ?w ?
+ jxz ` $s ?t sua{^?? a j; m??
$`om?b{ fw
a ?w? ??? ?^u
?
\??
 .t1?t?b?os??o?m ?z ?t s?a{^?? ? z ? ; mw;+z
?t]?;w ?tx ?c?
2t pt?]ww z? y? ?o<^m{ ptw
a ?w ?
+ jx?<w?ot `os??b{  2 a j; m3 ?e??z0" sw??;+z ?; z;+z- +z"7 ;+z????y??;+zh ?z ?^;+z?1??;+z?;;+ s 2 ?; m3 
;+ lz
+ sz,e; ?;+z| ??;+zwbw \;+z ?
?;+z?? ;+ s 2 ? ; m3 j??
m?3az?;+z? |;+z?  ';+z
\???wh?w
?z3a s  ptx ?q ?t
qw2 t
?qc r?om?buz ?at az?
?
q???`h ? ?
?-z ?w-
?-z? ?^w-
?- sw  ?t??alq`o

??zpb??ztq $s ? suw-pv??o] u |<^m{  ???tgl^?om? o0xz
a ?~?srwh?s ??s`t!?b?\quk??bwp]? ?<^ m{
a ?w] ?tm`?`ox?
2t pt?hx ?? 3?7 yw ?c?]? y<^m{  ???w?;t?loi?b? ??hx ??vfw vbw ??t`oxz ptx
~fw
y ? ? m?d?{  ???t?lo h~ ?hx ptw ??vfw vbw?at 0b?- a?hx?avw? z??o?w pxk??d?{  ???tgl^?om?
a ?uz?? 8t|?u?got,nvf
m^?om? ?z ztx ? ot,nx ??
s ?w z?du ?apb{  ???w ??hx
? ?? ptt ?p 8l?hx
ab?\q?nxs ??mh`?b{ 
/puft    *gzpvxjtiupvtfboztvdiqspe vdu qmfbtfcftvsfupsfgfsup uiftqfdjgjdbujpotjttvfecz4ijoefohfo  "mm qspevdut eftdsjcfe ps dpoubjofe ifsfjo bsf eftjhofe xjui b rvbmjuz mfwfm joufoefe gps vtf jo tuboebse bqqmjdbujpotsfrvjsjohbopsejob szmfwfmpgsfmjbcjmjuz*guif tfqspevdutbsfupcfvtfe jofrvjqnfoupsefwjdft gpstqfdjbmpstqfdjgjdbqqmjdbujp otsfrvjsjohbofyusfnfmzijh ihsbefpgrvbmjuzpssfmjbc jmjuzjoxijdigbjmvsftps nbmgvodujpotpgqspevdutnbzejsfdumzbggfduivnbomjgfpsifbm ui bmpdbm4ijoefohfopggjdfnvtucfdpoubdufe jobewbodfupdpogjsnuibuuifjoufoefevtfpguifqspevdujtb qqspqsjbuf4ijoefohfoqspevdutbsfhspvqfe joupuifgpmmpxjohuisffbqqmjdbu jpotbddpsejohuifrvbmjuzhsb ef 24uboebsebqqmjdbujpot3 $pnqvufst  pggjdf bvupnbujpo boe puifs pggjdf frvjqnfou  dpnnvo jdbujpo ufsnjobmt  uftu boe nfbtvsfnfou frvjqnfou  bvejpwjtv bm frvjqnfou  bnvtfnfou frvjqn fou  dpotvnfs fmfduspojdt  nbdijofuppmt qfstpobmfmfduspoj dfrvjqnfou joevtusjbmfrvjqn fou fud 24qfdjbmbqqmjdbujpot3 5sbotqpsubujpo frvjqnfou wfijdmft  tijqt  fud
 usvolmjof dp nnvojdbujpo frvjqnfou  usbggjd tjhobm dpouspmtztufnt boujejtbtufsd sjnftztufnt tbgfuzfrvjqnfou nfejdbmfrvjqnfou fud 24qfdjgjdbqqmjdbujpot3 /vdmfbs sfbdups dpouspm tztufnt  bjsdsbgu  bfsptqbdf frvjqnfou  tvcnbsjof sfqfbufst  mjgf tvqqpsu frvjqnfouboetztufnt fud  "muipvhi4ijoefohfodpoujovpvtmzfoefbwpstupfoibodfuifrvbmj uzboesfmjbcjmjuzpgju tqspevdut dvtupnfst bsfbewjtfeupdpotjefsboeublftbgfuznfbtvsftjouifjseftjh o tvdibtsfevoebodz gjsfdpoubjonfouboe boujgbjmvsf tpuibuqfstpobmjokvsz gjsft pstpdjfubmebnbh ftdbocfqsfwfoufe  1mfbtfopufuibubmmjogpsnbujpo  eftdsjcfe ps dpoubjofe ifsfjo jt tvckfduup dibohf xjuipvu opujdf evfup qspevdu vqhsbeft boe puifs sfbtpot 8ifo cvzjoh 4ijoefohfo qspe vdut  qmfbtf dpoubdu uif $pnqboz`t pggjdftpsejtusjcvupstuppcubjouifmbuftujogpsnbujpo  4ijoefohfotibmmopucfbsbozsftqpotjcjmjuzxjuisfhbsetupeb nbhftpsjogsjohfnfoupgbozuijseqbsuzqbufou sjhiutboepuifsjoufmmfduvbmqs pqfsuzsjhiutjodvssfeevfupu ifvtfpgjogpsnbujpopouijtxfctjuf  5ifjogpsnbujpoboenbufsjbmtpo uijtxfctjufofjuifsxbssbouu ifvtfpg4ijoefohfotpsbozuijseqbsuz`t qbufousjhiutboepuifsjoufmmfdu vbmqspqfsuzsjhiut opshsbou mjdfotfuptvdisjhiut  *ouiffwfouuibubozqspevdueftdsjcfepsdpoubjofeifsfjogbm mtvoefsuifdbufhpszpgtusbufhjdqspevdut dpouspmmfevoefsuif'psfjho&ydibohfboe'psfjho5sbef$pouspm -bxpg+bqbo fyqpsujohpgtvdiqspevdut tibmmsfrvjsfbofyqpsumjdfotfgspnuif+bqboftfhpwfsonfoujo bddpsebodfxjuiuifbcpwfmbx  /psfqsjoujohpssfqspevdujpopg uifnbufsjbmtpouijtxfctjuf fjuifsjoxipmfpsjoqbsu jtqfsnjuufexjuipvu qspqfsbvuipsj[bujpogspn4ijoefohfo


▲Up To Search▲   

 
Price & Availability of MTD2005F-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X