|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.shindengen.co.jp/product/semi/ u170-1 features absolute maximum ratings ta = 2 5 ta= 2 5 unless otherwise specified constant current control function (fixed frequency pwm control) 2 1-2 ena 2-phase input (half step drive uses ena together) !" #$%&'()*+,-. current decay mode (fast decay or slow decay) /$012345 noise cancellation function 6789 cross conduction protection :;<=> overheating alarm function ?@abc$d ef built-in flywheel and flyback diodes parameter symbol rating unit logic supply voltage v cc 0 6 v ! logic input voltage v logic 0 v cc v "#$ load supply voltage v mm 60 v %!& output current i c 1.3 a '()*)#+,)-#.& flywheel diode current i f 1.3 a /012 power dissipation p d 5w 3456 storage temperature t stg -40 150 7856 junction temperature t j 150 www.shindengen.co.jp/product/semi/ u170-1 electrical characteristics ta= 2 5 ,v cc =5v ta = 2 5 ,v cc =5v unless otherwise specified parameter symbol 9:; condition min. typ. max. unit output stage <=%!>? output saturation voltage upper side v ce sat hi c =0.8a - 1.0 1.4 v @=%!>? output saturation voltage lower side v ce sat li c =0.8a - 1.0 1.4 v <=%!a#& output leakage current upper side irh v mm =60v, v out =0v - - 10 b a @=%!a#& output leakage current lower side irl v out =60v, v rs =0v - - 10 b a <=,)-#.c diode forward drop upper side v f hi f =0.8a - 1.3 1.6 v @=,)-#.c diode forward drop lower side v f li f =0.8a - 1.3 1.5 v logic stage v cc de& 2 fg on h logic supply current 2 circuit on i cc (on) v ena =0a - 25 33 ma v cc de& 2 fg off h logic supply current 2 circuit off i cc (off) v ena =5v - 19 26 ma phase/enable/decay i h j ! phase/enable/decay i h j input voltage v pha/ena/dec h2.3-v cc v phase/enable/decay i l j ! phase/enable/decay i l j input voltage v pha/ena/dec lgnd-0.8v phase/enable/decay i h j !& phase/enable/decay i h j input current i pha/ena/dec hv pha/ena/dec =5v - - 10 b a phase/enable i l j !& phase/enable i l j input current i pha/ena lv pha/ena =0v - -100 -150 b a decay i l j !& decay i l j input current i dec lv dec =0v - -200 -300 b a vref !& vref input current i ref v ref =0v - -1 -10 b a vs !& vs input current is vs=0v - -1 -10 b a klmnopqr chopping frequency f chop ct=4700pf,rt=13k s -22- khz t(nuno$)v blanking time t b ct=4700pf - 2.2 - b s vs wx vs maximum voltage v s (max) --1.0 v yz[(#v\]^_& thermal alarm leakage current i r (alm) v alm =5v - - 10 b a yz[(#v`a\]& thermal alarm output current i alm v alm =0.5v - - 2 ma yz[(#v`a56 thermal alarm operating temperature t alm - 140 - www.shindengen.co.jp/product/semi/ u170-1 recommended external components value recommended operating conditions ta = 2 5 ta = 2 5 unless otherwise specified !"#$%& setting of output current and chopping frequency output current setting a chopping frequency setting hz '()* typical application symbol bc recommendation unit rs 0.68 s rt 13 k s ct 4700 pf r1+r2 d 10 k s parameter symbol bc recommendation unit 7856 junction temperature t j -25 120 logic supply voltage v cc 4.75 5.25 v "#$ load supply voltage v mm 5 54 v constant current waveform motor current ichop t=1/fchop lchop vref rs fchop 1 0.72 ct rt www.shindengen.co.jp/product/semi/ u170-1 +,-. truth table e : don't care !/01 pin assignment marking side view mtd2005 ena a or b pha a or b out 1 or 4 out 2 or 3 lllh lhhl h e off off decay decay mode switching transistor l fast both source and sink transistor h slow only source transistor package zip27 pin 27 vs b pin 26 vref b pin 25 vcc pin 24 decay pin 23 phase b pin 22 ena b pin 21 lg b pin 20 vmm b pin 19 nc pin 18 out 4 pin 17 rs b pin 16 nc pin 15 nc pin 14 out 3 pin 13 pg pin 12 out 2 pin 11 rs a pin 10 out 1 pin 9 nc pin 8 vmm a pin 7 lg a pin 6 ena a pin 5 phase a pin 4 cr pin 3 alarm pin 2 vref a pin 1 vs a ] ? ? ]>;tm`oxzm?7 {?] e{w z]?y?s&mmh`?b{ ???tgl^?om?pt a ?w ? + jxz `$s ?tsua{^?? a j;m?? $`om?b{ fw a ?w? ????^u ? \?? .t1?t?b?os??o?m ?z ?ts?a{^??? z?;mw;+z ?t]?;w ?tx ?c? 2tpt?]ww z?y??o<^m{ ptw a ?w ? + jx?<w?ot `os??b{ 2 a j;m3 ?e??z 0 " sw??;+z ?;z;+z-+z " 7 ;+z????y??;+zh?z ?^;+z?1??;+z?;;+s 2?;m3 ;+ lz +sz,e; ?;+z| ??;+zwb w \;+z ? ?;+z?? ;+s 2?;m3 j?? m?3az?;+z?|;+z?';+z \???wh?w ?z3a s ptx ?q ?t qw2 t ?qcr?om?buz ?at az? ? q???`h ?? ?-z ?w- ?-z??^w- ?-sw ?t??alq`o ??zpb??ztq$s?suw-pv??o] u|<^m{ ???tgl^?om?o0xz a ?~?srwh?s??s`t!?b?\quk??bwp]? ?<^ m{ a ?w]?tm`?`ox? 2tpt?hx??3?7 yw ?c?]?y<^m{ ???w?;t?loi?b???hx??vfwvbw ??t`oxzptx ~fw y? ? m?d?{ ???t?loh~ ?hxptw??vfwvbw?at0b?- a?hx?avw?z??o?w pxk??d?{ ???tgl^?om? a ?uz??8t|?u?got,nvf m^?om? ?z ztx? ot,nx?? s ?w z?du ?apb{ ???w ??hx ? ??ptt?p8l?hx ab?\q?nxs??mh`?b{ / p u f t * g z p v x j t i u p v t f b o z t v d i q s p e v d u q m f b t f c f t v s f u p s f g f s u p u i f t q f d j g j d b u j p o t j t t v f e c z 4 i j o e f o h f o " m m q s p e v d u t e f t d s j c f e p s d p o u b j o f e i f s f j o b s f e f t j h o f e x j u i b r v b m j u z m f w f m j o u f o e f e g p s v t f j o t u b o e b s e b q q m j d b u j p o t s f r v j s j o h b o p s e j o b s z m f w f m p g s f m j b c j m j u z * g u i f t f q s p e v d u t b s f u p c f v t f e j o f r v j q n f o u p s e f w j d f t g p s t q f d j b m p s t q f d j g j d b q q m j d b u j p o t s f r v j s j o h b o f y u s f n f m z i j h i h s b e f p g r v b m j u z p s s f m j b c j m j u z j o x i j d i g b j m v s f t p s n b m g v o d u j p o t p g q s p e v d u t n b z e j s f d u m z b g g f d u i v n b o m j g f p s i f b m u i b m p d b m 4 i j o e f o h f o p g g j d f n v t u c f d p o u b d u f e j o b e w b o d f u p d p o g j s n u i b u u i f j o u f o e f e v t f p g u i f q s p e v d u j t b q q s p q s j b u f 4 i j o e f o h f o q s p e v d u t b s f h s p v q f e j o u p u i f g p m m p x j o h u i s f f b q q m j d b u j p o t b d d p s e j o h u i f r v b m j u z h s b e f 2 4 u b o e b s e b q q m j d b u j p o t3 $ p n q v u f s t p g g j d f b v u p n b u j p o b o e p u i f s p g g j d f f r v j q n f o u d p n n v o j d b u j p o u f s n j o b m t u f t u b o e n f b t v s f n f o u f r v j q n f o u b v e j p w j t v b m f r v j q n f o u b n v t f n f o u f r v j q n f o u d p o t v n f s f m f d u s p o j d t n b d i j o f u p p m t q f s t p o b m f m f d u s p o j d f r v j q n f o u j o e v t u s j b m f r v j q n f o u f u d 2 4 q f d j b m b q q m j d b u j p o t3 5 s b o t q p s u b u j p o f r v j q n f o u w f i j d m f t t i j q t f u d |