Part Number Hot Search : 
DB929B DB929B MS1512 ECG197 1300S LTC24 C450M1 G6381
Product Description
Full Text Search
 

To Download MP6501A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MP6501A 8v to 35v, 2.5a stepper motor driver with integrated mosfets MP6501A rev. 1.11 www.monolithicpower.com 1 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. the future of analog ic technology description the MP6501A is a stepper motor driver with a built-in micro stepping translator. it operates from a supply voltage of up to 35v and can deliver motor current up to 2.5a. the MP6501A can operate a bipolar stepper motor in full-, half-, quarter-, and eighth- step modes. internal safety features include over-current protection, input over-voltage protection, uvlo and thermal shutdown. the part has a fixed 3.3v reference output, which allows it to operate without any control power supply and work with any microcontroller. ron of the switches is as low as 220m ? . current sensing is done by external resistors. the MP6501A comes in a space-saving tssop-28 package with exposed thermal pad. features ? wide 8v to 35v input voltage range ? two internal full bridge pwm converters ? low on resistance(hs:220m ? ; ls:220m ? ) ? no control power supply required ? simple logic interface ? 3.3 and 5 v compatible logic supply ? full-, half-, quarter-, and eighth- step functionality ? 2.5a maximum output current ? adjustable mixed decay ratio ? over-current protection ? input ovp function ? thermal shutdown and uvlo protection ? space-saving tssop-28 ep package ? fault indication output applications ? bipolar stepper motors ? printers a ll mps parts are lead-free and adhere to the rohs directive. for mps green status, please visit mps website unde r products, quality assurance page. ?mps? and ?the future of analog ic technology? are registered trademarks o f monolithic power systems, inc. typical application
MP6501A ?35v, 2.5a microstepping motor driver with integrated fet MP6501A rev. 1.11 www.monolithicpower.com 2 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. ordering information part number* package top marking MP6501Agf tssop-28 ep see below * for tape & reel, add suffix ?z (e.g. MP6501Agf?z) top marking mps: mps prefix: yy: year code; ww: week code: MP6501A: part number; lllllllll: lot number; package reference top view nenbl nfault nsleep dir ms1 nrset vg cpa 3p3vout bout2 bout1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 MP6501A cpb vcp vin aout2 sena aout1 senb vin step ms2 nhome rosc mds ms3 exposed pad on backside connected to gnd vref sena senb
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 3 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. absolute maxi mum ratings (1) supply voltage v in ......................... ?0.3v to 40v xoutx voltage v a/bout1/2 ................ -0.7v to 40v vcp, cpb ................................... v in to v in +6.5v esd rating (hbd) ....................................... 2kv sena, senb .......................................... 700mv all other pins to agnd (except for 3p3vout and vg) ................................................. -0.3v to 6.5v continuous power dissipation (t a = +25c) (2) ?????????????????....3.9w storage temperature ............... -55 ? c to +150 ? c junction temperature ............................ +150 ? c lead temperature (solder).................... +260 ? c recommended operating conditions (3) supply voltage v in .............................. 8v to 35v output current i a,bout ................................ 2.5a operating junction temp. (t j ). -40c to +125c thermal resistance (4) ja jc tssop-28 ep (9.7mmx6.4mm) ................................................ 32 ....... 6 .... ? c/w notes: 1) exceeding these ratings may damage the device. 2) the maximum allowable power dissipation is a function of the maximum junction temperature t j (max), the junction-to- ambient thermal resistance  ja , and the ambient temperature t a . the maximum allowable continuous power dissipation at any ambient temperature is calculated by p d (max) = (t j (max)-t a )/  ja . exceeding the maximum allowable powe r dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. internal thermal shutdown circuitry protects the device from permanent damage. 3) the device is not guaranteed to function outside of its operating conditions. 4) measured on jesd51-7, 4-layer pcb.
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 4 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. electrical characteristics v in =24v, t a = +25c, unless otherwise noted. parameter symbol condition min typ max units power supply input supply voltage v in 8 24 35 v quiescent current i q v in =24v; nenbl=0; nsleep=1, with no load 7 10 ma i sleep v in =24v; nsleep=0 1 a voltage regulator 3p3vout reference output v 3p3 iout=1ma 3.2 3.3 3.45 v internal mosfets output on resistance r hs v in =24v, i out =1a, t j =25c 0.22 0.35 ? v in =24v, i out =1a, t j =85c 0.25 ? r ls v in =24v, i out =1a, t j =25c 0.22 0.35 ? v in =24v, i out =1a, t j =85c 0.25 ? body diode forward voltage v f i out =1.5a 1.3 v control logic input logic ?low? threshold v il all logic pins 0.6 v input logic ?high? threshold v ih all logic pins 2 v logic input current i in ( h ) v ih =5v -25 25 a i in ( l ) v il =0.8v -8 8 a internal pull down resistance r pd all logic pins 530 k ? nhome nfault outputs(open-drain outputs) output low voltage v ol i o =5ma 0.5 v output high leakage current i oh v o =3.3v 1 a protection circuit uvlo rising threshold v in rise 6.5 7 7.7 v uvlo hysteresis (5) v hys 970 mv input ovp threshold v ovp 36 37.9 40 v input ovp hysteresis ? v ovp 600 mv over-current trip level i ocp1 sinking 3.5 6.75 10 a i ocp2 sourcing 3.5 6.75 10 a over-current deglitch time (5) t ocp 1 s thermal shutdown (5) t tsd 165 o c thermal shutdown hysteresis (5) ? t tsd 30 o c
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 5 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. electrical characteristics (continued) v in =24v, t a = +25c, unless otherwise noted. current control constant off time t off r t =200k ? 20 30 40 s blanking time t blank 2 s crossover dead time t dt hs off to ls on or ls off to hs on for one bridge arm 400 ns vref input current i ref v ref =3.3v 3.5 a senx trip voltage v trip v ref =3.3v, 100% (no switch in test mode) 600 645 700 mv current trip accuracy ? i trip v ref =3.3v, 70%-100% -5 5 % v ref =3.3v, 38%-64% -10 10 % v ref =3.3v, 19%-30% -15 15 % v ref =3.3v, <10% -20 20 % charge pump frequency f cp 525 khz notes: 5) not tested in production.
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 6 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. typical characteristics
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 7 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. typical performanc e characteristics v in =24v, i out =2.5a, t a =25c, f step =500hz, resistor+inductor load: r=3.3ohm, l=1.5mh/channel, automatic decay, unless otherwise noted.
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 8 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. typical performanc e characteristics (continued) v in =24v, i out =2.5a, t a =25c, f step =500hz, resistor+inductor load: r=3.3ohm, l=1.5mh/channel, automatic decay, unless otherwise noted.
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 9 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. pin functions pin # name description 1 cpa charge pump capacitor. connect a 100nf ceramic capacitor between these pins. the capacitor needs to be rated for at least the voltage applied to vin. 2 cpb 3 vcp charge pump output. requires a 1uf 16v ceramic capacitor to vin. 4,13 vin input supply voltage. both vin pi ns must be connected to the same supply. 5 aout1 bridge a output terminal 1. 6,7 sena bridge a sense resistor connector. connect to current sensor resistor for bridge a. 8 aout2 bridge a output terminal 2. 9 bout2 bridge b output terminal 2. 10,11 senb bridge b sense resistor connector. connect to current sensor resistor for bridge b. 12 bout1 bridge b output terminal 1. 14 nsleep sleep mode input. logic low to enter low-power sleep mode. internal pull down. 15 vg low side mosfets gate driver. decouple with a 1uf 16v ceramic capacitor to gnd. 16 nrset reset input. logic low initializes the translator and control logic circuit. internal pull down. 17 nenbl enable input. logic high to disable the bridge outputs and translator operation, logic low to enable. internal pull down. 18 ms3 mode select. see ?microstep select? below for details. ms1-ms3 sets the step mode ? full-, half-, quarter-, or eighth- step. internal pull down. 19 ms2 20 ms1 21 dir direction input. logic level sets direction of rotation. internal pull down. 22 step step input. rising edge sequences the translator and advances the motor one increment. internal pull down. 23 nfault fault indication. open-drain output type, l ogic low when in fault condition (ocp, otp, ovp). 24 nhome home position. open-drain output type, logic low when at home state of step table. 25 rosc constant off time setting input. connect a resistor to gnd. 26 mds mixed decay setting. see ?decay modes? below for details. 27 vref reference voltage input. voltage applied to this pin defines the current through the motor. can be connected to 3p3vout. 28 3p3vout 3.3v regulator output. decouple with a 0.47 f 6.3v ceramic capacitor to gnd.
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 10 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. block diagram gate driver gate driver control logic internal reference & regulator motor charge pump cpa cpb vcp vin aout1 aout2 bout1 bout2 rosc vref step dir ms1 ms2 ms3 nenbl nsleep 3p3vout c vin 3.3v vin sena translator MP6501A senb internal vcc vin nrset nhome nfault ocp ocp ocp mds pwm timer blanking time mixed decay dac vref dac uvlo& ovp r t r sense r sense vg ls gate driver senb sena 100nf 1 f 1 f ocp 1/5 1/5 figure 1: functional block diagram
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 11 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. operation the MP6501A is a bipolar stepper motor driver that integrates 8 n-channel power mosfets arranged as 2 full-bridges, with 2.5a current capability over a wide input voltage range of 8v to 35v. it is designed to operate bipolar stepper motors in full-, half-, quarter-, and eighth- step modes. the current in each of the two output full-bridges is regulated with programmable constant off-time pwm (pulse width modulated) control circuitry. at each step, the current for each full-bridge is set by the value of its external current sense resistor, a reference voltage (v ref ), and the output voltage of its dac which is controlled by the output of the translator. stepping the motor moves step by step by applying a series of pulses to the step pin. a rising edge on the step input sequences the translator one increment in the direction set by the level of the dir input. the translator controls the input to the dacs and the direction of current flow in each winding. the amplitude of the increment is determined by the state of inputs ms1, ms2 and ms3 (see table 1). the step input minimum high/low pulse width is 1us. the logic control signals msx and dir require at least 200ns setup time and hold time to the step rising edge. time duration symbol typ. unit step minimum high pulse width t a 1 s step minimum low pulse width t b 1 s setup time, input change to step t c 200 ns hold time, input change to step t d 200 ns figure 2: logic timing diagram the motor winding currents are regulated by a programmable constant off-time pwm current control circuit. this operates as follows: ? initially, a diagonal pair of mosfets turns on so current can flow through the motor winding. ? the current increases in the motor winding, which is sensed by an external sense resistor (r sense ). during the initial blanking time t blank , the high-side mosfet always turns on regardless of current limit detection. ? when the voltage across r sense reaches the current regulation threshold, the internal current comparator either shuts off the high-side mosfet so the winding inductance current freewheels through the two low-side mosfets (slow decay), or turns on the opposite diagonal pair of mosfets so the current flows back to the input (fast decay). ? the current keeps decreasing for the constant off-time. ? the cycle then repeats. the constant off-time, t off , is determined by the selection of an external resistor r t which is approximated by off t t (ns) 190 r (k ) ??? the full-scale (100%) current limit threshold is calculated by ref max limit sense v i 5r ? ? ? the dac output reduces the v ref output to the current sense comparator in precise steps (see table 2 for %i trip-limit at each step). trip limit trip limit max limit i%ii ??? ? microstep select (ms1, ms2, ms3) the step mode is selected by applying logic high and low voltages to the ms1, ms2 and ms3 pins as shown in table 1. the MP6501A supports full-, half-, quarter-, and eighth- step modes for progressively finer step
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 12 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. resolution and control. full step has four states with each motor winding driven with either 70.7% maximum positive current or 70.7% maximum negative current. this provides four steps per electrical rotation. half step creates 8 steps per electrical rotation. quarter- and eighth- step provide 16 and 32 steps per rotation respectively. table 2 shows the relative current level sequence for different settings of msx. table 1: stepping format ms3 ms2 ms1 step mode l l l full step l l h half step l h l quarter step l h h eighth step h l l reserved h l h reserved h h l reserved h h h reserved decay modes during the pwm off time, the output current decay can operate in slow, fast, or mixed decay, depending on the voltage level at the mds input, and any current change commanded by a step transition. if the voltage on the mds input pin is less than 2.5v, then mixed decay mode with adjustable fast decay ratio is selected. the time that the device operates in fast decay is approximated by: off mds fd tvvt ??? 4.0)( after this fast decay portion t fd , the device will switch to slow decay mode for the remainder of the constant off-time period. note that if the mds pin is set to 0v (connected to ground), slow decay is used for the entire off time. if the voltage at the mds input is greater than 2.8 v, then automatic decay mode is selected. in automatic decay mode, if the commanded current level is equal or higher than the level at the previous step, then slow decay is selected; if current level is lower than previous level, then mixed decay with fixed 30% fast decay ratio is selected. nrset, nsleep, and nenbl operation when the nrset pin is set to low, the excitation position is forcibly set to the home position. the step input signal is ignored during this period. driving nsleep low will put the device into a low power sleep state. in this state, the gate drive charge pump and 3p3vout regulator is stopped; all the internal circuits and h-bridge outputs are disabled. all inputs are ignored when nsleep is active low. when waking up from sleep mode, some time (approximately 1 ms) needs to pass before issuing a step command, to allow the internal circuitry to stabilize. the nenbl pin is used to control the output drivers. when nenbl is low, the output h- bridge outputs are enabled, and rising edges on the step pin are recognized. when nenbl is high, the h-bridge outputs are disabled, and the step input is ignored. blanking time there is usually a current spike during the switching transition due to the body diode?s reverse-recovery current or the distributed inductance or capacitance. this current spike requires filtering to prevent it from erroneously shutting down the high-side mosfet. an internal fixed blanking time t blank blanks the output of the current sense comparator when the outputs are switched, which is also the minimum on time for high-side mosfet. in automatic decay mode, if the current limit is reached within the blanking time, the mixed decay with 30% fast decay ratio is performed after the blanking time. charge pump the MP6501A integrates an internal charge pump to generate gate drive voltage for the high-side mosfets. the charge pump requires a 100nf ceramic capacitor (rated for at least the voltage applied to vin) to be connected between the cpa and cpb pins, and a 1uf 16v ceramic capacitor connected between vcp and vin. fault MP6501A provides a nfault pin, which reports the system if the protection circuit operates by detecting a fault condition such as ocp, otp and ovp. this pin is of the open- drain output type and will be driven low once
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 13 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. the fault condition occurs. if the fault condition is released, the nfault pin would be pulled to high level. over-current protection the over-current protection circuit limits the current through the fet by disabling the gate driver. if the over-current limit threshold is reached and lasts for longer than the over- current deglitch time, all mosfets in the h- bridge will be disabled and the nfault pin will be driven low. the driver will remain disabled and is reset to enable state after 5ms(typ). after 5 times auto-recovery, the chip will shutdown if the over-current condition still exists. over-current conditions on both high and low side devices; i.e., a short to ground, supply, or across the motor winding will all result in an over-current shutdown. note that over-current protection does not use the current sense circuitry used for pwm current control, and is independent of the sense resistor value or vref voltage. over-voltage protection if the input voltage on the vin pin is higher than the ovp threshold, the h-bridge output will be disabled and the nfault pin will be driven low. this protection is released when vin drops to a safe level. input uvlo protection if at any time the voltage on the vin pin falls below the under-voltage lockout threshold voltage, all circuitry in the device will be disabled and internal logic will be reset. operation will resume when vin rises above the uvlo threshold. thermal shutdown if the die temperature exceeds safe limits, all mosfets in the h-bridge will be disabled and the nfault pin will be driven low. once the die temperature has fallen to a safe level operation will automatically resume.
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 14 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. table 2: relative current level sequence home position is at step angle 45 1/8 step # 1/4 step # half step # full step # phase a current %i trip- limit (%) phase b current %i trip- limit (%) step angle (c) 1 1 1 100.00 0.00 0.0 2 98.08 19.51 11.3 3 2 92.39 38.27 22.5 4 83.15 55.56 33.8 5 3 2 1 70.71 70.71 45.0 6 55.56 83.15 56.3 7 4 38.27 92.39 67.5 8 19.51 98.08 78.8 9 5 3 0.00 100.00 90.0 10 -19.51 98.08 101.3 11 6 -38.27 92.39 112.5 12 -55.56 83.15 123.8 13 7 4 2 -70.71 70.71 135.0 14 -83.15 55.56 146.3 15 8 -92.39 38.27 157.5 16 -98.08 19.51 168.8 17 9 5 -100.00 0.00 180.0 18 -98.08 -19.51 191.3 19 10 -92.39 -38.27 202.5 20 -83.15 -55.56 213.8 21 11 6 3 -70.71 -70.71 225.0 22 -55.56 -83.15 236.3 23 12 -38.27 -92.39 247.5 24 -19.51 -98.08 258.8 25 13 7 0.00 -100.00 270.0 26 19.51 -98.08 281.3 27 14 38.27 -92.39 292.5 28 55.56 -83.15 303.8 29 15 8 4 70.71 -70.71 315.0 30 83.15 -55.56 326.3 31 16 92.39 -38.27 337.5 32 98.08 -19.51 348.8
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 15 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. i a 1 2 3 4 5 6 7 8 9 1011121314151617181920212223242526272829303132 i b figure 3a: full step (4 step sequences) 1 2 3 4 5 6 7 8 9 1011121314151617181920212223242526272829303132 i a i b figure 3b: half step (8 step sequences)
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets MP6501A rev. 1.11 www.monolithicpower.com 16 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. nhome figure 3c: quarter step (16 step) figure 3d: eighth step (32 step)
MP6501A ? 35v, 2.5a microstepping moto r driver with integrated fets notice: the information in this document is subject to change wi thout notice. please contact m ps for current specifications. users should warrant and guarantee that third party intellectual property rights ar e not infringed upon when integrating mps products into any application. mps will not assume any legal responsibility for any said applications. MP6501A rev. 1.11 www.monolithicpower.com 17 8/22/2016 mps proprietary information. patent protec ted. unauthorized photocopy and duplication prohibited. ? 2016 mps. all rights reserved. package information tssop-28 ep (exposed pad) side view note: 1) all dimensions are in millimeters. 2) package length does not include mold flash, protrusion or gate burr. 3) package width does not include interlead flash or protrusion. 4) lead coplanarity (bottom of leads after forming) shall be 0.10 millimeters max. 5) drawing conforms to jedec mo-153, variation aet. 6) drawing is not to scale. detail a  0.45 0.75 0 o -8 o 0.25 bsc gauge plane 9.60 9.80 pin 1 id 4.30 4.50 6.20 6.60 1 14 15 28 top view 0.09 0.20 see detail "a" bottom view 2.60 3.10 5.40 5.90 0.19 0.30 seating plane 0.65 bsc 0.80 1.05 1.20 max 0.00 0.15 front view recommended land pattern 5.80 typ 1.60 typ 0.40 typ 0.65 bsc 3.20 typ 6.00 typ


▲Up To Search▲   

 
Price & Availability of MP6501A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X