Part Number Hot Search : 
AOP610L 40006 ASA2812S 74HCT27D MA568 A6393 A6393 LM358
Product Description
Full Text Search
 

To Download MBR60200PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc website www.iscsemi.com isc & iscsemi is registered trademark 1 schottky barrier rectifier MBR60200PT features plastic material used carriers unerwriter laboratory metal silicon rectifier, majonty carrier conduction low power loss,high efficiency guard ring for transient protection high surge capability,high current capability 1 00% avalanche tested minimum lot-to-lot variations for robust device performance and reliable operation applications for use in low voltage ,high frequency inverters,free wheeling and polarity protection applications. absolute maximum ratings(ta=25 ) symbol parameter value unit v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc blocking voltage 200 v v r(rms) rms reverse voltag 140 v i f(av) average rectified forward current 60 a i fsm nonrepetitive peak surge current 8.3ms single half sine-wave superimposed on rated load conditions 400 a i rrm peak repetitive reverse surge current (20 s, 1.0khz) 1.0 a t j junction temperature -55~150 t stg storage temperature range -65~175 dv/dt voltage rate of change (rated v r ) 1,000 v/ s
, 1 & + $ 1 * ( 6 h p l f r q g x f w r u l v f z h e v l w h ? z z z  l v f v h p l  f r p l v f l v f v h p l l v u h j l v w h u h g w u d g h p d u n  6 f k r w w n \ % d u u l h u 5 h f w l i l h u 0 % 5      3 7 7 + ( 5 0 $ / & + $ 5 $ & 7 ( 5 , 6 7 , & 6 6 < 0 % 2 / 3 $ 5 $ 0 ( 7 ( 5 0 $ ; 8 1 , 7 5 w k m  f 7 k h u p d o 5 h v l v w d q f h  - x q f w l r q w r & d v h      : ( / ( & 7 5 , & $ / & + $ 5 $ & 7 ( 5 , 6 7 , & 6 3 x o v h 7 h v w  3 x o v h : l g w k    - v  ' x w \ & \ f o h 0   6 < 0 % 2 / 3 $ 5 $ 0 ( 7 ( 5 & 2 1 ' , 7 , 2 1 6 0 $ ; 8 1 , 7 9 ) 0 d [ l p x p , q v w d q w d q h r x v ) r u z d u g 9 r o w d j h , )   $  7 f       9 , 5 0 d [ l p x p , q v w d q w d q h r x v 5 h y h u v h & x u u h q w 9 5 9 5 : 0  7 f        p $ 9 5 9 5 : 0  7 f        


▲Up To Search▲   

 
Price & Availability of MBR60200PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X