Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download MBR10150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) features mechanical dat a maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. o c outline low power loss, high efficiency. high current capability, low forward voltage drop. high surge capability. guardring for overvoltage protection. ultra high-speed switching. silicon epitaxial planar chip, metal silicon junction. suffix " h " indicates halogen-free part, ex.mbr1040 f ct h . lead- free parts meet environmental standards of m i l-std-19500 /228 ? ? ? ? ? ? ? ? case : ito-220ab molded plastic body over passivated chip ? lead : axial leads, solderable per mil-std-202, method 208 guranteed ? polarity: color band denotes cathode end ? mounting position : any ? weight : approximated 2.25 gram ? epoxy : ul94-v0 rated flame retardant . . . . . . mbr1040 f ct thru mbr10200 f ct 10a high power schottky barrier rectifiers i o i fsm i r c j t stg forward rectified current forward surge current reverse current thermal resistance storage temperature parameter see fig.1 8.3ms single half sine-wave superimposed on rate load (jedec method) o v = v t = 25 c r rrm a o v = v t = 125 c r rrm a conditions symbol min. typ. max. unit -55 +175 150 10 0.1 10 125 a a ma o c/w o c 30 r ja junction to ambient diode junction capacitance pf f=1mhz and applied 4v dc reverse voltage operating temperature o t ( c) j -55 ~ +150 -55 ~ +175 max. forward voltage o @5a, t = 25 c a v (v) f 0.79 0.70 0.81 0.87 max. dc blocking voltage v (v) r max. rms voltage v (v) rms 31.5 42 45.5 28 70 105 max. repetitive peak reverse voltage v (v) rrm 45 60 65 40 100 150 marking code mbr1045 f ct mbr1060 f ct mbr1065 f ct mbr1040 f ct mbr10100 f ct mbr10150 f ct symbol max. forward voltage o @5a, t = 125 c a v (v) f 0.70 0.57 0.71 0.77 mbr10200 f ct mbr1045 f ct mbr1060 f ct mbr1065 f ct mbr1040 f ct mbr10100 f ct mbr10150 f ct mbr10200 f ct 200 45 60 65 40 100 150 200 0.90 0.80 140 ito-220ab pin 1 pin 3 pin 2 marking code 0.408(10.36) 0.382(9.70) 0.138(3.50) max 0.600(15.5) 0.580(14.5) 0.339(8.60) 0.315(8.00) 1 2 3 0.171(4.35)max 0.512(13.0) 0.189(4.80) 0.165(4.20) 0.035(0.90) 0.012(0.30) 0.110(2.80) 0.130(3.30) 0.098(2.50) 0.031(0.80)max min 0.091(2.30) 0.055(1.4) 0.039(1.0) 0.114(2.90) 0.098(2.50) 0.067(1.7) 0.039(1.0) ht t p : // www.lgesem i .c o m mail:lge@lgesemi.com revision:201 70 7 01 -p1
rating and characteristic curves instantaneous forward voltage (volts) fig.1 - forward current derating curve a verage forward current (a) 0 2 5 50 75 100 125 150 175 o lead temperature ( c) fig. 2 - maximum non-repetitive peak forward surge current p eak forward surge current (a) n umber of cycles at 60 hz 12 10 8.0 6.0 4.0 2.0 r esistive or inductive load resistive or inductive load 1 10 100 fig. 3.1 - instantaneous forward characteristics instantaneous forward voltage (volts) i nstantaneous forward current (a) 0.2 0.4 0.6 0.8 1.0 1.2 o t =25 c j fig. 3.2 - instantaneous forward characteristics instantaneous forward voltage (volts) i nstantaneous forward current (a) 0 0.2 0.4 0.6 0.8 1.0 50 10 1.0 0.5 o t =25 c j o t =125 c j mbr1040 f ct mbr10100 f ct percent of rated peak reverse voltage ( %) fig. 4 - reverse characteristics i nstantaneous reverse current (ma) 0 10 20 30 40 50 60 70 80 90 100 o t =25 c j o t =75 c j o t =125 c j o t =150 c j fig. 3.3 - instantaneous forward characteristics i nstantaneous forward current (a) 1 00 10 1 0 0.2 0.4 0.6 0.8 1.0 1.2 o t =25 c j o t =125 c j mbr10150 f ct mbr10200 f ct mbr1060 f ct o t =125 c j 150 125 100 75 50 25 0 100 10 1 0.1 0.01 0.001 0.0001 50 10 1 0.1 0.01 mbr1040 f ct~mbr10100 f ct h t t p : // www.lgesem i . c o m m ail:lge@lgesemi.com revision:201 70 7 01 -p 1 mbr1040 f ct thru mbr10200 f ct 10a high power schottky barrier rectifiers mbr10150 f ct~mbr10200 f ct single phase half wave 60hz p a c k a g e s p q / p c s c a r t o n s p q / p c s c a r t o n s i z e / c m c a r t o n g w / k g c a r t o n n w / k g t o - 2 2 0 a b 5 0 / t u b e ; 1 0 0 0 / b o x 5 0 0 0 5 8 x 2 3 . 5 x 1 8 1 5 . 0 0 1 3 . 0 0


▲Up To Search▲   

 
Price & Availability of MBR10150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X