Part Number Hot Search : 
AC100 N5551 TVW7JR43 UDN2962 Z5221B 22200 SA211 BU42XXF
Product Description
Full Text Search
 

To Download MBR10150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m b r 1 0 1 5 0 f c t 1 0 a m p h i gh v o l t a g e power schottky barrier rectifier 150 volts features high junction temperature capability low forward voltage maximum ratings operating junction temperature: -5 0 c to +150 c storage temperature: -5 0 c to +150 c mcc catalog number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage MBR10150FCT 150v 105v 150v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 10 a t c = 100 c peak forward surge current i fsm 120a 8.3ms, half sine maximum instantaneous forward voltage maximum dc reverse current at rated dc blocking voltage i to-220ab i r 50u a t j = 25 c * pulse test: pulse width 380usec , duty cycle 2% revision: 3 2006/05/02 v f .92v i f = 5a; .75v i f = 5a; t j = 25 c t j = 125 c  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 -- - 10.30 n .0 98 .11 4 2. 50 2.9 0         c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 51 2 .5 43 13 .00 13.80 h .100 2.55 i -- - . 035 --- 0.90 j -- - . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 13 0 --- 3.30 o --- . 055 --- 1.40 pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2 o f tm micro commercial components ? case material: molded plastic. ul flammability classification rating 94v-0 ? marking : type number www. mccsemi .com 1 of 3
mbr 1 01 50f ct instantaneous reverse leakage current - micro amperes versus rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 75 8 10 figure 2 typical reverse characteristics volts mcc 1 100 4 0 20 40 60 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 80 100 120 revision: 3 2006/05/02 maximum forward characteristics figure 1 instantaneous forward current - amperes versus instantaneous forward voltage - volts amps 2 5 c volts 0 0. 2 0. 4 0. 6 0.1 1.0 10 100 12 0. 8 1.0 1.2 1 . 1.4 uamps 0 50 100 125 75 25 150 1.8 2.0 1.6 0.01 0.1 1.0 10 100 1000 10000 100000 t j = 25 c t j = 75 c t j = 125 c t j = 150 c tm micro commercial components www.mccsemi.com 2 of 3
mcc www.mccsemi .com revision: 3 2006/05/02 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MBR10150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X